Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AUP2G79 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74AUP2G79
Description  Low-power dual D-type flip-flop; positive-edge trigger
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP2G79 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74AUP2G79 Datasheet HTML 6Page - NXP Semiconductors 74AUP2G79 Datasheet HTML 7Page - NXP Semiconductors 74AUP2G79 Datasheet HTML 8Page - NXP Semiconductors 74AUP2G79 Datasheet HTML 9Page - NXP Semiconductors 74AUP2G79 Datasheet HTML 10Page - NXP Semiconductors 74AUP2G79 Datasheet HTML 11Page - NXP Semiconductors 74AUP2G79 Datasheet HTML 12Page - NXP Semiconductors 74AUP2G79 Datasheet HTML 13Page - NXP Semiconductors 74AUP2G79 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
74AUP2G79_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 30 June 2009
10 of 21
NXP Semiconductors
74AUP2G79
Low-power dual D-type flip-flop; positive-edge trigger
CL = 15 pF
tpd
propagation
delay
nCP to nQ; see Figure 8
[2]
VCC = 0.8 V
-
26.6
-
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
3.5
7.1
13.6
3.2
15.6
3.2
17.2
ns
VCC = 1.4 V to 1.6 V
2.8
5.0
9.2
2.5
10.7
2.5
11.8
ns
VCC = 1.65 V to 1.95 V
2.4
4.1
7.1
2.2
8.5
2.2
9.4
ns
VCC = 2.3 V to 2.7 V
2.2
3.2
5.4
1.9
6.3
1.9
7.0
ns
VCC = 3.0 V to 3.6 V
2.0
2.9
4.5
1.6
5.0
1.6
5.5
ns
fmax
maximum
frequency
nCP; see Figure 9
VCC = 0.8 V
-
50
-
-
-
-
-
MHz
VCC = 1.1 V to 1.3 V
-
181
-
120
-
120
-
MHz
VCC = 1.4 V to 1.6 V
-
301
-
190
-
160
-
MHz
VCC = 1.65 V to 1.95 V
-
407
-
240
-
190
-
MHz
VCC = 2.3 V to 2.7 V
-
422
-
300
-
270
-
MHz
VCC = 3.0 V to 3.6 V
-
481
-
320
-
300
-
MHz
CL = 30 pF
tpd
propagation
delay
nCP to nQ; see Figure 8
[2]
VCC = 0.8 V
-
36.8
-
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
4.7
9.3
17.3
4.2
23.3
4.2
25.6
ns
VCC = 1.4 V to 1.6 V
3.8
6.4
11.8
3.3
14.3
3.3
15.7
ns
VCC = 1.65 V to 1.95 V
3.3
5.3
9.4
3.0
11.3
3.0
12.4
ns
VCC = 2.3 V to 2.7 V
3.0
4.3
7.0
2.7
8.5
2.7
9.4
ns
VCC = 3.0 V to 3.6 V
2.8
3.9
5.8
2.6
7.2
2.6
7.9
ns
fmax
maximum
frequency
nCP; see Figure 9
VCC = 0.8 V
-
28
-
-
-
-
-
MHz
VCC = 1.1 V to 1.3 V
-
128
-
70
-
70
-
MHz
VCC = 1.4 V to 1.6 V
-
206
-
120
-
110
-
MHz
VCC = 1.65 V to 1.95 V
-
262
-
150
-
120
-
MHz
VCC = 2.3 V to 2.7 V
-
269
-
190
-
170
-
MHz
VCC = 3.0 V to 3.6 V
-
309
-
200
-
190
-
MHz
Table 8.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 10.
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C
−40 °C to +125 °C Unit
Min
Typ[1]
Max
Min
Max
Min
Max


Similar Part No. - 74AUP2G79

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP2G79 NEXPERIA-74AUP2G79 Datasheet
279Kb / 19P
   Low-power dual D-type flip-flop; positive-edge trigger
Rev. 11 - 3 December 2020
74AUP2G79-Q100 NEXPERIA-74AUP2G79-Q100 Datasheet
235Kb / 15P
   Low-power dual D-type flip-flop; positive-edge trigger
74AUP2G79DC NEXPERIA-74AUP2G79DC Datasheet
279Kb / 19P
   Low-power dual D-type flip-flop; positive-edge trigger
Rev. 11 - 3 December 2020
74AUP2G79DC-Q100 NEXPERIA-74AUP2G79DC-Q100 Datasheet
235Kb / 15P
   Low-power dual D-type flip-flop; positive-edge trigger
74AUP2G79GN NEXPERIA-74AUP2G79GN Datasheet
279Kb / 19P
   Low-power dual D-type flip-flop; positive-edge trigger
Rev. 11 - 3 December 2020
More results

Similar Description - 74AUP2G79

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2G80 NXP-74AUP2G80 Datasheet
95Kb / 18P
   Low-power dual D-type flip-flop; positive-edge trigger
Rev. 02-1 August 2007
logo
Nexperia B.V. All right...
74AUP2G79-Q100 NEXPERIA-74AUP2G79-Q100 Datasheet
235Kb / 15P
   Low-power dual D-type flip-flop; positive-edge trigger
logo
NXP Semiconductors
74AUP2G80 PHILIPS-74AUP2G80 Datasheet
94Kb / 18P
   Low-power dual D-type flip-flop; positive-edge trigger
Rev. 01-25 August 2006
74AUP2G80 NXP-74AUP2G80_08 Datasheet
111Kb / 20P
   Low-power dual D-type flip-flop; positive-edge trigger
Rev. 04-2 June 2008
logo
Nexperia B.V. All right...
74AUP2G79 NEXPERIA-74AUP2G79 Datasheet
279Kb / 19P
   Low-power dual D-type flip-flop; positive-edge trigger
Rev. 11 - 3 December 2020
74AUP2G80 NEXPERIA-74AUP2G80 Datasheet
279Kb / 19P
   Low-power dual D-type flip-flop; positive-edge trigger
Rev. 11 - 7 December 2020
logo
NXP Semiconductors
74AUP1G79 PHILIPS-74AUP1G79 Datasheet
97Kb / 20P
   Low-power D-type flip-flop; positive-edge trigger
Rev. 01-12 September 2005
74AUP1G79 NXP-74AUP1G79 Datasheet
113Kb / 20P
   Low-power D-type flip-flop; positive-edge trigger
Rev. 03-3 August 2009
74AUP1G80 NXP-74AUP1G80 Datasheet
103Kb / 18P
   Low-power D-type flip-flop; positive-edge trigger
Rev. 01-20 October 2006
logo
Nexperia B.V. All right...
74AUP1G79 NEXPERIA-74AUP1G79 Datasheet
305Kb / 21P
   Low-power D-type flip-flop; positive-edge trigger
Rev. 8 - 24 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com