Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AUP2G38GT Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74AUP2G38GT
Description  Low-power dual 2-input NAND gate; open drain
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP2G38GT Datasheet(HTML) 3 Page - NXP Semiconductors

  74AUP2G38GT Datasheet HTML 1Page - NXP Semiconductors 74AUP2G38GT Datasheet HTML 2Page - NXP Semiconductors 74AUP2G38GT Datasheet HTML 3Page - NXP Semiconductors 74AUP2G38GT Datasheet HTML 4Page - NXP Semiconductors 74AUP2G38GT Datasheet HTML 5Page - NXP Semiconductors 74AUP2G38GT Datasheet HTML 6Page - NXP Semiconductors 74AUP2G38GT Datasheet HTML 7Page - NXP Semiconductors 74AUP2G38GT Datasheet HTML 8Page - NXP Semiconductors 74AUP2G38GT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
74AUP2G38_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 8 October 2009
3 of 17
NXP Semiconductors
74AUP2G38
Low-power dual 2-input NAND gate; open drain
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 4.
Pin configuration SOT765-1 (VSSOP8)
Fig 5.
Pin configuration SOT833-1 (XSON8)
74AUP2G38
1A
VCC
1B
1Y
2Y
2B
GND
2A
001aaf547
1
2
3
4
6
5
8
7
74AUP2G38
2B
1Y
VCC
2A
2Y
1B
1A
GND
001aaf548
36
27
18
45
Transparent top view
Fig 6.
Pin configuration SOT996-2 (XSON8U)
Fig 7.
Pin configuration SOT902-1 (XQFN8U)
001aak747
74AUP2G38
Transparent top view
8
7
6
5
1
2
3
4
1A
1B
2Y
GND
VCC
1Y
2B
2A
001aaf034
1B
2B
1A
2Y
1Y
2A
Transparent top view
3
6
1
5
7
2
terminal 1
index area
74AUP2G38
Table 3.
Pin description
Symbol
Pin
Description
SOT765-1, SOT833-1 and
SOT996-2
SOT902-1
1A, 2A
1, 5
7, 3
data input
1B, 2B
2, 6
6, 2
data input
GND
4
4
ground (0 V)
1Y, 2Y
7, 3
1, 5
data output
VCC
8
8
supply voltage


Similar Part No. - 74AUP2G38GT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2G38GT PHILIPS-74AUP2G38GT Datasheet
86Kb / 16P
   Low-power dual 2-input NAND gate (open-drain)
Rev. 01-16 October 2006
logo
Nexperia B.V. All right...
74AUP2G38GT NEXPERIA-74AUP2G38GT Datasheet
252Kb / 17P
   Low-power dual 2-input NAND gate; open drain
Rev. 10 - 3 December 2020
More results

Similar Description - 74AUP2G38GT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2G38 PHILIPS-74AUP2G38 Datasheet
86Kb / 16P
   Low-power dual 2-input NAND gate (open-drain)
Rev. 01-16 October 2006
logo
Nexperia B.V. All right...
74AUP2G38 NEXPERIA-74AUP2G38 Datasheet
252Kb / 17P
   Low-power dual 2-input NAND gate; open drain
Rev. 10 - 3 December 2020
74LVC2G38 NEXPERIA-74LVC2G38 Datasheet
303Kb / 20P
   Dual 2-input NAND gate; open drain
Rev. 14 - 21 June 2022
logo
NXP Semiconductors
74AUP1G38 NXP-74AUP1G38 Datasheet
91Kb / 15P
   Low-power 2-input NAND gate (open drain)
Rev. 03-22 June 2009
logo
Nexperia B.V. All right...
74AUP1G38 NEXPERIA-74AUP1G38 Datasheet
269Kb / 18P
   Low-power 2-input NAND gate (open drain)
Rev. 9 - 16 August 2022
logo
STMicroelectronics
74V2G03 STMICROELECTRONICS-74V2G03 Datasheet
132Kb / 7P
   DUAL 2-INPUT OPEN DRAIN NAND GATE
logo
NXP Semiconductors
74LVC2G38 NXP-74LVC2G38 Datasheet
102Kb / 16P
   Dual 2-input NAND gate; open drain
Rev. 07-20 March 2009
74LVC2G38 PHILIPS-74LVC2G38 Datasheet
90Kb / 15P
   Dual 2-input NAND gate (open drain)
2004 Oct 18
logo
STMicroelectronics
74V2T03 STMICROELECTRONICS-74V2T03 Datasheet
128Kb / 7P
   DUAL 2-INPUT OPEN DRAIN NAND GATE
logo
NXP Semiconductors
74LVC1G38 NXP-74LVC1G38 Datasheet
84Kb / 15P
   2-input NAND gate; open drain
Rev. 03-27 August 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com