Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AUP1T98GF Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74AUP1T98GF
Description  Low-power configurable gate with voltage-level translator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1T98GF Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74AUP1T98GF Datasheet HTML 4Page - NXP Semiconductors 74AUP1T98GF Datasheet HTML 5Page - NXP Semiconductors 74AUP1T98GF Datasheet HTML 6Page - NXP Semiconductors 74AUP1T98GF Datasheet HTML 7Page - NXP Semiconductors 74AUP1T98GF Datasheet HTML 8Page - NXP Semiconductors 74AUP1T98GF Datasheet HTML 9Page - NXP Semiconductors 74AUP1T98GF Datasheet HTML 10Page - NXP Semiconductors 74AUP1T98GF Datasheet HTML 11Page - NXP Semiconductors 74AUP1T98GF Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
74AUP1T98_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 6 March 2008
8 of 17
NXP Semiconductors
74AUP1T98
Low-power configurable gate with voltage-level translator
[1]
One input at 0.3 V or 1.1 V, other input at VCC or GND.
[2]
One input at 0.45 V or 1.2 V, other input at VCC or GND.
11. Dynamic characteristics
IOFF
power-off leakage current
VI or VO = 0 V to 3.6 V; VCC = 0 V
-
-
±0.75
µA
∆IOFF
additional power-off
leakage current
VI or VO = 0 V to 3.6 V;
VCC = 0 V to 0.2 V
--
±0.75
µA
ICC
supply current
VI = GND or VCC; IO = 0 A;
VCC = 2.3 V to 3.6 V
-
-
3.5
µA
∆ICC
additional supply current
VCC = 2.3 V to 2.7 V; IO = 0 A
[1] --
7
µA
VCC = 3.0 V to 3.6 V; IO = 0 A
[2] --
22
µA
Table 8.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Table 9.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 13.
Symbol Parameter
Conditions
25
°C
−40 °C to +125 °C
Unit
Min
Typ[1]
Max
Min
Max
(85
°C)
Max
(125
°C)
VCC = 2.3 V to 2.7 V; VI = 1.65 V to 1.95 V
tpd
propagation delay
A, B, C to Y; see Figure 12
[2]
CL = 5 pF
2.0
3.6
5.7
0.5
6.8
7.5
ns
CL = 10 pF
2.5
4.2
6.3
1.0
7.9
8.7
ns
CL = 15 pF
2.9
4.6
6.9
1.0
8.7
9.6
ns
CL = 30 pF
3.9
5.8
8.3
1.5
10.8
11.9
ns
VCC = 2.3 V to 2.7 V; VI = 2.3 V to 2.7 V
tpd
propagation delay
A, B, C to Y; see Figure 12
[2]
CL = 5 pF
1.7
3.4
5.6
0.5
6.0
6.6
ns
CL = 10 pF
2.1
4.0
6.3
1.0
7.1
7.9
ns
CL = 15 pF
2.5
4.5
6.9
1.0
7.9
8.7
ns
CL = 30 pF
3.4
5.6
8.4
1.5
10.0
11.0
ns
VCC = 2.3 V to 2.7 V; VI = 3.0 V to 3.6 V
tpd
propagation delay
A, B, C to Y; see Figure 12
[2]
CL = 5 pF
1.3
3.2
5.2
0.5
5.5
6.1
ns
CL = 10 pF
1.8
3.7
5.9
1.0
6.5
7.2
ns
CL = 15 pF
2.2
4.2
6.5
1.0
7.4
8.2
ns
CL = 30 pF
3.1
5.4
7.9
1.5
9.5
10.5
ns
VCC = 3.0 V to 3.6 V; VI = 1.65 V to 1.95 V
tpd
propagation delay
A, B, C to Y; see Figure 12
[2]
CL = 5 pF
2.0
2.9
4.1
0.5
8.0
8.8
ns
CL = 10 pF
2.4
3.5
4.8
1.0
8.5
9.4
ns
CL = 15 pF
2.8
3.9
5.4
1.0
9.1
10.1
ns
CL = 30 pF
3.6
5.1
6.9
1.5
9.8
10.8
ns


Similar Part No. - 74AUP1T98GF

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP1T98GM NEXPERIA-74AUP1T98GM Datasheet
263Kb / 17P
   Low-power configurable gate with voltage-level translator
Rev. 7 - 27 January 2022
74AUP1T98GN NEXPERIA-74AUP1T98GN Datasheet
263Kb / 17P
   Low-power configurable gate with voltage-level translator
Rev. 7 - 27 January 2022
74AUP1T98GS NEXPERIA-74AUP1T98GS Datasheet
263Kb / 17P
   Low-power configurable gate with voltage-level translator
Rev. 7 - 27 January 2022
74AUP1T98GW NEXPERIA-74AUP1T98GW Datasheet
263Kb / 17P
   Low-power configurable gate with voltage-level translator
Rev. 7 - 27 January 2022
74AUP1T98GW-Q100 NEXPERIA-74AUP1T98GW-Q100 Datasheet
225Kb / 14P
   Low-power configurable gate with voltage-level translator
More results

Similar Description - 74AUP1T98GF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1T58 NXP-74AUP1T58 Datasheet
101Kb / 17P
   Low-power configurable gate with voltage-level translator
Rev. 02-29 September 2009
logo
Fairchild Semiconductor
74AUP1T97 FAIRCHILD-74AUP1T97 Datasheet
530Kb / 11P
   Low Power Configurable Gate with Voltage-Level Translator
logo
Nexperia B.V. All right...
74AUP1T97-Q100 NEXPERIA-74AUP1T97-Q100 Datasheet
235Kb / 15P
   Low-power configurable gate with voltage-level translator
Rev. 3 - 27 January 2022
74AUP1T58 NEXPERIA-74AUP1T58 Datasheet
267Kb / 18P
   Low-power configurable gate with voltage-level translator
Rev. 7 - 26 January 2022
logo
NXP Semiconductors
74AUP1T97 NXP-74AUP1T97 Datasheet
89Kb / 17P
   Low-power configurable gate with voltage-level translator
Rev. 01-25 October 2007
logo
Nexperia B.V. All right...
74AUP1T98-Q100 NEXPERIA-74AUP1T98-Q100 Datasheet
225Kb / 14P
   Low-power configurable gate with voltage-level translator
74AUP1T57 NEXPERIA-74AUP1T57 Datasheet
265Kb / 17P
   Low-power configurable gate with voltage-level translator
Rev. 7 - 26 January 2022
logo
NXP Semiconductors
74AUP1T57 NXP-74AUP1T57 Datasheet
102Kb / 17P
   Low-power configurable gate with voltage-level translator
Rev. 02-3 August 2009
logo
Nexperia B.V. All right...
74AUP1T97 NEXPERIA-74AUP1T97 Datasheet
280Kb / 19P
   Low-power configurable gate with voltage-level translator
Rev. 8 - 27 January 2022
74AUP1T98 NEXPERIA-74AUP1T98 Datasheet
263Kb / 17P
   Low-power configurable gate with voltage-level translator
Rev. 7 - 27 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com