Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CL-435F-WQ Datasheet(PDF) 1 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CL-435F-WQ
Description  Mono-Color Side-Lighting Type
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CL-435F-WQ Datasheet(HTML) 1 Page - CITIZEN ELECTRONICS CO., LTD.

  CL-435F-WQ Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
59
● ● ● ● ● ● ● ● ● ● ●
側面発光・単色タイプ
CL-435F シリーズ
Mono-Color Side-Lighting Type
CL-435F Series
VF(V)
1
5
10
20
50
100
200
IF-VF 特性
IF-VF Characteristics
2.5
3.0
3.5
4.0
4.5
5.0
T a (°C)
3.0
3.2
3.4
3.6
3.8
4.0
VF-Ta 特性
VF-Ta Characteristics
-20
0
20
40
60
80
100
IF=20mA
I F(mA)
5
10
100
1000
5000
IV-IF 特性
IV-IF Characteristics
20
50
100
200
IV-Ta 特性
IV-Ta Characteristics
T a (°C)
-20
0
20
40
60
80
100
0
5
10
15
20
25
30
IF
max-Ta 特性
IFmax-Ta Characteristics
T a (°C)
-20
0
20
40
60
80
100
120
20
40
60
80
100
30
°
20
°
10
°
0
°
10
°
20
°
30
°
指向特性
Directive Characteristics
0
50
°
40
°
60
°
70
°
80
°
90
°
50
°
40
°
60
°
70
°
80
°
90
°
0.5
1
5
10
50
WN
WQ
WN
WQ
WN
WQ
推奨はんだ付けパターン
The following soldering patterns are recommended for
reflow-soldering:
●外形寸法図/Outline drawing
単位/Unit : mm
■ 諸特性/Characteristics
2.8(L)×0.85(W)×0.4(H)mm
● 薄型バックライト用の白色LEDです。推奨
導光板は0.4mm厚です。
● 超薄型タイプです。
● White LED for thin-shaped backlight.
Recommended thickness of optical
waveguide is 0.4 mm.
● Ultra thin type.
※外形寸法図は、<WN> <WQ>とも共通となります。
※The dimensional outline drawings are common in <WN>, and <WQ>.
(4)
(3)
(2)
(3) (4)
(1)
(1)
(1.4)
2.8
0.6
0.95
4-R0.2
1.85
0.6
0.3
0.3
はんだ付け電極
LED素子
LED die
樹脂
Resin
Reflector
Soldering terminal
(2)
Polarity
極性
リフローはんだ用
For reflow soldering
0.6
0.6
0.6
0.6
0.3
0.3
部品中心
Center
Pd
IF
IFP※2
VR
Top
Tst
Product code
(mW)
(mA)
(mA)
(V)
(℃)
(℃)
CL-435F-WN
114
30
100
5
−25∼+85 −30∼+90
CL-435F-WQ
114
30
100
5
−25∼+85 −30∼+90
※1 1素子当たりの値です。/The values are based on 1-die performance.
※2 IFPの条件はduty1/10、
パルス巾30msecです。/Condition for IFP is pulse of 1/10 duty and 30msec width.
●絶対最大定格/Absolute Maximum Rating※1
(Ta 25℃)
※1 1素子当たりの値です。/The values are based on 1-die performance.
※2 NIST規格に準拠、各素子同時点灯の値です。
  Compliant with NIST. The values are based on the condition that each die lights simultaneously.
※3 色度座標は、a、b、c、d、e、fに囲まれた範囲です。/Chromaticity coordinates is surrounded with a,b,c,d,e,f.
●電気的光学的特性/Electro-optical Characteristics
(Ta 25℃)
Parameter
Symbol
Conditions
MIN
TYP
MAX
Unit
順電圧/
CL-435F-WN
VF
IF=20mA
ー3.2
3.6
V
CL-435F-WQ
ー3.3
3.6
逆電流/Reverse Current※1
IR
VR=5V
2
μA
光度/
CL-435F-WN
IV
860
1150
mcd
Luminous Intensity※2
CL-435F-WQ
1000
1380
x(±0.02) y(±0.02)
a
0.268
0.228
b
0.284
0.256
色度座標/Chromaticity coordinates※3
x, y
IF=20mA
c
0.309
0.286
d
0.307
0.308
e
0.275
0.275
f
0.252
0.247
Forward Voltage※1
IF=20mA
For
Back-
light


Similar Part No. - CL-435F-WQ

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CL-430F CITIZEN-CL-430F Datasheet
394Kb / 1P
   Mono-Color Side-Lighting Type
CL-430F-WN CITIZEN-CL-430F-WN Datasheet
394Kb / 1P
   Mono-Color Side-Lighting Type
CL-430F-WQ CITIZEN-CL-430F-WQ Datasheet
394Kb / 1P
   Mono-Color Side-Lighting Type
logo
List of Unclassifed Man...
CL-430S ETC-CL-430S Datasheet
349Kb / 8P
   ULTRA SMALL CHIP LEDS FOR USE IN VARIOUS ELECTRONIC PRODUCTS
logo
CITIZEN ELECTRONICS CO....
CL-431F CITIZEN-CL-431F Datasheet
393Kb / 1P
   Mono-Color Side-Lighting Type
More results

Similar Description - CL-435F-WQ

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CL-432F CITIZEN-CL-432F Datasheet
393Kb / 1P
   Mono-Color Side-Lighting Type
CL-270 CITIZEN-CL-270 Datasheet
503Kb / 1P
   Mono-Color Side-Lighting Type
CL-Z482T CITIZEN-CL-Z482T Datasheet
86Kb / 1P
   Mono-Color Side-Lighting Type
CL-430F CITIZEN-CL-430F Datasheet
394Kb / 1P
   Mono-Color Side-Lighting Type
CL-434F CITIZEN-CL-434F Datasheet
437Kb / 1P
   Mono-Color Side-Lighting Type
CL-270 CITIZEN-CL-270_12 Datasheet
97Kb / 1P
   Mono-Color Side-Lighting Type
CL-Z482S CITIZEN-CL-Z482S Datasheet
390Kb / 1P
   Mono-Color Side-Lighting Type
CL-840S CITIZEN-CL-840S_12 Datasheet
90Kb / 1P
   Mono-Color Side-Lighting Type
CL-482T CITIZEN-CL-482T_12 Datasheet
83Kb / 1P
   Mono-Color Side-Lighting Type
CL-830S CITIZEN-CL-830S_12 Datasheet
82Kb / 1P
   Mono-Color Side-Lighting Type
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com