Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CL-430F Datasheet(PDF) 1 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CL-430F
Description  Mono-Color Side-Lighting Type
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CL-430F Datasheet(HTML) 1 Page - CITIZEN ELECTRONICS CO., LTD.

  CL-430F Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
55
● ● ● ● ● ● ● ● ● ● ●
側面発光・単色タイプ
CL-430F シリーズ
Mono-Color Side-Lighting Type
CL-430F Series
VF(V)
1
5
10
20
50
100
200
IF-VF 特性
IF-VF Characteristics
2.5
3.0
3.5
4.0
4.5
5.0
20
50
100
200
IV-Ta 特性
IV-Ta Characteristics
T a (°C)
-20
0
20
40
60
80
100
T a (°C)
3.0
3.2
3.4
3.6
3.8
4.0
VF-Ta 特性
VF-Ta Characteristics
-20
0
20
40
60
80
100
IF=20mA
I F(mA)
5
10
100
1000
5000
IV-IF 特性
IV-IF Characteristics
0.5
1
5
10
50
0
5
10
15
20
25
30
IF
max-Ta 特性
IFmax-Ta Characteristics
T a (°C)
-20
0
20
40
60
80
100
120
20
40
60
80
100
30
°
20
°
10
°
0
°
10
°
20
°
30
°
指向特性
Directive Characteristics
0
50
°
40
°
60
°
70
°
80
°
90
°
50
°
40
°
60
°
70
°
80
°
90
°
WN
WQ
WN
WQ
WN
WQ
WN
WQ
WN
WQ
リフローはんだ用
For reflow soldering
0.6
0.3
0.3
0.3
0.6
0.6
0.6
部品中心
/Center
極性/Polarity
(1.4)
2.8
(1)
(2)
(3)
(4)
LED素子
/LED die
/Reflector
樹脂
/Resin
はんだ付け電極
/Soldering terminal
0.3
0.6
0.6
0.3
0.95
1.85
2-R0.3
2-R0.2
(1)
(2)
(3)
(4)
■ 諸特性/Characteristics
2.8(L)×1.0(W)×1.0(H)mm
● 薄型バックライト用の白色LEDです。推奨
導光板は1.0mm厚です。
● White LED for thin-shaped backlight.
Recommended thickness of optical
waveguide is 1.0 mm.
※外形寸法図は、<WN> <WQ>とも共通となります。
※The dimensional outline drawings are common in <WN>, and <WQ>.
Pd
IF
IFP※2
VR
Top
Tst
Product code
(mW)
(mA)
(mA)
(V)
(℃)
(℃)
CL-430F-WN
114
30
100
5
−25∼+85 −30∼+90
CL-430F-WQ
114
30
100
5
−25∼+85 −30∼+90
※1 1素子当たりの値です。/The values are based on 1-die performance.
※2 IFPの条件はduty1/10、
パルス巾30msecです。
/Condition for IFP is pulse of 1/10 duty and 30msec width.
●絶対最大定格/Absolute Maximum Rating※1
(Ta 25℃)
※1 1素子当たりの値です。/The values are based on 1-die performance.
※2 NIST規格に準拠、各素子同時点灯の値です。
  Compliant with NIST. The values are based on the condition that each die lights simultaneously.
※3 色度座標は、a、b、c、d、e、fに囲まれた範囲です。/Chromaticity coordinates is surrounded with a,b,c,d,e,f.
●電気的光学的特性/Electro-optical Characteristics
(Ta 25℃)
Parameter
Symbol
Conditions
MIN
TYP
MAX
Unit
順電圧/
CL-430F-WN
VF
IF=20mA
ー3.2
3.6
V
CL-430F-WQ
ー3.3
3.6
逆電流/Reverse Current※1
IR
VR=5V
2
μA
光度/
CL-430F-WN
IV
1200
1680
mcd
Luminous Intensity※2
CL-430F-WQ
1400
2000
x(±0.02) y(±0.02)
a
0.268
0.228
b
0.284
0.256
色度座標/Chromaticity coordinates※3
x, y
IF=20mA
c
0.309
0.286
d
0.307
0.308
e
0.275
0.275
f
0.252
0.247
Forward Voltage※1
IF=20mA
推奨はんだ付けパターン
The following soldering patterns are recommended for
reflow-soldering:
●外形寸法図/Outline drawing
単位/Unit : mm
For
Back-
light


Similar Part No. - CL-430F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CL-430S ETC-CL-430S Datasheet
349Kb / 8P
   ULTRA SMALL CHIP LEDS FOR USE IN VARIOUS ELECTRONIC PRODUCTS
More results

Similar Description - CL-430F

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CL-432F CITIZEN-CL-432F Datasheet
393Kb / 1P
   Mono-Color Side-Lighting Type
CL-270 CITIZEN-CL-270 Datasheet
503Kb / 1P
   Mono-Color Side-Lighting Type
CL-435F CITIZEN-CL-435F Datasheet
399Kb / 1P
   Mono-Color Side-Lighting Type
CL-Z482T CITIZEN-CL-Z482T Datasheet
86Kb / 1P
   Mono-Color Side-Lighting Type
CL-434F CITIZEN-CL-434F Datasheet
437Kb / 1P
   Mono-Color Side-Lighting Type
CL-270 CITIZEN-CL-270_12 Datasheet
97Kb / 1P
   Mono-Color Side-Lighting Type
CL-Z482S CITIZEN-CL-Z482S Datasheet
390Kb / 1P
   Mono-Color Side-Lighting Type
CL-840S CITIZEN-CL-840S_12 Datasheet
90Kb / 1P
   Mono-Color Side-Lighting Type
CL-482T CITIZEN-CL-482T_12 Datasheet
83Kb / 1P
   Mono-Color Side-Lighting Type
CL-830S CITIZEN-CL-830S_12 Datasheet
82Kb / 1P
   Mono-Color Side-Lighting Type
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com