Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TN9-4A11 Datasheet(PDF) 2 Page - Ferroxcube International Holding B.V.

Part # TN9-4A11
Description  Ferrite toroids
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

TN9-4A11 Datasheet(HTML) 2 Page - Ferroxcube International Holding B.V.

  TN9-4A11 Datasheet HTML 1Page - Ferroxcube International Holding B.V. TN9-4A11 Datasheet HTML 2Page - Ferroxcube International Holding B.V. TN9-4A11 Datasheet HTML 3Page - Ferroxcube International Holding B.V. TN9-4A11 Datasheet HTML 4Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2008 Sep 01
1609
Ferroxcube
Ferrite toroids
TN9/6/3
RING CORES (TOROIDS)
Effective core parameters
Coating
The cores are coated with polyamide 11 (PA11), flame
retardant in accordance with “UL 94V-2”; UL file number
E 45228 (M).
The colour is white.
Maximum operating temperature is 160
°C.
Isolation voltage
DC isolation voltage: 1000 V.
Contacts are applied on the edge of the ring core, which is
also the critical point for the winding operation.
SYMBOL
PARAMETER
VALUE
UNIT
Σ(I/A)
core factor (C1)
5.17
mm−1
Ve
effective volume
102
mm3
Ie
effective length
22.9
mm
Ae
effective area
4.44
mm2
m
mass of core
≈ 0.5
g
Fig.1 TN9/6/3 ring core.
Dimensions in mm.
handbook, halfpage
;;
;;
;;
;;
CBW315
5.4
±0.3
3.4
±0.25
coating PA11
(
≈0.3)
9.5
±0.3
Ring core data
GRADE
AL
(nH)
µi
TYPE NUMBER
4C65
30
± 25%
≈ 125
TN9/6/3-4C65
4A11
170
± 25%
≈ 700(1)
1.
Old permeability specification maintained.
TN9/6/3-4A11
3R1(2)
2.
Due to the rectangular BH-loop of 3R1, inductance values strongly depend on the magnetic state of the ring core and measuring
conditions. Therefore no AL value is specified. For the application in magnetic amplifiers AL is not a critical parameter.
−≈ 800
TN9/6/3-3R1
3F3
440
± 25%
≈ 1800
TN9/6/3-3F3
3C90
560
± 25%
≈ 2300
TN9/6/3-3C90
3E25
1340
± 30%
≈ 5500
TN9/6/3-3E25
WARNING
Do not use 3R1 cores close to their mechanical resonant frequency. For more information refer to “3R1” material
specification in this data handbook.


Similar Part No. - TN9-4A11

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
TN9019 APITECH-TN9019 Datasheet
76Kb / 1P
   RF AMPLIFIER MODEL
TN9030 APITECH-TN9030 Datasheet
118Kb / 1P
   RF AMPLIFIER MODEL
TN9054 APITECH-TN9054 Datasheet
109Kb / 1P
   RF AMPLIFIER MODEL
TN9091 APITECH-TN9091 Datasheet
66Kb / 1P
   RF AMPLIFIER MODEL
TN9101 APITECH-TN9101 Datasheet
68Kb / 1P
   RF AMPLIFIER MODEL
More results

Similar Description - TN9-4A11

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
TC3.5-3E28 FERROXCUBE-TC3.5-3E28 Datasheet
43Kb / 3P
   Ferrite toroids
TC2.5-4A11 FERROXCUBE-TC2.5-4A11 Datasheet
43Kb / 3P
   Ferrite toroids
TC3.1-4A11 FERROXCUBE-TC3.1-4A11 Datasheet
44Kb / 3P
   Ferrite toroids
TN20-10-7 FERROXCUBE-TN20-10-7 Datasheet
44Kb / 3P
   Ferrite toroids
TN26-15-20 FERROXCUBE-TN26-15-20 Datasheet
45Kb / 3P
   Ferrite toroids
TX14-9-5 FERROXCUBE-TX14-9-5 Datasheet
43Kb / 3P
   Ferrite toroids
TX80-40-15 FERROXCUBE-TX80-40-15 Datasheet
43Kb / 3P
   Ferrite toroids
TC3.5-3E27 FERROXCUBE-TC3.5-3E27 Datasheet
43Kb / 3P
   Ferrite toroids
TC3.9-3E28 FERROXCUBE-TC3.9-3E28 Datasheet
43Kb / 3P
   Ferrite toroids
TC7.6-3C90 FERROXCUBE-TC7.6-3C90 Datasheet
45Kb / 3P
   Ferrite toroids
TN13-4C65 FERROXCUBE-TN13-4C65 Datasheet
47Kb / 4P
   Ferrite toroids
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com