Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD-111-56 Datasheet(PDF) 1 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # PD-111-56
Description  56mm / NEMA23 High Performance Stepper Motor with with Controller / Driver and Serial Interface
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

PD-111-56 Datasheet(HTML) 1 Page - TRINAMIC Motion Control GmbH & Co. KG.

  PD-111-56 Datasheet HTML 1Page - TRINAMIC Motion Control GmbH & Co. KG.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PANdrives
MECHATRONIC DRIVES WITH STEPPER MOTOR
INFO
M A IN CH A R AC T ER IS T ICS
www.trinamic.com – for detailed information and datasheets
10 mm
ELECTRICAL
DATA
15V to 36V supply voltage
5A RMS nominal motor current (7A peak)
MOTOR DATA
total length 85mm
max. torque 0.78Nm
up to 1200 RPM at 0,56Nm
5A RMS max. coil current
INTERFACE
RS-232, RS-485 or CAN 2.0b, I2C
two inputs for reference and stop switches
1 general purpose input and output
FEATURES
high accuracy 64 times micro-stepping
high current for highly dynamic drive
EEPROM for 2048 TMCL commands
automatic ramp generation in hardware
on the fly alteration of motion parameters
(e.g. position, velocity, acceleration)
stallGuardTM for sensorless motor
stall detection
full step frequencies up to 20kHz
dynamic current control
SOFTWARE
stand alone operation using TMCL
or remote controlled operation
PC-based application development
software TMCL-IDE included
OTHER
pluggable JST connectors /
cables included
RoHS compliant
PD-
111-56
56mm / NEMA23
High Performance
Stepper Motor with
with Controller / Driver
and Serial Interface
ORDER CODE
DESCRIPTION
PD-111-56 (-option)
PANdrive 0.78 Nm with high speed motor
OPTIONS
485
RS-232, I2C and RS-485 interface
CAN
RS-232, I2C and CAN interface
The PD-111-56 is a full mechatronic solution including a 56mm
flange high torque motor. The low resistance of the motor coils
and the supported high motor current allows highly dynamic
operation. The driver electronics supports up-to 64 micro-steps.
The PD-111-56 can be controlled via RS-232, IIC, RS-485 or CAN,
interfaces. For connection of power supply and motor coils
screw connectors are available. Communication interfaces and
multi purpose I/Os can be connected via small JST connectors.
The PD-111-56 comes with the PC based software develop-
ment environment TMCL-IDE for the Trinamic Motion Control
Language (TMCL). Using predefined TMCL high level commands
like „move to position“ or „constant rotation“ a rapid and fast
development of motion control applications is guaranteed. Com-
munication traffic is kept very low since all time critical opera-
tions, e.g. ramp calculation are performed on board. The TMCL
program can be stored in the on board EEPROM for stand-alone
operation. With the stallGuardTM feature it is possible to detect
motor overload or motor stall.
PD-111-56
14..37V DC
REF-
Switches
2
2
high power
Driver
TMC249
5V Power Supply
I/Os
Step
Motor
TMCL
Memory
MOSFET
Driver
Stage
Step/Dir
RS-232
RS-485
CAN
IIC
programmable
Motion
Controller
with TMC428
Sequencer
70


Similar Part No. - PD-111-56

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
PD-111-42 TRINAMIC-PD-111-42 Datasheet
280Kb / 1P
   42mm / NEMA17 High Performance Stepper Motor with Controller / Driver and erial Interface
More results

Similar Description - PD-111-56

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
PD-109-57 TRINAMIC-PD-109-57 Datasheet
213Kb / 1P
   57mm / NEMA23 Stepper Motor with Controller / Driver and Serial Interface
PD-113-57-SE TRINAMIC-PD-113-57-SE Datasheet
87Kb / 1P
   57mm/NEMA23 or 60mm/NEMA24 Stepper Motor with Controller/Driver with Encoder and Serial Interface
PD-110-42 TRINAMIC-PD-110-42 Datasheet
287Kb / 1P
   42mm / NEMA17 Stepper Motor with Controller / Driver and Serial Interface
PD-108-28 TRINAMIC-PD-108-28 Datasheet
257Kb / 1P
   28mm / NEMA11 Stepper Motor with Controller / Driver and Serial Interface
PD-116-60-SE TRINAMIC-PD-116-60-SE Datasheet
135Kb / 1P
   60mm/NEMA24 Stepper Motor with Controller/Driver, with Encoder and Serial Interface
PD-111-42 TRINAMIC-PD-111-42 Datasheet
280Kb / 1P
   42mm / NEMA17 High Performance Stepper Motor with Controller / Driver and erial Interface
PD-140-42-SE TRINAMIC-PD-140-42-SE Datasheet
231Kb / 1P
   42mm/NEMA17 Stepper Motor with Controller/Driver, Encoderand Serial Interface
PD-163-42 TRINAMIC-PD-163-42 Datasheet
267Kb / 1P
   42mm/NEMA17 High Performance BLDC Motor with Controller/Driver and Serial Interface
TMC211 TRINAMIC-TMC211_1 Datasheet
656Kb / 56P
   Micro Stepping Stepper Motor Controller / Driver with LIN Interface
logo
Siemens Semiconductor G...
TLE5250 SIEMENS-TLE5250 Datasheet
142Kb / 22P
   2.5-A High Performance Smart Power Stepper-Motor Driver with Diagnostic Interface
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com