Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD3-109-57 Datasheet(PDF) 1 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # PD3-109-57
Description  57mm / NEMA23 Stepper Motor with Controller / Driver and Serial Interface
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

PD3-109-57 Datasheet(HTML) 1 Page - TRINAMIC Motion Control GmbH & Co. KG.

  PD3-109-57 Datasheet HTML 1Page - TRINAMIC Motion Control GmbH & Co. KG.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PANdrives
MECHATRONIC DRIVES WITH STEPPER MOTOR
INFO
M A IN CH A R AC T ER IS T ICS
www.trinamic.com – for detailed information and datasheets
10 mm
The PD-109-57 is a full mechatronic solution including a 57 mm
flange motor (NEMA23). It combines a convenient controller
electronic with a range of different motor types. The PD-109-57
offers three motor torque options and can be controlled via
RS-232 or RS-485 interface. The power supply, interface and the
multi purpose I/Os can be connected via two pluggable screw
connectors. The PD-109-57 comes with the PC based software
development environment TMCL-IDE for the Trinamic Motion
Control Language (TMCL). Using predefined TMCL high level
commands like „move to position“ or „constant rotation“ a rapid
and fast development of motion control applications is guar-
anteed. Communication traffic is kept very low since all time
critical operations, e.g. ramp calculation are performed onboard.
The TMCL program can be stored in the on-board EEPROM for
stand-alone operation. The firmware of the module can be
updated via the serial interface. With the stallGuard™ feature it
is possible to detect motor overload or motor stall.
ELECTRICAL
DATA
18V to 55V supply voltage
3A RMS nominal motor current
(5A peak possible)
MOTOR DATA
total length: 71 mm / 85 mm / 108 mm:
max. torque 0.47Nm / 0.98Nm / 1.63Nm
please also refer to the motor datasheet
INTERFACE
RS232 and RS485 host interface
2 inputs for reference and stop switches
3 general purpose input and 1 output
FEATURES
up to 16 times microstepping
memory for 2048 TMCL commands
automatic ramp generation in hardware
on the fly alteration of motion parameters
(e.g. position, velocity, acceleration)
stallGuard™ for sensorless
motor stall detection
optically isolated inputs
dynamic current control
SOFTWARE
stand-alone operation using TMCL
or remote controlled operation
PC-based application development
software TMCL-IDE included
OTHER
pluggable screw terminal connectors
for all external signals
RoHS compliant
PD-
109-57
57mm / NEMA23
Stepper Motor with
Controller / Driver
and Serial Interface
ORDER CODE
DESCRIPTION
PD1-109-57 (-option)
PANdrive 0.47 Nm with motor QSH5718-41-30-047
PD2-109-57 (-option)
PANdrive 0.98 Nm with motor QSH5718-55-30-098
PD3-109-57 (-option)
PANdrive 1.63 Nm with motor QSH5718-79-30-163
OPTIONS
RS
RS-232 and RS-485 interface
RS485
5V Power Supply
18 …
55V DC
PD-109-57
MOSFET
Driver
Stage
TMCL
Memory
high power
Driver
TMC249
Step
Motor
programmable
Motion
Controller
with TMC428
RS232
I/Os
REF-Switches
2
83


Similar Part No. - PD3-109-57

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
PD3-108-28-SE TRINAMIC-PD3-108-28-SE Datasheet
257Kb / 1P
   28mm / NEMA11 Stepper Motor with Controller / Driver and Serial Interface
More results

Similar Description - PD3-109-57

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
PD-113-57-SE TRINAMIC-PD-113-57-SE Datasheet
87Kb / 1P
   57mm/NEMA23 or 60mm/NEMA24 Stepper Motor with Controller/Driver with Encoder and Serial Interface
PD-111-56 TRINAMIC-PD-111-56 Datasheet
295Kb / 1P
   56mm / NEMA23 High Performance Stepper Motor with with Controller / Driver and Serial Interface
PD-170-57 TRINAMIC-PD-170-57 Datasheet
311Kb / 1P
   57mm diameter BLDC Encoder Motor with Controller/Driver and Serial Interface
PD-110-42 TRINAMIC-PD-110-42 Datasheet
287Kb / 1P
   42mm / NEMA17 Stepper Motor with Controller / Driver and Serial Interface
PD-108-28 TRINAMIC-PD-108-28 Datasheet
257Kb / 1P
   28mm / NEMA11 Stepper Motor with Controller / Driver and Serial Interface
PD-116-60-SE TRINAMIC-PD-116-60-SE Datasheet
135Kb / 1P
   60mm/NEMA24 Stepper Motor with Controller/Driver, with Encoder and Serial Interface
PD-140-42-SE TRINAMIC-PD-140-42-SE Datasheet
231Kb / 1P
   42mm/NEMA17 Stepper Motor with Controller/Driver, Encoderand Serial Interface
PD-170 TRINAMIC-PD-170_1 Datasheet
148Kb / 2P
   57mm BLDC Motor with Intelligent Electronics and Serial Interface
TMC211 TRINAMIC-TMC211_1 Datasheet
656Kb / 56P
   Micro Stepping Stepper Motor Controller / Driver with LIN Interface
logo
Texas Instruments
DRV8821 TI1-DRV8821_16 Datasheet
4Mb / 32P
[Old version datasheet]   Dual Stepper Motor Controller and Driver
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com