Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L78 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # L78
Description  PNP SILICON PLANAR HIGH GAIN MEDIUM POWER TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

L78 Datasheet(HTML) 1 Page - Zetex Semiconductors

  L78 Datasheet HTML 1Page - Zetex Semiconductors L78 Datasheet HTML 2Page - Zetex Semiconductors L78 Datasheet HTML 3Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
C
B
E
SOT23 PNP SILICON PLANAR HIGH GAIN
MEDIUM POWER TRANSISTOR
ISSUE 1 – DECEMBER 1997
FEATURES
Very low equivalent on-resistance; R
CE(sat)=210mΩ at 1.5A
COMPLEMENTARY TYPE –
FMMTL618
PARTMARKING DETAIL –
L78
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
-20
V
Collector-Emitter Voltage
VCEO
-20
V
Emitter-Base Voltage
VEBO
-5
V
Continuous Collector Current
IC
-1
A
Peak Pulse Current
ICM
-2
A
Base Current
IB
-200
mA
Power Dissipation at Tamb=25°C
Ptot
-500
mW
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
FMMTL718


Similar Part No. - L78

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L78 STMICROELECTRONICS-L78 Datasheet
2Mb / 54P
   Thermal overload protection
November 2016 Rev 34
L78 STMICROELECTRONICS-L78 Datasheet
1Mb / 58P
   Positive voltage regulator ICs
March 2014 Rev 32
L78 STMICROELECTRONICS-L78 Datasheet
1Mb / 55P
   Positive voltage regulator ICs
Rev 36 - September 2018
logo
Guangdong Youtai Semico...
L78 UMW-L78 Datasheet
1Mb / 11P
   Three-terminal positive voltage regulator
logo
STMicroelectronics
L7800 STMICROELECTRONICS-L7800 Datasheet
1Mb / 34P
   POSITIVE VOLTAGE REGULATORS
More results

Similar Description - L78

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT792A ZETEX-FZT792A Datasheet
76Kb / 3P
   PNP SILICON PLANAR HIGH GAIN MEDIUM POWER TRANSISTOR
logo
Diodes Incorporated
ZTX788B DIODES-ZTX788B Datasheet
71Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Zetex Semiconductors
FZT1147A ZETEX-FZT1147A Datasheet
93Kb / 4P
   PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
ZTX792A ZETEX-ZTX792A Datasheet
61Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
ZTX795A ZETEX-ZTX795A Datasheet
60Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Guangdong Kexin Industr...
FZT788B KEXIN-FZT788B Datasheet
38Kb / 2P
   PNP Silicon Planar Medium Power High Gain Transistor
logo
Diodes Incorporated
ZTX789A DIODES-ZTX789A Datasheet
71Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
ZTX790A DIODES-ZTX790A Datasheet
71Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
ZTX718 DIODES-ZTX718_15 Datasheet
96Kb / 4P
   PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
ZTX1147A DIODES-ZTX1147A_15 Datasheet
78Kb / 4P
   PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Zetex Semiconductors
FZT1149A ZETEX-FZT1149A Datasheet
93Kb / 4P
   PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com