Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CIM-86S7B Datasheet(PDF) 1 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CIM-86S7B
Description  Infrared IrDA Compliant Transceiver
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CIM-86S7B Datasheet(HTML) 1 Page - CITIZEN ELECTRONICS CO., LTD.

  CIM-86S7B Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
136
CIM-86S7B
●外形寸法図/Outline drawing
単位/Unit : mm
推奨はんだ付けパターン
The following soldering patterns are recommended for
reflow-soldering:
Item
Symbol
Conditions
Min
Typ
Max Unit
電源電圧
VCC
-2.4
-
5.5
V
Power supply voltage
通信レート
--
2.4
-
115.2 Kbps
Communications rate
消費電流
ICC
No Load
-
113 155
μA
Current drawn
Power Down電流
Iccsd
SD=VCC
-0.01 1.0
μA
Power-down current
No Load
放射強度
Ie
α=±15°
3.6
-
40
mW/sr
Emission strength
VCC=ANODE=3.0V
ピーク発光波長
λp
-
850 875 900
nm
Peak emission wavelength
最小受光感度
Eemin
α=±15°
-
4.0
8.1 μW/cm2
Minimum receiving sensitivity
最大受光感度
Eemax
α=0°
500
-
-
mW/cm2
Maximum receiving sensitivity
レイテンシー
TL
--
-
100
μs
Latency
トランシーバー
Transceiver
受光部
Light sensing
portion
●電気的光学的特性/Electro-optical characteristics
(Ta 25℃)
発光部
Light emitting
portion
●諸特性/Characteristics
40
35
30
25
2.0
3.0
4.0
5.0
LEAD(v)
ILED(mA)
1.2
0.4
2.4
3.45 (3.45)
6.9
2.4
2.3
はんだ付け電極
0.6
2.85 (2.85)
1.9(1.9)
P0.95±0.1×6=5.7±0.1
①LEDA
②LEDK
③TXD
④RXD
⑤SD
⑥VCC
⑦GND
⑧GND
⑨GND
発光中心
受光中心
Soldering terminal
はんだ付け電極
Soldering terminal
Light receiving center
マウント中心
Mounting center
Light emission
center
R1.1
2.85
P0.95x6=5.7
2.85
0.6
マウント中心
Mounting center
CIM-123S12R2
●外形寸法図/Outline drawing
単位/Unit : mm
推奨はんだ付けパターン
The following soldering patterns are recommended for
reflow-soldering:
●諸特性/Characteristics
Item
Symbol
Conditions
Min
Typ
Max Unit
電源電圧
VCC
-2.4
-
3.6
V
Power supply voltage
通信レート
--
2.4
-
115.2 Kbps
Communications rate
消費電流
ICC
No Load
-
113 155
μA
Current drawn
Power Down電流
Iccsd
SD=VCC
-0.01
1
μA
Power-down current
No Load
放射強度
Ie
α=0°
10.5
-
40
mW/sr
Emission strength
VCC=Anode=3V
放射強度
Ie
α
±15°
4.5
-
40
mW/sr
Emission strength
VCC=Anode=3V
ピーク発光波長
λp
-
875 888 900
nm
Peak emission wavelength
最小受光感度
Eemin
α=±15°
-
4.0
8.1 μW/cm2
Minimum receiving sensitivity
最大受光感度
Eemax
α=0°
500
-
-
mW/cm2
Maximum receiving sensitivity
レイテンシー
TL
--
-
100
μs
Latency
トランシーバー
Transceiver
受光部
Light sensing
portion
●電気的光学的特性/Electro-optical characteristics
(Ta 25℃)
発光部
Light emitting
portion
150
100
50
0
0
100
200
300
IF(Ic2+IrLED)(mA)
IF-Ie
特性(α=0˚, Hight Power Mode時)
IF-Ie characteristics (
α=0E, Hight Power Mode)
20
30
40
50
60
10
2.5
3
3.5
4
4.5
5
LEDA(V)
IFled
特性(α=0˚, Low Power Mode時)
IFled characteristics (
α=0E, Low Power Mode)
6.7
2.55
2.55
(3.35)
3.35
マウント中心
0.6
S
0.95
2.85
2.85
P0.95
×6=5.7
⑦ ⑥ ⑤ ④ ③ ② ①
①LEDA
②TXD1
③RXD
④SD
⑤TXD2
⑥Vcc
⑦GND
発光中心
受光中心
Mounting center
Light receiving center
Light emission
center
ロット番号
Lot No.
マウント中心
Mounting center
0.6
2.85
2.85
P0.95
×6=5.7
ベタアース
Grounded wholly


Similar Part No. - CIM-86S7B

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CIM-86S7B CITIZEN-CIM-86S7B Datasheet
429Kb / 1P
   Infrared IrDA Compliant Transceiver
More results

Similar Description - CIM-86S7B

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CIM-131M7 CITIZEN-CIM-131M7 Datasheet
296Kb / 1P
   Infrared IrDA Compliant Transceiver
CIM-51M7 CITIZEN-CIM-51M7 Datasheet
305Kb / 1P
   Infrared IrDA Compliant Transceiver
CIM-150F7RV CITIZEN-CIM-150F7RV Datasheet
300Kb / 1P
   Infrared IrDA Compliant Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-1000 HP-HSDL-1000 Datasheet
159Kb / 10P
   Infrared IrDA Compliant Transceiver
HSDL-1001 HP-HSDL-1001 Datasheet
152Kb / 8P
   Infrared IrDA Compliant Transceiver
logo
CITIZEN ELECTRONICS CO....
CIM-51M7T CITIZEN-CIM-51M7T Datasheet
429Kb / 1P
   Infrared IrDA Compliant Transceiver
CIM-51S12RV CITIZEN-CIM-51S12RV Datasheet
322Kb / 1P
   Infrared IrDA Compliant Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-2100 HP-HSDL-2100 Datasheet
119Kb / 16P
   Infrared IrDA Compliant Transceiver
logo
CITIZEN ELECTRONICS CO....
CIM-123S13R CITIZEN-CIM-123S13R Datasheet
302Kb / 1P
   Infrared IrDA Compliant Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3000 HP-HSDL-3000 Datasheet
367Kb / 16P
   IrDA Data Compliant 115.2 kbps Infrared Transceiver
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com