Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AUP1T45GM Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74AUP1T45GM
Description  Low-power dual supply translating transceiver; 3-state
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1T45GM Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74AUP1T45GM Datasheet HTML 4Page - NXP Semiconductors 74AUP1T45GM Datasheet HTML 5Page - NXP Semiconductors 74AUP1T45GM Datasheet HTML 6Page - NXP Semiconductors 74AUP1T45GM Datasheet HTML 7Page - NXP Semiconductors 74AUP1T45GM Datasheet HTML 8Page - NXP Semiconductors 74AUP1T45GM Datasheet HTML 9Page - NXP Semiconductors 74AUP1T45GM Datasheet HTML 10Page - NXP Semiconductors 74AUP1T45GM Datasheet HTML 11Page - NXP Semiconductors 74AUP1T45GM Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
74AUP1T45_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 3 August 2009
8 of 33
NXP Semiconductors
74AUP1T45
Low-power dual supply translating transceiver; 3-state
IOFF
power-off
leakage current
A port; VI or VO = 0 V to 3.6 V;
VCC(A) =0V; VCC(B) = 1.1 V to 3.6 V
--
±0.5
µA
B port; VI or VO = 0 V to 3.6 V;
VCC(B) =0V; VCC(A) = 1.1 V to 3.6 V
--
±0.5
µA
DIR input; VI or VO = 0 V to 3.6 V;
VCC(A) =0V; VCC(B) = 1.1 V to 3.6 V
--
±0.5
µA
∆IOFF
additional
power-off
leakage current
A port; VI or VO = 0 V to 3.6 V;
VCC(A) = 0 V to 0.2 V; VCC(B) = 1.1 V to 3.6 V
--
±0.6
µA
B port; VI or VO = 0 V to 3.6 V;
VCC(B) = 0 V to 0.2 V; VCC(A) = 1.1 V to 3.6 V
--
±0.6
µA
DIR input; VI or VO = 0 V to 3.6 V;
VCC(A) = 0 V to 0.2 V; VCC(B) = 1.1 V to 3.6 V
--
±0.6
µA
ICC
supply current
A port; VI = GND or VCCI; IO = 0 A
[1]
VCC(A) = VCC(B) = 1.1 V to 3.6 V
-
-
0.9
µA
VCC(A) = 3.6 V; VCC(B) = 0 V
-
-
0.9
µA
VCC(A) = 0 V; VCC(B) = 3.6 V
-
0
-
µA
B port; VI = GND or VCCI; IO = 0 A
[1]
VCC(A) = VCC(B) = 1.1 V to 3.6 V
-
-
0.9
µA
VCC(A) = 3.6 V; VCC(B) = 0 V
-
0
-
µA
VCC(A) = 0 V; VCC(B) = 3.6 V
-
-
0.9
µA
A plus B port (ICC(A) + ICC(B)); IO = 0 A;
VI = GND or VCCI;
VCC(A) =VCC(B) = 1.1 V to 3.6 V
[1] -
-
0.9
µA
∆I
CC
additional supply
current
A port; VCC(A) = VCC(B) = 3.3 V;
AportatVCC(A) − 0.6 V;
DIR at VCC(A); B port = open
--
50
µA
B port; VCC(A) = VCC(B) = 3.3 V;
BportatVCC(B) − 0.6 V;
DIR at GND; A port = open
--
50
µA
DIR input; VCC(A) = VCC(B) = 3.3 V;
AportatVCC(A) or GND; B port = open;
DIR at VCC(A) − 0.6 V
--
50
µA
Tamb = −40 °C to +125 °C
VIH
HIGH-level input
voltage
data input
[1][3]
VCCI = 1.1 V to 1.95 V
0.7
× VCCI
--
V
VCCI = 2.3 V to 2.7 V
1.6
-
-
V
VCCI = 3.0 V to 3.6 V
2.0
-
-
V
DIR input
[1][4]
VCCI = 1.1 V to 1.95 V
0.7
× VCC(A) --
V
VCCI = 2.3 V to 2.7 V
1.6
-
-
V
VCCI = 3.0 V to 3.6 V
2.0
-
-
V
Table 7.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit


Similar Part No. - 74AUP1T45GM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1T45GM PHILIPS-74AUP1T45GM Datasheet
166Kb / 33P
   Low-power dual supply translating transceiver; 3-state
Rev. 01-18 October 2006
logo
Nexperia B.V. All right...
74AUP1T45GM NEXPERIA-74AUP1T45GM Datasheet
435Kb / 33P
   Low-power dual supply translating transceiver; 3-state
Rev. 7 - 26 January 2022
More results

Similar Description - 74AUP1T45GM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1T45 PHILIPS-74AUP1T45 Datasheet
166Kb / 33P
   Low-power dual supply translating transceiver; 3-state
Rev. 01-18 October 2006
74AUP1T45 PHILIPS-74AUP1T45_15 Datasheet
284Kb / 36P
   Low-power dual supply translating transceiver; 3-state
Rev. 5-9 August 2012
logo
Nexperia B.V. All right...
74AUP1T45 NEXPERIA-74AUP1T45 Datasheet
435Kb / 33P
   Low-power dual supply translating transceiver; 3-state
Rev. 7 - 26 January 2022
logo
NXP Semiconductors
74AVCH1T45 NXP-74AVCH1T45_09 Datasheet
124Kb / 22P
   Dual supply translating transceiver; 3-state
Rev. 02-5 May 2009
74LVC2T45 PHILIPS-74LVC2T45_1 Datasheet
1Mb / 36P
   Dual supply translating transceiver; 3-state
Rev. 4-20 August 2010
74LVC1T45 NXP-74LVC1T45 Datasheet
884Kb / 30P
   Dual supply translating transceiver; 3-state
Rev. 02-19 January 2010
74LVC2T45 NXP-74LVC2T45 Datasheet
907Kb / 32P
   Dual supply translating transceiver; 3-state
Rev. 03-19 January 2010
logo
Nexperia B.V. All right...
74LVC2T45 NEXPERIA-74LVC2T45 Datasheet
418Kb / 33P
   Dual supply translating transceiver; 3-state
Rev. 12 - 1 March 2023
74LVC1T45 NEXPERIA-74LVC1T45 Datasheet
386Kb / 30P
   Dual supply translating transceiver; 3-state
Rev. 9 - 10 February 2022
logo
NXP Semiconductors
74AVC1T45 NXP-74AVC1T45 Datasheet
119Kb / 21P
   Dual supply translating transceiver; 3-state
Rev. 02-5 May 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com