Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AUP1G0832GF Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74AUP1G0832GF
Description  Low-power 3-input AND-OR gate
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1G0832GF Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74AUP1G0832GF Datasheet HTML 4Page - NXP Semiconductors 74AUP1G0832GF Datasheet HTML 5Page - NXP Semiconductors 74AUP1G0832GF Datasheet HTML 6Page - NXP Semiconductors 74AUP1G0832GF Datasheet HTML 7Page - NXP Semiconductors 74AUP1G0832GF Datasheet HTML 8Page - NXP Semiconductors 74AUP1G0832GF Datasheet HTML 9Page - NXP Semiconductors 74AUP1G0832GF Datasheet HTML 10Page - NXP Semiconductors 74AUP1G0832GF Datasheet HTML 11Page - NXP Semiconductors 74AUP1G0832GF Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
74AUP1G0832_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 3 July 2009
8 of 16
NXP Semiconductors
74AUP1G0832
Low-power 3-input AND-OR gate
11. Dynamic characteristics
Table 9.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 10.
Symbol Parameter
Conditions
25
°C
−40 °C to +125 °C
Unit
Min
Typ[1]
Max
Min
Max
(85
°C)
Max
(125
°C)
CL = 5 pF
tpd
propagation delay A, B or C to Y; see Figure 9
[2]
VCC = 0.8 V
-
19.5
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
2.5
5.6
11.1
2.2
11.3
12.4
ns
VCC = 1.4 V to 1.6 V
1.9
3.9
6.4
2.0
6.9
7.6
ns
VCC = 1.65 V to 1.95 V
1.6
3.1
5.1
1.5
5.7
6.3
ns
VCC = 2.3 V to 2.7 V
1.4
2.4
3.7
1.3
4.2
4.6
ns
VCC = 3.0 V to 3.6 V
1.3
2.2
3.2
1.2
3.5
3.9
ns
CL = 10 pF
tpd
propagation delay A, B or C to Y; see Figure 9
[2]
VCC = 0.8 V
-
23.1
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
2.8
6.5
12.7
2.5
12.9
14.2
ns
VCC = 1.4 V to 1.6 V
2.2
4.5
7.4
2.3
8.0
8.8
ns
VCC = 1.65 V to 1.95 V
2.0
3.7
5.9
1.8
6.6
7.3
ns
VCC = 2.3 V to 2.7 V
1.8
3.0
4.4
1.6
4.9
5.4
ns
VCC = 3.0 V to 3.6 V
1.6
2.7
3.9
1.5
4.2
4.6
ns
CL = 15 pF
tpd
propagation delay A, B or C to Y; see Figure 9
[2]
VCC = 0.8 V
-
26.6
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
3.2
7.3
14.2
2.8
14.7
16.2
ns
VCC = 1.4 V to 1.6 V
2.5
5.1
8.3
2.6
9.1
10.0
ns
VCC = 1.65 V to 1.95 V
2.3
4.2
6.7
2.0
7.5
8.3
ns
VCC = 2.3 V to 2.7 V
2.1
3.4
5.0
1.9
5.6
6.2
ns
VCC = 3.0 V to 3.6 V
1.9
3.2
4.5
1.8
4.8
5.3
ns
CL = 30 pF
tpd
propagation delay A, B or C to Y; see Figure 9
[2]
VCC = 0.8 V
-
34.8
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
4.1
9.5
19.0
3.6
19.8
21.8
ns
VCC = 1.4 V to 1.6 V
3.3
6.6
11.0
3.3
12.1
13.3
ns
VCC = 1.65 V to 1.95 V
3.0
5.5
8.8
2.6
10.0
11.0
ns
VCC = 2.3 V to 2.7 V
2.8
4.5
6.6
2.5
7.4
8.3
ns
VCC = 3.0 V to 3.6 V
2.6
4.3
5.9
2.4
6.4
7.0
ns


Similar Part No. - 74AUP1G0832GF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G0832GF PHILIPS-74AUP1G0832GF Datasheet
70Kb / 19P
   Low-power 3-input AND-OR gate
Rev.01.00-26 January2006
More results

Similar Description - 74AUP1G0832GF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G0832 PHILIPS-74AUP1G0832 Datasheet
70Kb / 19P
   Low-power 3-input AND-OR gate
Rev.01.00-26 January2006
logo
Nexperia B.V. All right...
74AUP1G0832 NEXPERIA-74AUP1G0832 Datasheet
259Kb / 16P
   Low-power 3-input AND-OR gate
Rev. 6 - 14 January 2022
logo
NXP Semiconductors
74AUP1G3208 NXP-74AUP1G3208 Datasheet
94Kb / 16P
   Low-power 3-input OR-AND gate
Rev. 02-3 July 2009
74AUP1G3208GF NXP-74AUP1G3208GF Datasheet
264Kb / 19P
   Low-power 3-input OR-AND gate
Rev. 5-22 June 2012
74AUP1G3208 PHILIPS-74AUP1G3208 Datasheet
71Kb / 19P
   Low-power 3-input OR-AND gate
Rev.01.00-17 January 2006
logo
Nexperia B.V. All right...
74AUP1G3208 NEXPERIA-74AUP1G3208 Datasheet
276Kb / 18P
   Low-power 3-input OR-AND gate
Rev. 10 - 9 May 2023
logo
NXP Semiconductors
74AUP1G332 PHILIPS-74AUP1G332 Datasheet
67Kb / 18P
   Low-power 3-input OR gate
Rev.01.00-27 February2006
74AUP1G332 NXP-74AUP1G332 Datasheet
91Kb / 16P
   Low-power 3-input OR gate
Rev. 02-29 February 2008
logo
Nexperia B.V. All right...
74AUP1G332 NEXPERIA-74AUP1G332 Datasheet
252Kb / 16P
   Low-power 3-input OR-gate
Rev. 7 - 20 January 2022
74AUP1G386 NEXPERIA-74AUP1G386 Datasheet
255Kb / 16P
   Low-power 3-input EXCLUSIVE-OR gate
Rev. 8 - 21 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com