Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AUP1T34GF Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74AUP1T34GF
Description  Low-power dual supply translating buffer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1T34GF Datasheet(HTML) 3 Page - NXP Semiconductors

  74AUP1T34GF Datasheet HTML 1Page - NXP Semiconductors 74AUP1T34GF Datasheet HTML 2Page - NXP Semiconductors 74AUP1T34GF Datasheet HTML 3Page - NXP Semiconductors 74AUP1T34GF Datasheet HTML 4Page - NXP Semiconductors 74AUP1T34GF Datasheet HTML 5Page - NXP Semiconductors 74AUP1T34GF Datasheet HTML 6Page - NXP Semiconductors 74AUP1T34GF Datasheet HTML 7Page - NXP Semiconductors 74AUP1T34GF Datasheet HTML 8Page - NXP Semiconductors 74AUP1T34GF Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
74AUP1T34_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 4 December 2006
3 of 19
NXP Semiconductors
74AUP1T34
Low-power dual supply translating buffer
6.2 Pin description
7.
Functional description
[1]
H = HIGH voltage level;
L = LOW voltage level.
8.
Limiting values
[1]
The minimum input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
For TSSOP5 packages: above 87.5
°C the value of Ptot derates linearly with 4.0 mW/K.
For XSON6 packages: above 45
°C the value of Ptot derates linearly with 2.4 mW/K.
Table 3.
Pin description
Symbol
Pin
Description
TSSOP5
XSON6
VCC(A)
1
1
supply voltage port A
A
2
2
data input A
GND
3
3
ground (0 V)
Y
4
4
data output Y
n.c.
-
5
not connected
VCC(Y)
5
6
supply voltage port Y
Table 4.
Function table[1]
Input
Output
A
Y
LL
HH
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC(A)
supply voltage port A
−0.5
+4.6
V
VCC(Y)
supply voltage port Y
−0.5
+4.6
V
IIK
input clamping current
VI <0V
-
−50
mA
VI
input voltage
[1]
−0.5
+4.6
V
IOK
output clamping current
VO >VCC(Y) or VO <0V
-
±50
mA
VO
output voltage
Active mode and Power-down mode
[1]
−0.5
+4.6
V
IO
output current
VO =0 VtoVCC(Y)
-
±20
mA
ICC
supply current
-
50
mA
IGND
ground current
-
−50
mA
Tstg
storage temperature
−65
+150
°C
Ptot
total power dissipation
Tamb = −40 °C to +125 °C
[2] -
250
mW


Similar Part No. - 74AUP1T34GF

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP1T34GM NEXPERIA-74AUP1T34GM Datasheet
317Kb / 22P
   Low-power dual supply translating buffer
Rev. 8 - 25 January 2022
74AUP1T34GM-Q100 NEXPERIA-74AUP1T34GM-Q100 Datasheet
262Kb / 17P
   Low-power dual supply translating buffer
74AUP1T34GN NEXPERIA-74AUP1T34GN Datasheet
317Kb / 22P
   Low-power dual supply translating buffer
Rev. 8 - 25 January 2022
74AUP1T34GS NEXPERIA-74AUP1T34GS Datasheet
317Kb / 22P
   Low-power dual supply translating buffer
Rev. 8 - 25 January 2022
74AUP1T34GW NEXPERIA-74AUP1T34GW Datasheet
317Kb / 22P
   Low-power dual supply translating buffer
Rev. 8 - 25 January 2022
More results

Similar Description - 74AUP1T34GF

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP1T34 NEXPERIA-74AUP1T34 Datasheet
317Kb / 22P
   Low-power dual supply translating buffer
Rev. 8 - 25 January 2022
logo
NXP Semiconductors
74AUP1T34 PHILIPS-74AUP1T34_15 Datasheet
391Kb / 24P
   Low-power dual supply translating buffer
Rev. 5-4 September 2013
logo
Nexperia B.V. All right...
74AUP1T34-Q100 NEXPERIA-74AUP1T34-Q100 Datasheet
262Kb / 17P
   Low-power dual supply translating buffer
74AXP1T34 NEXPERIA-74AXP1T34 Datasheet
846Kb / 21P
   Dual supply translating buffer
74LV1T34-Q100 NEXPERIA-74LV1T34-Q100 Datasheet
212Kb / 11P
   Single supply translating buffer
Rev. 3 - 10 February 2022
74LV1T34 NEXPERIA-74LV1T34 Datasheet
227Kb / 12P
   Single supply translating buffer
Rev. 3 - 10 February 2022
logo
NXP Semiconductors
74AUP1T45 NXP-74AUP1T45 Datasheet
177Kb / 33P
   Low-power dual supply translating transceiver; 3-state
Rev. 02-3 August 2009
74AUP1T45 PHILIPS-74AUP1T45 Datasheet
166Kb / 33P
   Low-power dual supply translating transceiver; 3-state
Rev. 01-18 October 2006
74AUP1T45 PHILIPS-74AUP1T45_15 Datasheet
284Kb / 36P
   Low-power dual supply translating transceiver; 3-state
Rev. 5-9 August 2012
logo
Nexperia B.V. All right...
74AUP1T45 NEXPERIA-74AUP1T45 Datasheet
435Kb / 33P
   Low-power dual supply translating transceiver; 3-state
Rev. 7 - 26 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com