Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AUP1G0832 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74AUP1G0832
Description  Low-power 3-input AND-OR gate
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1G0832 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74AUP1G0832 Datasheet HTML 6Page - NXP Semiconductors 74AUP1G0832 Datasheet HTML 7Page - NXP Semiconductors 74AUP1G0832 Datasheet HTML 8Page - NXP Semiconductors 74AUP1G0832 Datasheet HTML 9Page - NXP Semiconductors 74AUP1G0832 Datasheet HTML 10Page - NXP Semiconductors 74AUP1G0832 Datasheet HTML 11Page - NXP Semiconductors 74AUP1G0832 Datasheet HTML 12Page - NXP Semiconductors 74AUP1G0832 Datasheet HTML 13Page - NXP Semiconductors 74AUP1G0832 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
74AUP1G0832_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 3 July 2009
10 of 16
NXP Semiconductors
74AUP1G0832
Low-power 3-input AND-OR gate
[1]
For measuring enable and disable times RL =5kΩ, for measuring propagation delays, setup and hold times and pulse width RL =1MΩ.
Table 10.
Measurement points
Supply voltage
Output
Input
VCC
VM
VM
VI
tr = tf
0.8 V to 3.6 V
0.5
× V
CC
0.5
× V
CC
VCC
≤ 3.0 ns
Test data is given in Table 11.
Definitions for test circuit:
RL = Load resistance.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to the output impedance Zo of the pulse generator.
VEXT = External voltage for measuring switching times.
Fig 10. Load circuitry for switching times
001aac521
DUT
RT
VI
VO
VEXT
VCC
RL
5 k
CL
G
Table 11.
Test data
Supply voltage
Load
VEXT
VCC
CL
RL[1]
tPLH, tPHL
tPZH, tPHZ
tPZL, tPLZ
0.8 V to 3.6 V
5 pF, 10 pF, 15 pF and 30 pF 5 k
Ω or 1 MΩ
open
GND
2
× VCC


Similar Part No. - 74AUP1G0832

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G0832 PHILIPS-74AUP1G0832 Datasheet
70Kb / 19P
   Low-power 3-input AND-OR gate
Rev.01.00-26 January2006
logo
Nexperia B.V. All right...
74AUP1G0832 NEXPERIA-74AUP1G0832 Datasheet
259Kb / 16P
   Low-power 3-input AND-OR gate
Rev. 6 - 14 January 2022
logo
NXP Semiconductors
74AUP1G0832GF PHILIPS-74AUP1G0832GF Datasheet
70Kb / 19P
   Low-power 3-input AND-OR gate
Rev.01.00-26 January2006
74AUP1G0832GM PHILIPS-74AUP1G0832GM Datasheet
70Kb / 19P
   Low-power 3-input AND-OR gate
Rev.01.00-26 January2006
logo
Nexperia B.V. All right...
74AUP1G0832GM NEXPERIA-74AUP1G0832GM Datasheet
259Kb / 16P
   Low-power 3-input AND-OR gate
Rev. 6 - 14 January 2022
More results

Similar Description - 74AUP1G0832

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G0832 PHILIPS-74AUP1G0832 Datasheet
70Kb / 19P
   Low-power 3-input AND-OR gate
Rev.01.00-26 January2006
logo
Nexperia B.V. All right...
74AUP1G0832 NEXPERIA-74AUP1G0832 Datasheet
259Kb / 16P
   Low-power 3-input AND-OR gate
Rev. 6 - 14 January 2022
logo
NXP Semiconductors
74AUP1G3208 NXP-74AUP1G3208 Datasheet
94Kb / 16P
   Low-power 3-input OR-AND gate
Rev. 02-3 July 2009
74AUP1G3208GF NXP-74AUP1G3208GF Datasheet
264Kb / 19P
   Low-power 3-input OR-AND gate
Rev. 5-22 June 2012
74AUP1G3208 PHILIPS-74AUP1G3208 Datasheet
71Kb / 19P
   Low-power 3-input OR-AND gate
Rev.01.00-17 January 2006
logo
Nexperia B.V. All right...
74AUP1G3208 NEXPERIA-74AUP1G3208 Datasheet
276Kb / 18P
   Low-power 3-input OR-AND gate
Rev. 10 - 9 May 2023
logo
NXP Semiconductors
74AUP1G332 PHILIPS-74AUP1G332 Datasheet
67Kb / 18P
   Low-power 3-input OR gate
Rev.01.00-27 February2006
74AUP1G332 NXP-74AUP1G332 Datasheet
91Kb / 16P
   Low-power 3-input OR gate
Rev. 02-29 February 2008
logo
Nexperia B.V. All right...
74AUP1G332 NEXPERIA-74AUP1G332 Datasheet
252Kb / 16P
   Low-power 3-input OR-gate
Rev. 7 - 20 January 2022
74AUP1G386 NEXPERIA-74AUP1G386 Datasheet
255Kb / 16P
   Low-power 3-input EXCLUSIVE-OR gate
Rev. 8 - 21 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com