Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AUP1T34GW Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74AUP1T34GW
Description  Low-power dual supply translating buffer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1T34GW Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74AUP1T34GW Datasheet HTML 6Page - NXP Semiconductors 74AUP1T34GW Datasheet HTML 7Page - NXP Semiconductors 74AUP1T34GW Datasheet HTML 8Page - NXP Semiconductors 74AUP1T34GW Datasheet HTML 9Page - NXP Semiconductors 74AUP1T34GW Datasheet HTML 10Page - NXP Semiconductors 74AUP1T34GW Datasheet HTML 11Page - NXP Semiconductors 74AUP1T34GW Datasheet HTML 12Page - NXP Semiconductors 74AUP1T34GW Datasheet HTML 13Page - NXP Semiconductors 74AUP1T34GW Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
74AUP1T34_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 4 December 2006
10 of 19
NXP Semiconductors
74AUP1T34
Low-power dual supply translating buffer
CL = 15 pF; VCC(A) = 1.1 V to 1.3 V
tpd
propagation delay
A to Y; see Figure 7
[2]
VCC(Y) = 1.1 V to 1.3 V
3.0
11.5
28.6
2.8
29.2
29.2
ns
VCC(Y) = 1.4 V to 1.6 V
3.1
8.3
17.3
2.7
18.6
19.1
ns
VCC(Y) = 1.65 V to 1.95 V
2.8
7.1
14.1
2.7
15.2
15.8
ns
VCC(Y) = 2.3 V to 2.7 V
2.6
6.1
11.1
2.7
11.6
12.1
ns
VCC(Y) = 3.0 V to 3.6 V
2.9
5.7
9.9
2.6
10.3
10.6
ns
CL = 15 pF; VCC(A) = 1.4 V to 1.6 V
tpd
propagation delay
A to Y; see Figure 7
[2]
VCC(Y) = 1.1 V to 1.3 V
2.8
10.8
27.1
2.6
27.7
27.7
ns
VCC(Y) = 1.4 V to 1.6 V
2.8
7.6
15.7
2.4
17.0
17.6
ns
VCC(Y) = 1.65 V to 1.95 V
2.5
6.3
12.3
2.4
13.5
14.1
ns
VCC(Y) = 2.3 V to 2.7 V
2.3
5.3
9.2
2.4
9.9
10.3
ns
VCC(Y) = 3.0 V to 3.6 V
2.6
4.9
7.8
2.3
8.3
8.7
ns
CL = 15 pF; VCC(A) = 1.65 V to 1.95 V
tpd
propagation delay
A to Y; see Figure 7
[2]
VCC(Y) = 1.1 V to 1.3 V
2.7
10.5
26.4
2.5
27.1
27.3
ns
VCC(Y) = 1.4 V to 1.6 V
2.7
7.2
15.0
2.3
16.4
17.0
ns
VCC(Y) = 1.65 V to 1.95 V
2.4
6.0
11.7
2.3
12.8
13.5
ns
VCC(Y) = 2.3 V to 2.7 V
2.2
4.9
8.5
2.2
9.2
9.7
ns
VCC(Y) = 3.0 V to 3.6 V
2.5
4.5
7.1
2.2
7.7
8.0
ns
CL = 15 pF; VCC(A) = 2.3 V to 2.7 V
tpd
propagation delay
A to Y; see Figure 7
[2]
VCC(Y) = 1.1 V to 1.3 V
2.6
10.1
26.0
2.4
26.7
26.7
ns
VCC(Y) = 1.4 V to 1.6 V
2.7
6.9
14.3
2.3
15.7
16.3
ns
VCC(Y) = 1.65 V to 1.95 V
2.4
5.6
10.9
2.2
12.1
12.7
ns
VCC(Y) = 2.3 V to 2.7 V
2.1
4.5
7.6
2.2
8.4
8.9
ns
VCC(Y) = 3.0 V to 3.6 V
2.4
4.1
6.2
2.1
6.8
7.2
ns
CL = 15 pF; VCC(A) = 3.0 V to 3.6 V
tpd
propagation delay
A to Y; see Figure 7
[2]
VCC(Y) = 1.1 V to 1.3 V
2.6
9.8
25.7
2.4
26.2
26.2
ns
VCC(Y) = 1.4 V to 1.6 V
2.7
6.6
14.0
2.3
15.2
15.7
ns
VCC(Y) = 1.65 V to 1.95 V
2.4
5.4
10.5
2.2
11.6
12.1
ns
VCC(Y) = 2.3 V to 2.7 V
2.1
4.3
7.3
2.2
7.9
8.4
ns
VCC(Y) = 3.0 V to 3.6 V
2.4
3.9
5.9
2.1
6.4
6.8
ns
Table 8.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 8.
Symbol Parameter
Conditions
25
°C
−40 °C to +125 °C
Unit
Min
Typ[1]
Max
Min
Max
(85
°C)
Max
(125
°C)


Similar Part No. - 74AUP1T34GW

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP1T34GW NEXPERIA-74AUP1T34GW Datasheet
317Kb / 22P
   Low-power dual supply translating buffer
Rev. 8 - 25 January 2022
74AUP1T34GW-Q100 NEXPERIA-74AUP1T34GW-Q100 Datasheet
262Kb / 17P
   Low-power dual supply translating buffer
More results

Similar Description - 74AUP1T34GW

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP1T34 NEXPERIA-74AUP1T34 Datasheet
317Kb / 22P
   Low-power dual supply translating buffer
Rev. 8 - 25 January 2022
logo
NXP Semiconductors
74AUP1T34 PHILIPS-74AUP1T34_15 Datasheet
391Kb / 24P
   Low-power dual supply translating buffer
Rev. 5-4 September 2013
logo
Nexperia B.V. All right...
74AUP1T34-Q100 NEXPERIA-74AUP1T34-Q100 Datasheet
262Kb / 17P
   Low-power dual supply translating buffer
74AXP1T34 NEXPERIA-74AXP1T34 Datasheet
846Kb / 21P
   Dual supply translating buffer
74LV1T34-Q100 NEXPERIA-74LV1T34-Q100 Datasheet
212Kb / 11P
   Single supply translating buffer
Rev. 3 - 10 February 2022
74LV1T34 NEXPERIA-74LV1T34 Datasheet
227Kb / 12P
   Single supply translating buffer
Rev. 3 - 10 February 2022
logo
NXP Semiconductors
74AUP1T45 NXP-74AUP1T45 Datasheet
177Kb / 33P
   Low-power dual supply translating transceiver; 3-state
Rev. 02-3 August 2009
74AUP1T45 PHILIPS-74AUP1T45 Datasheet
166Kb / 33P
   Low-power dual supply translating transceiver; 3-state
Rev. 01-18 October 2006
74AUP1T45 PHILIPS-74AUP1T45_15 Datasheet
284Kb / 36P
   Low-power dual supply translating transceiver; 3-state
Rev. 5-9 August 2012
logo
Nexperia B.V. All right...
74AUP1T45 NEXPERIA-74AUP1T45 Datasheet
435Kb / 33P
   Low-power dual supply translating transceiver; 3-state
Rev. 7 - 26 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com