Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AUP1G98 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74AUP1G98
Description  Low-power configurable multiple function gate
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1G98 Datasheet(HTML) 1 Page - NXP Semiconductors

  74AUP1G98 Datasheet HTML 1Page - NXP Semiconductors 74AUP1G98 Datasheet HTML 2Page - NXP Semiconductors 74AUP1G98 Datasheet HTML 3Page - NXP Semiconductors 74AUP1G98 Datasheet HTML 4Page - NXP Semiconductors 74AUP1G98 Datasheet HTML 5Page - NXP Semiconductors 74AUP1G98 Datasheet HTML 6Page - NXP Semiconductors 74AUP1G98 Datasheet HTML 7Page - NXP Semiconductors 74AUP1G98 Datasheet HTML 8Page - NXP Semiconductors 74AUP1G98 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1.
General description
The 74AUP1G98 provides configurable multiple functions. The output state is determined
by eight patterns of 3-bit input. The user can choose the logic functions MUX, AND, OR,
NAND, NOR, inverter and buffer. All inputs can be connected to VCC or GND.
This device ensures a very low static and dynamic power consumption across the entire
VCC range from 0.8 V to 3.6 V.
This device is fully specified for partial Power-down applications using IOFF.
The IOFF circuitry disables the output, preventing the damaging backflow current through
the device when it is powered down.
The 74AUP1G98 has Schmitt trigger inputs making it capable of transforming slowly
changing input signals into sharply defined, jitter-free output signals.
The inputs switch at different points for positive and negative-going signals. The difference
between the positive voltage VT+ and the negative voltage VT− is defined as the input
hysteresis voltage VH.
2.
Features
I Wide supply voltage range from 0.8 V to 3.6 V
I High noise immunity
I ESD protection:
N HBM JESD22-A114E exceeds 5000 V
N MM JESD22-A115-A exceeds 200 V
N CDM JESD22-C101C exceeds 1000 V
I Low static power consumption; ICC = 0.9 µA (maximum)
I Latch-up performance exceeds 100 mA per JESD 78 Class II
I Inputs accept voltages up to 3.6 V
I Low noise overshoot and undershoot < 10 % of VCC
I IOFF circuitry provides partial Power-down mode operation
I Multiple package options
I Specified from −40 °Cto+85 °C and −40 °C to +125 °C
74AUP1G98
Low-power configurable multiple function gate
Rev. 03 — 29 June 2009
Product data sheet


Similar Part No. - 74AUP1G98

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AUP1G98 FAIRCHILD-74AUP1G98 Datasheet
575Kb / 11P
   TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate
logo
Diodes Incorporated
74AUP1G98 DIODES-74AUP1G98 Datasheet
619Kb / 17P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
ON Semiconductor
74AUP1G98 ONSEMI-74AUP1G98 Datasheet
593Kb / 13P
   Low Power Universal Configurable Two-Input Logic Gate
October 2010 Rev. 1.0.4
logo
Nexperia B.V. All right...
74AUP1G98 NEXPERIA-74AUP1G98 Datasheet
293Kb / 19P
   Low-power configurable multiple function gate
Rev. 10 - 24 January 2022
logo
Fairchild Semiconductor
74AUP1G98FHX FAIRCHILD-74AUP1G98FHX Datasheet
575Kb / 11P
   TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate
More results

Similar Description - 74AUP1G98

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G98 TI-SN74AUP1G98_10 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74AUP1G97 NXP-74AUP1G97_11 Datasheet
188Kb / 22P
   Low-power configurable multiple function gate
Rev. 6-10 January 2011
logo
Texas Instruments
SN74AUP1G57 TI1-SN74AUP1G57_15 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Power Configurable Multiple-Function Gate
logo
Nexperia B.V. All right...
74AXP1G97 NEXPERIA-74AXP1G97 Datasheet
874Kb / 18P
   Low-power configurable multiple function gate
logo
Texas Instruments
SN74AUP1G97 TI-SN74AUP1G97 Datasheet
380Kb / 18P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74LVC1G97GS NXP-74LVC1G97GS Datasheet
145Kb / 20P
   Low-power configurable multiple function gate
Rev. 3-7 December 2011
logo
Texas Instruments
SN74AUP1G97 TI-SN74AUP1G97_10 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74LVC1G58 NXP-74LVC1G58 Datasheet
100Kb / 18P
   Low-power configurable multiple function gate
Rev. 03-27 August 2007
logo
Nexperia B.V. All right...
74LVC1G57-Q100 NEXPERIA-74LVC1G57-Q100 Datasheet
837Kb / 16P
   Low-power configurable multiple function gate
74LVC1G97 NEXPERIA-74LVC1G97 Datasheet
281Kb / 20P
   Low-power configurable multiple function gate
74AXP1G58 NEXPERIA-74AXP1G58 Datasheet
874Kb / 18P
   Low-power configurable multiple function gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com