Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AUP1G79GM Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74AUP1G79GM
Description  Low-power D-type flip-flop; positive-edge trigger
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1G79GM Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74AUP1G79GM Datasheet HTML 3Page - NXP Semiconductors 74AUP1G79GM Datasheet HTML 4Page - NXP Semiconductors 74AUP1G79GM Datasheet HTML 5Page - NXP Semiconductors 74AUP1G79GM Datasheet HTML 6Page - NXP Semiconductors 74AUP1G79GM Datasheet HTML 7Page - NXP Semiconductors 74AUP1G79GM Datasheet HTML 8Page - NXP Semiconductors 74AUP1G79GM Datasheet HTML 9Page - NXP Semiconductors 74AUP1G79GM Datasheet HTML 10Page - NXP Semiconductors 74AUP1G79GM Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
74AUP1G79_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 3 August 2009
7 of 20
NXP Semiconductors
74AUP1G79
Low-power D-type flip-flop; positive-edge trigger
[1]
One input at VCC − 0.6 V, other input at VCC or GND.
Tamb = −40 °C to +125 °C
VIH
HIGH-level input voltage
VCC = 0.8 V
0.75
× V
CC
--
V
VCC = 0.9 V to 1.95 V
0.70
× V
CC
--
V
VCC = 2.3 V to 2.7 V
1.6
-
-
V
VCC = 3.0 V to 3.6 V
2.0
-
-
V
VIL
LOW-level input voltage
VCC = 0.8 V
-
-
0.25
× V
CC
V
VCC = 0.9 V to 1.95 V
-
-
0.30
× V
CC
V
VCC = 2.3 V to 2.7 V
-
-
0.7
V
VCC = 3.0 V to 3.6 V
-
-
0.9
V
VOH
HIGH-level output voltage
VI = VIH or VIL
IO = −20 µA; VCC = 0.8 V to 3.6 V
VCC − 0.11 -
-
V
IO = −1.1 mA; VCC = 1.1 V
0.6
× VCC --
V
IO = −1.7 mA; VCC = 1.4 V
0.93
-
-
V
IO = −1.9 mA; VCC = 1.65 V
1.17
-
-
V
IO = −2.3 mA; VCC = 2.3 V
1.77
-
-
V
IO = −3.1 mA; VCC = 2.3 V
1.67
-
-
V
IO = −2.7 mA; VCC = 3.0 V
2.40
-
-
V
IO = −4.0 mA; VCC = 3.0 V
2.30
-
-
V
VOL
LOW-level output voltage
VI = VIH or VIL
IO = 20 µA; VCC = 0.8 V to 3.6 V
-
-
0.11
V
IO = 1.1 mA; VCC = 1.1 V
-
-
0.33
× VCC V
IO = 1.7 mA; VCC = 1.4 V
-
-
0.41
V
IO = 1.9 mA; VCC = 1.65 V
-
-
0.39
V
IO = 2.3 mA; VCC = 2.3 V
-
-
0.36
V
IO = 3.1 mA; VCC = 2.3 V
-
-
0.50
V
IO = 2.7 mA; VCC = 3.0 V
-
-
0.36
V
IO = 4.0 mA; VCC = 3.0 V
-
-
0.50
V
II
input leakage current
VI = GND to 3.6 V; VCC = 0 V to 3.6 V
-
-
±0.75
µA
IOFF
power-off leakage current
VI or VO = 0 V to 3.6 V; VCC = 0 V
-
-
±0.75
µA
∆IOFF
additional power-off
leakage current
VI or VO = 0 V to 3.6 V;
VCC = 0 V to 0.2 V
--
±0.75
µA
ICC
supply current
VI = GND or VCC; IO = 0 A;
VCC = 0.8 V to 3.6 V
-
-
1.4
µA
∆ICC
additional supply current
per pin; VI = VCC − 0.6 V; IO = 0 A;
VCC = 3.3 V
[1] --
75
µA
Table 7.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit


Similar Part No. - 74AUP1G79GM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G79GM PHILIPS-74AUP1G79GM Datasheet
97Kb / 20P
   Low-power D-type flip-flop; positive-edge trigger
Rev. 01-12 September 2005
logo
Nexperia B.V. All right...
74AUP1G79GM NEXPERIA-74AUP1G79GM Datasheet
305Kb / 21P
   Low-power D-type flip-flop; positive-edge trigger
Rev. 8 - 24 January 2022
More results

Similar Description - 74AUP1G79GM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G79 PHILIPS-74AUP1G79 Datasheet
97Kb / 20P
   Low-power D-type flip-flop; positive-edge trigger
Rev. 01-12 September 2005
74AUP1G80 NXP-74AUP1G80 Datasheet
103Kb / 18P
   Low-power D-type flip-flop; positive-edge trigger
Rev. 01-20 October 2006
logo
Nexperia B.V. All right...
74AUP1G79 NEXPERIA-74AUP1G79 Datasheet
305Kb / 21P
   Low-power D-type flip-flop; positive-edge trigger
Rev. 8 - 24 January 2022
74AUP1G80 NEXPERIA-74AUP1G80 Datasheet
295Kb / 20P
   Low-power D-type flip-flop; positive-edge trigger
Rev. 7 - 23 January 2023
logo
NXP Semiconductors
74AUP2G80 NXP-74AUP2G80 Datasheet
95Kb / 18P
   Low-power dual D-type flip-flop; positive-edge trigger
Rev. 02-1 August 2007
74AUP2G79 NXP-74AUP2G79 Datasheet
114Kb / 21P
   Low-power dual D-type flip-flop; positive-edge trigger
Rev. 04-30 June 2009
logo
Nexperia B.V. All right...
74AUP2G79-Q100 NEXPERIA-74AUP2G79-Q100 Datasheet
235Kb / 15P
   Low-power dual D-type flip-flop; positive-edge trigger
logo
NXP Semiconductors
74AUP2G80 PHILIPS-74AUP2G80 Datasheet
94Kb / 18P
   Low-power dual D-type flip-flop; positive-edge trigger
Rev. 01-25 August 2006
74AUP2G80 NXP-74AUP2G80_08 Datasheet
111Kb / 20P
   Low-power dual D-type flip-flop; positive-edge trigger
Rev. 04-2 June 2008
logo
Nexperia B.V. All right...
74AUP2G79 NEXPERIA-74AUP2G79 Datasheet
279Kb / 19P
   Low-power dual D-type flip-flop; positive-edge trigger
Rev. 11 - 3 December 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com