Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CL-L251-MC6 Datasheet(PDF) 1 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CL-L251-MC6
Description  LED lamp
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CL-L251-MC6 Datasheet(HTML) 1 Page - CITIZEN ELECTRONICS CO., LTD.

  CL-L251-MC6 Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ref.CE-P469 04/09
Thermal Management of CL-L251
1. Introduction
The light-emitting element of an LED radiates light and heat according to the input power. However,
the surface area of an LED package is quite small, and the package itself is expected to release little
heat to the atmosphere. An external radiator, such as heat sinks, is thus required. The heat release
configuration for the connection portion of the external radiator mainly uses heat conduction.
Regarding LED packages, to control the junction temperature of the light-emitting element Tj is
important. The Tj must be kept from exceeding the absolute maximum rating in the specifications under
any conditions. Because direct measurement of the junction temperature of a light-emitting element
inside a package is seldom possible, the temperature of a particular part on the package outer shell (the
case temperature) Tc [deg C] is normally measured. Tj [deg C] is calculated from the thermal resistance
between the junction and the case Rj-c [deg C/W] and the amount of emitted heat, which is nearly
equal to the input power Pd [W].
The package structure of the CL-L251 series minimizes the thermal resistance Rj-c, and the heat
generated at the light-emitting element can be conducted to the external radiator efficiently. This
document describes the detailed heat release configuration of the CL-L251 series and provides
necessary data for thermal design of lighting apparatus, which leads to optimal utilization of LED
performance.
2. Package configuration and thermal resistance
Fig. 1 (a) illustrates the example of the
cross-section
structure
where
the
package of the CL-L251 series is
connected to an external heat sink. The
package is composed of an aluminum
substrate and the laminated structure of
insulating layers and conductive copper
foil patterns.
A distinctive point is the light-emitting
element is not mounted on the insulating
layer, which has low thermal conductivity,
but directly on the well conductive
aluminum substrate. Thus, the heat
generated at the light-emitting element can be efficiently conducted to the outside of the package.
The aluminum substrate side of the package outer shell thermally connects to the heat sink via
heat-dissipative grease (or adhesive). As described above, the heat generated in the junction section of
the light-emitting element is mainly transferred as conductive heat from the light-emitting element via
element-mount adhesive, the aluminum substrate, and grease (adhesive) to the heat sink. The thermal
resistance from the junction section of the light-emitting element to the aluminum substrate side of the
package outer shell is Rj-c, which is the specific thermal resistance value of the package. Hence, the
following equation makes sense.
Tj
= Rj-c x Pd + Tc
In addition, the thermal resistance of the grease (adhesive) outside of the package is Rb [deg C/W],
that of the heat sink is Rh [deg C/W], and the ambient temperature is Ta [deg C].
Fig. 1 (b) shows the equivalent thermal resistance along the cross-section diagram on Fig. 1 (a). The
thermal resistances Rj-c, Rb, and Rh are connected in series between the junction temperature Tj and
the ambient temperature Ta. Now the thermal resistances outside the package Rb and Rh can be
integrated into the thermal resistance Rc-a, which leads to the following equation.
Tj
= (Rj-c + Rc-a) x Pd + Ta
Fig. 1 (a)
Fig. 1 (b)


Similar Part No. - CL-L251-MC6

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CL-L251-MC6L1 CITIZEN-CL-L251-MC6L1 Datasheet
346Kb / 9P
   LED lamp
CL-L251-MC6L1-C CITIZEN-CL-L251-MC6L1-C Datasheet
230Kb / 9P
   LED lamp
CL-L251-MC6L1-C CITIZEN-CL-L251-MC6L1-C Datasheet
295Kb / 11P
   LED lamp
CL-L251-MC6L1-C CITIZEN-CL-L251-MC6L1-C_11 Datasheet
295Kb / 11P
   LED lamp
CL-L251-MC6L2 CITIZEN-CL-L251-MC6L2 Datasheet
346Kb / 9P
   LED lamp
More results

Similar Description - CL-L251-MC6

ManufacturerPart #DatasheetDescription
logo
AUK corp
SM5411 AUK-SM5411 Datasheet
166Kb / 3P
   LED Lamp
SM5511 AUK-SM5511 Datasheet
187Kb / 3P
   LED Lamp
SG3317 AUK-SG3317_1 Datasheet
181Kb / 4P
   LED Lamp
SA3412 AUK-SA3412 Datasheet
57Kb / 3P
   LED Lamp
SM3317-H AUK-SM3317-H Datasheet
182Kb / 4P
   LED Lamp
SM3317-L AUK-SM3317-L Datasheet
180Kb / 4P
   LED Lamp
SY5311 AUK-SY5311 Datasheet
179Kb / 4P
   LED Lamp
logo
Visual Communications C...
VAOL-10GAT4 VCC-VAOL-10GAT4 Datasheet
584Kb / 3P
   LED LAMP
logo
KODENSHI_AUK CORP.
SW3318E-G KODENSHI-SW3318E-G Datasheet
334Kb / 7P
   LAMP LED
SY3318-V KODENSHI-SY3318-V Datasheet
251Kb / 3P
   LAMP LED
SY3418-E KODENSHI-SY3418-E Datasheet
256Kb / 3P
   LAMP LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com