Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AUP1G11 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 74AUP1G11
Description  Low-power 3-input AND gate
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1G11 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74AUP1G11 Datasheet HTML 7Page - NXP Semiconductors 74AUP1G11 Datasheet HTML 8Page - NXP Semiconductors 74AUP1G11 Datasheet HTML 9Page - NXP Semiconductors 74AUP1G11 Datasheet HTML 10Page - NXP Semiconductors 74AUP1G11 Datasheet HTML 11Page - NXP Semiconductors 74AUP1G11 Datasheet HTML 12Page - NXP Semiconductors 74AUP1G11 Datasheet HTML 13Page - NXP Semiconductors 74AUP1G11 Datasheet HTML 14Page - NXP Semiconductors 74AUP1G11 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
74AUP1G11_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 4 September 2007
11 of 16
NXP Semiconductors
74AUP1G11
Low-power 3-input AND gate
13. Package outline
Fig 9.
Package outline SOT363 (SC-88)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT363
SC-88
wB
M
bp
D
e1
e
pin 1
index
A
A1
Lp
Q
detail X
HE
E
v M A
A
B
y
0
1
2 mm
scale
c
X
13
2
4
5
6
Plastic surface-mounted package; 6 leads
SOT363
UNIT
A1
max
bp
cD
E
e1
HE
Lp
Qy
w
v
mm
0.1
0.30
0.20
2.2
1.8
0.25
0.10
1.35
1.15
0.65
e
1.3
2.2
2.0
0.2
0.1
0.2
DIMENSIONS (mm are the original dimensions)
0.45
0.15
0.25
0.15
A
1.1
0.8
04-11-08
06-03-16


Similar Part No. - 74AUP1G11

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP1G11 NEXPERIA-74AUP1G11 Datasheet
254Kb / 16P
   Low-power 3-input AND gate
Rev. 7 - 13 October 2021
74AUP1G11GM NEXPERIA-74AUP1G11GM Datasheet
254Kb / 16P
   Low-power 3-input AND gate
Rev. 7 - 13 October 2021
74AUP1G11GN NEXPERIA-74AUP1G11GN Datasheet
254Kb / 16P
   Low-power 3-input AND gate
Rev. 7 - 13 October 2021
74AUP1G11GS NEXPERIA-74AUP1G11GS Datasheet
254Kb / 16P
   Low-power 3-input AND gate
Rev. 7 - 13 October 2021
74AUP1G11GW NEXPERIA-74AUP1G11GW Datasheet
254Kb / 16P
   Low-power 3-input AND gate
Rev. 7 - 13 October 2021
More results

Similar Description - 74AUP1G11

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP1G11 NEXPERIA-74AUP1G11 Datasheet
254Kb / 16P
   Low-power 3-input AND gate
Rev. 7 - 13 October 2021
74AXP1G11 NEXPERIA-74AXP1G11 Datasheet
809Kb / 16P
   Low-power 3-input AND gate
logo
NXP Semiconductors
74AUP1G0832 PHILIPS-74AUP1G0832 Datasheet
70Kb / 19P
   Low-power 3-input AND-OR gate
Rev.01.00-26 January2006
logo
Nexperia B.V. All right...
74AUP1G0832 NEXPERIA-74AUP1G0832 Datasheet
259Kb / 16P
   Low-power 3-input AND-OR gate
Rev. 6 - 14 January 2022
logo
NXP Semiconductors
74AUP1G3208GF NXP-74AUP1G3208GF Datasheet
264Kb / 19P
   Low-power 3-input OR-AND gate
Rev. 5-22 June 2012
74AUP1G0832 NXP-74AUP1G0832 Datasheet
95Kb / 16P
   Low-power 3-input AND-OR gate
Rev. 02-3 July 2009
74AUP1G3208 NXP-74AUP1G3208 Datasheet
94Kb / 16P
   Low-power 3-input OR-AND gate
Rev. 02-3 July 2009
74AUP1G3208 PHILIPS-74AUP1G3208 Datasheet
71Kb / 19P
   Low-power 3-input OR-AND gate
Rev.01.00-17 January 2006
logo
Nexperia B.V. All right...
74AUP1G3208 NEXPERIA-74AUP1G3208 Datasheet
276Kb / 18P
   Low-power 3-input OR-AND gate
Rev. 10 - 9 May 2023
logo
NXP Semiconductors
74AUP1G332 PHILIPS-74AUP1G332 Datasheet
67Kb / 18P
   Low-power 3-input OR gate
Rev.01.00-27 February2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com