Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AUP1G07 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 74AUP1G07
Description  Low-power buffer with open-drain output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1G07 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74AUP1G07 Datasheet HTML 7Page - NXP Semiconductors 74AUP1G07 Datasheet HTML 8Page - NXP Semiconductors 74AUP1G07 Datasheet HTML 9Page - NXP Semiconductors 74AUP1G07 Datasheet HTML 10Page - NXP Semiconductors 74AUP1G07 Datasheet HTML 11Page - NXP Semiconductors 74AUP1G07 Datasheet HTML 12Page - NXP Semiconductors 74AUP1G07 Datasheet HTML 13Page - NXP Semiconductors 74AUP1G07 Datasheet HTML 14Page - NXP Semiconductors 74AUP1G07 Datasheet HTML 15Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
74AUP1G07_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 17 June 2009
11 of 15
NXP Semiconductors
74AUP1G07
Low-power buffer with open-drain output
Fig 10. Package outline SOT886 (XSON6)
terminal 1
index area
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT886
MO-252
SOT886
04-07-15
04-07-22
DIMENSIONS (mm are the original dimensions)
XSON6: plastic extremely thin small outline package; no leads; 6 terminals; body 1 x 1.45 x 0.5 mm
D
E
e1
e
A1
b
L
L1
e1
0
1
2 mm
scale
Notes
1. Including plating thickness.
2. Can be visible in some manufacturing processes.
UNIT
mm
0.25
0.17
1.5
1.4
0.35
0.27
A1
max
b
E
1.05
0.95
D
ee1
L
0.40
0.32
L1
0.5
0.6
A(1)
max
0.5
0.04
1
6
2
5
3
4
6
×
(2)
4
×
(2)
A


Similar Part No. - 74AUP1G07

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G07 PHILIPS-74AUP1G07 Datasheet
83Kb / 16P
   Low-power buffer with open-drain output
Rev. 02-14 June 2007
74AUP1G07 NXP-74AUP1G07 Datasheet
147Kb / 18P
   Low-power buffer with open-drain output
Rev. 4-2 September 2010
74AUP1G07 PHILIPS-74AUP1G07 Datasheet
126Kb / 18P
   Low-power buffer with open-drain output
Rev. 5-15 November 2011
logo
Diodes Incorporated
74AUP1G07 DIODES-74AUP1G07 Datasheet
212Kb / 11P
   SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
logo
Nexperia B.V. All right...
74AUP1G07 NEXPERIA-74AUP1G07 Datasheet
272Kb / 18P
   Low-power buffer with open-drain output
Rev. 10 - 13 January 2022
More results

Similar Description - 74AUP1G07

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G07 PHILIPS-74AUP1G07_11 Datasheet
126Kb / 18P
   Low-power buffer with open-drain output
Rev. 5-15 November 2011
logo
Unisonic Technologies
10N65Z UTC-10N65Z_15 Datasheet
217Kb / 5P
   LOW-POWER BUFFER WITH OPEN-DRAIN OUTPUT
logo
Nexperia B.V. All right...
74AXP1G07 NEXPERIA-74AXP1G07 Datasheet
834Kb / 17P
   Low-power buffer with open-drain output
74AUP1G07 NEXPERIA-74AUP1G07 Datasheet
272Kb / 18P
   Low-power buffer with open-drain output
Rev. 10 - 13 January 2022
logo
NXP Semiconductors
74AUP1G07 NXP-74AUP1G07_10 Datasheet
147Kb / 18P
   Low-power buffer with open-drain output
Rev. 4-2 September 2010
logo
Nexperia B.V. All right...
74AUP1G07-Q100 NEXPERIA-74AUP1G07-Q100 Datasheet
214Kb / 12P
   Low-power buffer with open-drain output
Rev. 3 - 13 January 2022
logo
NXP Semiconductors
74AUP1G07 PHILIPS-74AUP1G07_15 Datasheet
344Kb / 19P
   Low-power buffer with open-drain output
Rev. 7-16 July 2012
74AUP1G07 PHILIPS-74AUP1G07 Datasheet
83Kb / 16P
   Low-power buffer with open-drain output
Rev. 02-14 June 2007
74AUP3G07 PHILIPS-74AUP3G07_15 Datasheet
221Kb / 21P
   Low-power triple buffer with open-drain output
Rev. 1-8 June 2015
74AUP2G07 PHILIPS-74AUP2G07 Datasheet
82Kb / 16P
   Low-power dual buffer with open-drain output
Rev. 02-12 June 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com