Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AUP1G06 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74AUP1G06
Description  Low-power inverter with open-drain output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1G06 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74AUP1G06 Datasheet HTML 4Page - NXP Semiconductors 74AUP1G06 Datasheet HTML 5Page - NXP Semiconductors 74AUP1G06 Datasheet HTML 6Page - NXP Semiconductors 74AUP1G06 Datasheet HTML 7Page - NXP Semiconductors 74AUP1G06 Datasheet HTML 8Page - NXP Semiconductors 74AUP1G06 Datasheet HTML 9Page - NXP Semiconductors 74AUP1G06 Datasheet HTML 10Page - NXP Semiconductors 74AUP1G06 Datasheet HTML 11Page - NXP Semiconductors 74AUP1G06 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
74AUP1G06_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 10 June 2009
8 of 15
NXP Semiconductors
74AUP1G06
Low-power inverter with open-drain output
[1]
All typical values are measured at nominal VCC.
[2]
tpd is the same as tPZL and tPLZ.
[3]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N where:
fi = input frequency in MHz;
VCC = supply voltage in V;
N = number of inputs switching.
12. Waveforms
CPD
power dissipation
capacitance
fi = 1 MHz; VI = GND to VCC
[3]
VCC = 0.8 V
-
0.5
-
-
-
-
pF
VCC = 1.1 V to 1.3 V
-
0.6
-
-
-
-
pF
VCC = 1.4 V to 1.6 V
-
0.7
-
-
-
-
pF
VCC = 1.65 V to 1.95 V
-
0.7
-
-
-
-
pF
VCC = 2.3 V to 2.7 V
-
1.0
-
-
-
-
pF
VCC = 3.0 V to 3.6 V
-
1.2
-
-
-
-
pF
Table 8.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 8.
Symbol Parameter
Conditions
25
°C
−40 °C to +125 °C
Unit
Min
Typ[1]
Max
Min
Max
(85
°C)
Max
(125
°C)
Measurement points are given in Table 9.
Logic level: VOL is the typical output voltage drop that occurs at the output load.
Fig 7.
The data input (A) to output (Y) propagation delays
mna621
tPLZ
VX
Y output
A input
VI
VCC
VM
VOL
GND
tPZL
VM
Table 9.
Measurement points
Supply voltage
Input
Output
VCC
VM
VM
VX
0.8 V to 1.6 V
0.5
× VCC
0.5
× VCC
VOL + 0.1 V
1.65 V to 2.7 V
0.5
× VCC
0.5
× V
CC
VOL + 0.15 V
3.0 V to 3.6 V
0.5
× VCC
0.5
× V
CC
VOL + 0.3 V


Similar Part No. - 74AUP1G06

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G06 PHILIPS-74AUP1G06 Datasheet
78Kb / 15P
   Low-power inverter with open-drain output
Rev. 02-24 August 2006
logo
Diodes Incorporated
74AUP1G06 DIODES-74AUP1G06 Datasheet
236Kb / 11P
   SINGLE INVERTER WITH OPEN DRAIN OUTPUT
logo
Nexperia B.V. All right...
74AUP1G06 NEXPERIA-74AUP1G06 Datasheet
263Kb / 17P
   Low-power inverter with open-drain output
Rev. 10 - 13 January 2022
74AUP1G06-Q100 NEXPERIA-74AUP1G06-Q100 Datasheet
684Kb / 13P
   Low-power inverter with open-drain output
logo
Diodes Incorporated
74AUP1G06FW4 DIODES-74AUP1G06FW4 Datasheet
236Kb / 11P
   SINGLE INVERTER WITH OPEN DRAIN OUTPUT
More results

Similar Description - 74AUP1G06

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AXP1G06 PHILIPS-74AXP1G06_15 Datasheet
176Kb / 17P
   Low-power inverter with open-drain output
Rev. 1-15 January 2014
logo
Nexperia B.V. All right...
74AUP1G06 NEXPERIA-74AUP1G06 Datasheet
263Kb / 17P
   Low-power inverter with open-drain output
Rev. 10 - 13 January 2022
logo
NXP Semiconductors
74AUP1G06 PHILIPS-74AUP1G06 Datasheet
78Kb / 15P
   Low-power inverter with open-drain output
Rev. 02-24 August 2006
logo
Nexperia B.V. All right...
74AXP1G06 NEXPERIA-74AXP1G06 Datasheet
786Kb / 17P
   Low-power inverter with open-drain output
74AUP1G06-Q100 NEXPERIA-74AUP1G06-Q100 Datasheet
684Kb / 13P
   Low-power inverter with open-drain output
logo
NXP Semiconductors
74AUP1G06 PHILIPS-74AUP1G06_15 Datasheet
343Kb / 19P
   Low-power inverter with open-drain output
Rev. 7-28 June 2012
74AUP2G06 NXP-74AUP2G06 Datasheet
125Kb / 18P
   Low-power dual inverter with open-drain output
Rev. 4-6 December 2011
74AUP2G06 PHILIPS-74AUP2G06_15 Datasheet
198Kb / 18P
   Low-power dual inverter with open-drain output
Rev. 5-29 November 2012
logo
Nexperia B.V. All right...
74AUP2G06 NEXPERIA-74AUP2G06 Datasheet
247Kb / 15P
   Low-power dual inverter with open-drain output
Rev. 8 - 31 January 2022
logo
Leshan Radio Company
MC74VHC1G05 LRC-MC74VHC1G05 Datasheet
153Kb / 4P
   Inverter with Open Drain Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com