Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ALVC373PW Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74ALVC373PW
Description  Octal D-type transparent latch; 3-state
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74ALVC373PW Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74ALVC373PW Datasheet HTML 2Page - NXP Semiconductors 74ALVC373PW Datasheet HTML 3Page - NXP Semiconductors 74ALVC373PW Datasheet HTML 4Page - NXP Semiconductors 74ALVC373PW Datasheet HTML 5Page - NXP Semiconductors 74ALVC373PW Datasheet HTML 6Page - NXP Semiconductors 74ALVC373PW Datasheet HTML 7Page - NXP Semiconductors 74ALVC373PW Datasheet HTML 8Page - NXP Semiconductors 74ALVC373PW Datasheet HTML 9Page - NXP Semiconductors 74ALVC373PW Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
74ALVC373_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 18 October 2007
6 of 17
NXP Semiconductors
74ALVC373
Octal D-type transparent latch; 3-state
8.
Recommended operating conditions
9.
Static characteristics
Table 5.
Recommended operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
1.65
3.6
V
VI
input voltage
0
3.6
V
VO
output voltage
output HIGH or LOW state
0
VCC
V
output 3-state
0
3.6
V
power-down mode; VCC = 0 V
0
3.6
V
Tamb
ambient temperature
in free air
−40
+85
°C
∆t/∆V
input transition rise and fall rate
VCC = 1.65 V to 2.7 V
-
20
ns/V
VCC = 2.7 V to 3.6 V
-
10
ns/V
Table 6.
Static characteristics
At recommended operating conditions. Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
−40 °C to +85 °C
Unit
Min
Typ[1]
Max
VIH
HIGH-level input voltage
VCC = 1.65 V to 1.95 V
0.65
× VCC
--
V
VCC = 2.3 V to 2.7 V
1.7
-
-
V
VCC = 2.7 V to 3.6 V
2.0
-
-
V
VIL
LOW-level input voltage
VCC = 1.65 V to 1.95 V
-
-
0.35
× VCC V
VCC = 2.3 V to 2.7 V
-
-
0.7
V
VCC = 2.7 V to 3.6 V
-
-
0.8
V
VOH
HIGH-level output voltage
VI =VIH or VIL
IO = −100 µA; VCC = 1.65 V to 3.6 V
VCC − 0.2
-
-
V
IO = −6 mA; VCC = 1.65 V
1.25
1.51
-
V
IO = −12 mA; VCC = 2.3 V
1.8
2.10
-
V
IO = −18 mA; VCC = 2.3 V
1.7
2.01
-
V
IO = −12 mA; VCC = 2.7 V
2.2
2.53
-
V
IO = −18 mA; VCC = 3.0 V
2.4
2.76
-
V
IO = −24 mA; VCC = 3.0 V
2.2
2.68
-
V
VOL
LOW-level output voltage
VI =VIH or VIL
IO = 100 µA; VCC = 1.65 V to 3.6 V
-
-
0.2
V
IO = 6 mA; VCC = 1.65 V
-
0.11
0.3
V
IO = 12 mA; VCC = 2.3 V
-
0.17
0.4
V
IO = 18 mA; VCC = 2.3 V
-
0.25
0.6
V
IO = 12 mA; VCC = 2.7 V
-
0.16
0.4
V
IO = 18 mA; VCC = 3.0 V
-
0.23
0.4
V
IO = 24 mA; VCC = 3.0 V
-
0.30
0.55
V
II
input leakage current
VCC = 3.6 V; VI = 3.6 V or GND
-
±0.1
±5
µA


Similar Part No. - 74ALVC373PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVC373PW PHILIPS-74ALVC373PW Datasheet
97Kb / 20P
   Octal D-type transparent latch 3-state
2002 Feb 26
logo
Nexperia B.V. All right...
74ALVC373PW NEXPERIA-74ALVC373PW Datasheet
267Kb / 15P
   Octal D-type transparent latch; 3-state
Rev. 3 - 30 April 2021
More results

Similar Description - 74ALVC373PW

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74LV373 SLS-SL74LV373 Datasheet
47Kb / 8P
   OCTAL D-TYPE TRANSPARENT LATCH(3-State)
SL74LV573 SLS-SL74LV573 Datasheet
43Kb / 6P
   OCTAL D-TYPE TRANSPARENT LATCH (3-State)
logo
NXP Semiconductors
74ALVC373 PHILIPS-74ALVC373 Datasheet
97Kb / 20P
   Octal D-type transparent latch 3-state
2002 Feb 26
74ALVC573 PHILIPS-74ALVC573 Datasheet
108Kb / 20P
   Octal D-type transparent latch 3-state
2003 Jun 25
74ALVC373 PHILIPS-74ALVC373_15 Datasheet
109Kb / 17P
   Octal D-type transparent latch; 3-state
Rev. 02-18 October 2007
74HC_HCT573 PHILIPS-74HC_HCT573_15 Datasheet
232Kb / 21P
   Octal D-type transparent latch; 3-state
Rev. 6-26 January 2015
logo
KODENSHI_AUK CORP.
KK74LV373 KODENSHI-KK74LV373 Datasheet
330Kb / 6P
   Octal D-type transparent latch; 3-state
KK74LV374 KODENSHI-KK74LV374 Datasheet
328Kb / 6P
   Octal D-type transparent latch; 3-state
logo
List of Unclassifed Man...
74HC373 ETC1-74HC373 Datasheet
243Kb / 5P
   OCTAL D-TYPE TRANSPARENT LATCH 3-STATE
logo
IK Semicon Co., Ltd
IN74LV573 IKSEMICON-IN74LV573 Datasheet
334Kb / 8P
   Octal D-type transparent latch (3-State)
logo
Nexperia B.V. All right...
74HC573-Q100 NEXPERIA-74HC573-Q100 Datasheet
274Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 6 - 10 February 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com