Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ALVC32PW Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74ALVC32PW
Description  Quad 2-input OR gate
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74ALVC32PW Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74ALVC32PW Datasheet HTML 3Page - NXP Semiconductors 74ALVC32PW Datasheet HTML 4Page - NXP Semiconductors 74ALVC32PW Datasheet HTML 5Page - NXP Semiconductors 74ALVC32PW Datasheet HTML 6Page - NXP Semiconductors 74ALVC32PW Datasheet HTML 7Page - NXP Semiconductors 74ALVC32PW Datasheet HTML 8Page - NXP Semiconductors 74ALVC32PW Datasheet HTML 9Page - NXP Semiconductors 74ALVC32PW Datasheet HTML 10Page - NXP Semiconductors 74ALVC32PW Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
74ALVC32_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 10 December 2007
7 of 13
NXP Semiconductors
74ALVC32
Quad 2-input OR gate
Test data is given in Table 9.
Definitions for test circuit:
RL = Load resistance.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
VEXT = External voltage for measuring switching times.
Fig 7.
Test circuitry for switching times
VM
VM
tW
tW
10 %
90 %
0 V
VI
VI
negative
pulse
positive
pulse
0 V
VM
VM
90 %
10 %
tf
tr
tr
tf
001aae331
VEXT
VCC
VI
VO
DUT
CL
RT
RL
RL
G
Table 9.
Test data
Supply voltage VCC
Input
Load
VEXT
VI
tr, tf
CL
RL
tPLH, tPHL
tPLZ, tPZL
tPHZ, tPZH
1.65 V to 1.95 V
VCC
≤ 2.0 ns
30 pF
1 k
open
2
× V
CC
GND
2.3 V to 2.7 V
VCC
≤ 2.0 ns
30 pF
500
open
2
× V
CC
GND
2.7 V
2.7 V
≤ 2.5 ns
50 pF
500
open
6 V
GND
3.0 V to 3.6 V
2.7 V
≤ 2.5 ns
50 pF
500
open
6 V
GND


Similar Part No. - 74ALVC32PW

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74ALVC32PW NEXPERIA-74ALVC32PW Datasheet
232Kb / 12P
   Quad 2-input OR gate
Rev. 5 - 30 April 2021
74ALVC32PW-Q100 NEXPERIA-74ALVC32PW-Q100 Datasheet
732Kb / 15P
   Quad 2-input OR gate
More results

Similar Description - 74ALVC32PW

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC4071BP TOSHIBA-TC4071BP Datasheet
181Kb / 5P
   QUAD 2 INPUT OR GATE
logo
Intersil Corporation
CD54AC32 INTERSIL-CD54AC32 Datasheet
14Kb / 1P
   Quad 2-Input OR Gate
June 1997
logo
National Semiconductor ...
54F32 NSC-54F32 Datasheet
128Kb / 6P
   Quad 2-Input OR Gate
logo
Motorola, Inc
SN54LS32 MOTOROLA-SN54LS32 Datasheet
121Kb / 4P
   QUAD 2-INPUT OR GATE
logo
ON Semiconductor
MC74HC32A ONSEMI-MC74HC32A Datasheet
129Kb / 8P
   Quad 2-Input OR Gate
March, 2000 ??Rev. 7
logo
NXP Semiconductors
74ALS32 PHILIPS-74ALS32 Datasheet
97Kb / 8P
   Quad 2-Input OR gate
1991 Feb 08
logo
ON Semiconductor
MC74AC32 ONSEMI-MC74AC32 Datasheet
138Kb / 9P
   QUAD 2-INPUT OR GATE
October, 2006 ??Rev. 7
logo
Integral Corp.
IN74VHCT32 INTEGRAL-IN74VHCT32 Datasheet
253Kb / 6P
   Quad 2-Input OR Gate
logo
STMicroelectronics
74AC32 STMICROELECTRONICS-74AC32 Datasheet
70Kb / 8P
   QUAD 2-INPUT OR GATE
74LVQ32 STMICROELECTRONICS-74LVQ32 Datasheet
56Kb / 8P
   QUAD 2-INPUT OR GATE
February 1999
logo
System Logic Semiconduc...
SL74HC32 SLS-SL74HC32 Datasheet
35Kb / 4P
   Quad 2-Input OR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com