Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AHC3GU04DP Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74AHC3GU04DP
Description  Inverter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHC3GU04DP Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74AHC3GU04DP Datasheet HTML 4Page - NXP Semiconductors 74AHC3GU04DP Datasheet HTML 5Page - NXP Semiconductors 74AHC3GU04DP Datasheet HTML 6Page - NXP Semiconductors 74AHC3GU04DP Datasheet HTML 7Page - NXP Semiconductors 74AHC3GU04DP Datasheet HTML 8Page - NXP Semiconductors 74AHC3GU04DP Datasheet HTML 9Page - NXP Semiconductors 74AHC3GU04DP Datasheet HTML 10Page - NXP Semiconductors 74AHC3GU04DP Datasheet HTML 11Page - NXP Semiconductors 74AHC3GU04DP Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
74AHC3GU04_4
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 7 January 2010
8 of 15
NXP Semiconductors
74AHC3GU04
Inverter
14. Application information
Some applications are:
Linear amplifier (see Figure 13)
In crystal oscillator design (see Figure 14)
Remark: All values given are typical unless otherwise specified.
Fig 12. Typical forward transconductance gfs as a function of the supply voltage at Tamb = 25 °C
0246
40
30
10
0
20
mna400
VCC (V)
gfs
(mA/V)
Maximum Vo(p-p) = VCC − 1.5 V centered at 0.5 × VCC.
Gol = open loop gain
Gv = voltage gain
R1
≥ 3 kΩ, R2 ≤ 1 MΩ
ZL > 10 kΩ; Gol = 20 (typ.)
Typical unity gain bandwidth product is 5 MHz.
C1 = 47 pF (typ.)
C2 = 22 pF (typ.)
R1 = 1 M
Ω to 10 MΩ (typ.)
R2 optimum value depends on the frequency and
required stability against changes in VCC or average
minimum ICC (ICC is typically 2 mA at VCC = 3 V and
f = 1 MHz).
Fig 13. Used as a linear amplifier
Fig 14. Crystal oscillator configuration
U04
R1
R2
VCC
ZL
mna052
1
μF
mna053
U04
out
R2
R1
C1
C2
G
v
G
ol
1
R1
R2
------- 1G
ol
+
()
+
---------------------------------------
=


Similar Part No. - 74AHC3GU04DP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC3GU04DP PHILIPS-74AHC3GU04DP Datasheet
97Kb / 17P
   high-speed Si-gate CMOS device
Rev. 01-5 March 2004
logo
Nexperia B.V. All right...
74AHC3GU04DP NEXPERIA-74AHC3GU04DP Datasheet
233Kb / 13P
   Triple unbuffered inverter
Rev. 6 - 27 February 2019
74AHC3GU04DP-Q100 NEXPERIA-74AHC3GU04DP-Q100 Datasheet
233Kb / 13P
   Triple unbuffered inverter
More results

Similar Description - 74AHC3GU04DP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1GU04 PHILIPS-74LVC1GU04 Datasheet
96Kb / 15P
   Inverter
2004 Sep 21
logo
Sumida Corporation
CIUH7D45 SUMIDA-CIUH7D45 Datasheet
160Kb / 1P
   INVERTER
logo
Toshiba Semiconductor
TC7S04FTE85LF TOSHIBA-TC7S04FTE85LF Datasheet
183Kb / 7P
   Inverter
logo
Unisonic Technologies
U74AHCT3G04 UTC-U74AHCT3G04 Datasheet
193Kb / 5P
   INVERTER
logo
NXP Semiconductors
74HC3G04 NXP-74HC3G04 Datasheet
91Kb / 13P
   Inverter
Rev. 03-2 July 2008
logo
Toshiba Semiconductor
TC7SZ04AFE TOSHIBA-TC7SZ04AFE_07 Datasheet
153Kb / 5P
   Inverter
TC7SU04F TOSHIBA-TC7SU04F_01 Datasheet
225Kb / 6P
   INVERTER
TC7S04F TOSHIBA-TC7S04F_01 Datasheet
229Kb / 6P
   INVERTER
TC7SZ04AFS TOSHIBA-TC7SZ04AFS Datasheet
166Kb / 6P
   INVERTER
logo
Renesas Technology Corp
RJP65D05DWA RENESAS-RJP65D05DWA Datasheet
157Kb / 4P
   Inverter
RJP65M04DWA RENESAS-RJP65M04DWA_15 Datasheet
147Kb / 4P
   Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com