Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AHC3G04 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74AHC3G04
Description  Inverter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHC3G04 Datasheet(HTML) 2 Page - NXP Semiconductors

  74AHC3G04 Datasheet HTML 1Page - NXP Semiconductors 74AHC3G04 Datasheet HTML 2Page - NXP Semiconductors 74AHC3G04 Datasheet HTML 3Page - NXP Semiconductors 74AHC3G04 Datasheet HTML 4Page - NXP Semiconductors 74AHC3G04 Datasheet HTML 5Page - NXP Semiconductors 74AHC3G04 Datasheet HTML 6Page - NXP Semiconductors 74AHC3G04 Datasheet HTML 7Page - NXP Semiconductors 74AHC3G04 Datasheet HTML 8Page - NXP Semiconductors 74AHC3G04 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
74AHC_AHCT3G04_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 26 January 2009
2 of 13
NXP Semiconductors
74AHC3G04; 74AHCT3G04
Inverter
4.
Marking
5.
Functional diagram
6.
Pinning information
6.1 Pinning
Table 2.
Marking codes
Type number
Marking code
74AHC3G04DP
A04
74AHCT3G04DP
C04
74AHC3G04DC
A04
74AHCT3G04DC
C04
74AHC3G04GD
A04
74AHCT3G04GD
C04
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
Fig 3.
Logic diagram (one gate)
mna720
1A
1Y
17
2A
2Y
35
3A
3Y
62
7
1
1
1
5
3
mna721
1
2
6
mna110
A
Y
Fig 4.
Pin configuration SOT505-2 (TSSOP8) and
SOT765-1 (VSSOP8)
Fig 5.
Pin configuration SOT996-2 (XSON8U)
74AHC3G04
74AHCT3G04
1A
VCC
3Y
1Y
2A
3A
GND
2Y
001aaj514
1
2
3
4
6
5
8
7
001aaj515
74AHC3G04
74AHCT3G04
Transparent top view
8
7
6
5
1
2
3
4
1A
3Y
2A
GND
VCC
1Y
3A
2Y


Similar Part No. - 74AHC3G04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC3G04 PHILIPS-74AHC3G04 Datasheet
84Kb / 16P
   INVERTER
2003 Nov 06
logo
Nexperia B.V. All right...
74AHC3G04 NEXPERIA-74AHC3G04 Datasheet
236Kb / 13P
   Inverter
Rev. 5 - 4 August 2021
74AHC3G04-Q100 NEXPERIA-74AHC3G04-Q100 Datasheet
211Kb / 11P
   The 74AHC3G04-Q100; 74AHCT3G04-Q100 are high-speed Si-gate CMOS devices. They provide three inverting buffers
logo
NXP Semiconductors
74AHC3G04DC PHILIPS-74AHC3G04DC Datasheet
84Kb / 16P
   INVERTER
2003 Nov 06
logo
Nexperia B.V. All right...
74AHC3G04DC NEXPERIA-74AHC3G04DC Datasheet
236Kb / 13P
   Inverter
Rev. 5 - 4 August 2021
More results

Similar Description - 74AHC3G04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1GU04 PHILIPS-74LVC1GU04 Datasheet
96Kb / 15P
   Inverter
2004 Sep 21
logo
Sumida Corporation
CIUH7D45 SUMIDA-CIUH7D45 Datasheet
160Kb / 1P
   INVERTER
logo
Toshiba Semiconductor
TC7S04FTE85LF TOSHIBA-TC7S04FTE85LF Datasheet
183Kb / 7P
   Inverter
logo
Unisonic Technologies
U74AHCT3G04 UTC-U74AHCT3G04 Datasheet
193Kb / 5P
   INVERTER
logo
NXP Semiconductors
74HC3G04 NXP-74HC3G04 Datasheet
91Kb / 13P
   Inverter
Rev. 03-2 July 2008
logo
Toshiba Semiconductor
TC7SZ04AFE TOSHIBA-TC7SZ04AFE_07 Datasheet
153Kb / 5P
   Inverter
TC7SU04F TOSHIBA-TC7SU04F_01 Datasheet
225Kb / 6P
   INVERTER
TC7S04F TOSHIBA-TC7S04F_01 Datasheet
229Kb / 6P
   INVERTER
TC7SZ04AFS TOSHIBA-TC7SZ04AFS Datasheet
166Kb / 6P
   INVERTER
logo
Renesas Technology Corp
RJP65D05DWA RENESAS-RJP65D05DWA Datasheet
157Kb / 4P
   Inverter
RJP65M04DWA RENESAS-RJP65M04DWA_15 Datasheet
147Kb / 4P
   Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com