Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHB-03A-04 Datasheet(PDF) 1 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CHB-03A-04
Description  Voltage 1.5(V),Direct current resistance 9.5(R)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CHB-03A-04 Datasheet(HTML) 1 Page - CITIZEN ELECTRONICS CO., LTD.

  CHB-03A-04 Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
149
● ● ● ● ● ● ● ● ● ● ●
※1 DUTY50% 方形波/Duty 50% Square wave ※2 (1)無響室内において、(2)マイクロホンとの距離を放音孔前方10cmとし、(3)発音体を単体で測定することを条件とします。/The condition is to take measurements (1) in the anechoic chamber, (2) at the distance of 10cm in front of sound
output hole to the microphone and (3) with the sound generator alone.
14×11×3mm
●仕様/Specifications
●外形寸法図/Outline drawing
4-1
2.1
0.5
2
10.7
6.5
3
14
2-
ø0
.6
(+)端子(+) Terminal
放音孔 Sound output hole
(−)端子 (−) Terminal
ダミー端子 Terminal for dummy lead
CHB-03A
-04
5A
100
90
80
70
60
50
dB
1k
2k
3k
5k Hz 7k
10k
●周波数特性/ Frequency
characteristics
単位/Unit:mm
CHB-03B-05
14×11×3mm
●仕様/Specifications
※1 DUTY50% 方形波/Duty 50% Square wave ※2 (1)無響室内において、(2)マイクロホンとの距離を放音孔前方10cmとし、(3)発音体を単体で測定することを条件とします。/The condition is to take measurements (1) in the anechoic chamber, (2) at the distance of 10cm in front of sound
output hole to the microphone and (3) with the sound generator alone.
●外形寸法図/Outline drawing
CHB-03B
-05
5A
4-1
2.1
0.5
2
10.7
6.5
3
14
2-
ø0
.6
(+)端子(+) Terminal
放音孔 Sound output hole
(−)端子 (−) Terminal
ダミー端子 Terminal for dummy lead
100
90
80
70
60
50
dB
1k
2k
3k
5k Hz 7k
10k
●周波数特性/ Frequency
characteristics
単位/Unit:mm
定格電圧※1
Rated
(V)
3
最小音圧※2
Minimum sound
(dB〈A〉)
87
駆動周波数
Driving
(Hz)
2700
voltage※1
pressure level
frequency
平均消費電流最大値
Average maximum
(mA)
70
平均音圧※2
Average sound
(dB〈A〉)
93
直流抵抗
Direct current
(Ω)
18
rated current
pressure level
resistance
※1 DUTY50% 方形波/Duty 50% Square wave ※2 (1)無響室内において、(2)マイクロホンとの距離を放音孔前方10cmとし、(3)発音体を単体で測定することを条件とします。/The condition is to take measurements (1) in the anechoic chamber, (2) at the distance of 10cm in front of sound
output hole to the microphone and (3) with the sound generator alone.
CHB-03A-04
14×11×3mm
●仕様/Specifications
●外形寸法図/Outline drawing
4-1
2.1
0.5
2
10.7
6.5
3
14
2-
ø0
.6
(+)端子(+) Terminal
放音孔 Sound output hole
(−)端子 (−) Terminal
ダミー端子 Terminal for dummy lead
CHB-03A
-04
5A
100
90
80
70
60
50
dB
1k
2k
3k
5k Hz 7k
10k
●周波数特性/ Frequency
characteristics
単位/Unit:mm
14×11×3mm
●仕様/Specifications
※1 DUTY50% 方形波/Duty 50% Square wave ※2 (1)無響室内において、(2)マイクロホンとの距離を放音孔前方10cmとし、(3)発音体を単体で測定することを条件とします。/The condition is to take measurements (1) in the anechoic chamber, (2) at the distance of 10cm in front of sound
output hole to the microphone and (3) with the sound generator alone.
●外形寸法図/Outline drawing
CHB-03B
-05
5A
4-1
2.1
0.5
2
10.7
6.5
3
14
2-
ø0
.6
(+)端子(+) Terminal
放音孔 Sound output hole
(−)端子 (−) Terminal
ダミー端子 Terminal for dummy lead
100
90
80
70
60
50
dB
1k
2k
3k
5k Hz 7k
10k
●周波数特性/ Frequency
characteristics
単位/Unit:mm
定格電圧※1
Rated
(V)
3
最小音圧※2
Minimum sound
(dB〈A〉)
87
駆動周波数
Driving
(Hz)
2700
voltage※1
pressure level
frequency
平均消費電流最大値
Average maximum
(mA)
70
平均音圧※2
Average sound
(dB〈A〉)
93
直流抵抗
Direct current
(Ω)
18
rated current
pressure level
resistance
CHB-03D
14×11×3.4mm
●仕様/Specifications
※1 DUTY50% 方形波/Duty 50% Square wave ※2 (1)無響室内において、(2)マイクロホンとの距離を放音孔前方10cmとし、(3)発音体を単体で測定することを条件とします。/The condition is to take measurements (1) in the anechoic chamber, (2) at the distance of 10cm in front of sound
output hole to the microphone and (3) with the sound generator alone.
●外形寸法図/Outline drawing
(+)端子(+) Terminal
放音孔 Sound output hole
(−)端子 (−) Terminal
ダミー端子2 Terminal for dummy lead 2pcs
3.4
11.3
14
1.3
CHB-03D
5G
110
100
90
80
70
60
dB
1k
2k
3k
5k Hz 7k
10k
●周波数特性/ Frequency
characteristics
単位/Unit:mm
定格電圧※1
Rated
(V)
5
最小音圧※2
Minimum sound
(dB〈A〉)
87
駆動周波数
Driving
(Hz)
2730
voltage※1
pressure level
frequency
平均消費電流最大値
Average maximum
(mA)
80
平均音圧※2
Average sound
(dB〈A〉)
95
直流抵抗
Direct current
(Ω)
40
rated current
pressure level
resistance
定格電圧※1
Rated
(V)
1.5
最小音圧※2
Minimum sound
(dB〈A〉)
83
駆動周波数
Driving
(Hz)
2700
voltage※1
pressure level
frequency
平均消費電流最大値
Average maximum
(mA)
60
平均音圧※2
Average sound
(dB〈A〉)
87
直流抵抗
Direct current
(Ω)
9.5
rated current
pressure level
resistance


Similar Part No. - CHB-03A-04

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CHB-03A-04 ETC-CHB-03A-04 Datasheet
205Kb / 2P
   Surface Mountable Sound Generators CHB Series
logo
CITIZEN ELECTRONICS CO....
CHB-03A-04 CITIZEN-CHB-03A-04 Datasheet
457Kb / 1P
   Small Buzzer
More results

Similar Description - CHB-03A-04

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CHB-04H-14 CITIZEN-CHB-04H-14 Datasheet
420Kb / 1P
   Volatge 5(V), Direct current resistance 32(R)
CHB-03M CITIZEN-CHB-03M Datasheet
453Kb / 1P
   Volatge 3(V), Direct current resistance 18(R)
CHB-03G CITIZEN-CHB-03G Datasheet
449Kb / 1P
   Volatge 5(V), Direct current resistance 40(R)
CB-12EP CITIZEN-CB-12EP Datasheet
446Kb / 1P
   Rated voltage 1.5(V),DC resistance 42(R)
logo
Rosenberger Hochfrequen...
SLJ12SP-65M65R-X-00 ROSENBERGER-SLJ12SP-65M65R-X-00 Datasheet
671Kb / 2P
   4.1-9.5 MALE / 4.1-9.5 R/A MALE
logo
Analog Devices
ADG1404 AD-ADG1404_15 Datasheet
273Kb / 16P
   1.5 On Resistance
REV. A
logo
JMK Inc.
HH-0828-1.5 JMK-HH-0828-1.5 Datasheet
106Kb / 1P
   Operating Voltage = 115 / 250 V~ Operating Current = 1.5 Amp
logo
American Zettler, Inc.
AZHVDC AZETTLER-AZHVDC Datasheet
5Mb / 15P
   High voltage direct current relay
logo
Hongfa Technology
HFE18V-300 HONGFA-HFE18V-300 Datasheet
98Kb / 5P
    HIGH VOLTAGE DIRECT CURRENT RELAY
HFE18V-100 HONGFA-HFE18V-100 Datasheet
86Kb / 5P
   HIGH VOLTAGE DIRECT CURRENT RELAY
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com