Electronic Components Datasheet Search |
|
LZG-B12VE-C Datasheet(PDF) 1 Page - Fujitsu Component Limited. |
|
LZG-B12VE-C Datasheet(HTML) 1 Page - Fujitsu Component Limited. |
1 / 6 page DISCONTINUED s ORDERING INFORMATION LZG – B 12 H M S E – K [Example] (a) (b) (c) (d) (e) (f ) (g) (h) s FEATURES q UL (UL372, UL508, UL873), CSA, VDE q 4 kinds of contact ratings —Low level to 10 amps switching q Standard and high sensitivity types available q High isolation in small package —Dielectric strength: 2,500 VAC (between coil and contacts) —Surge strength: 7,000 V q UL class B (130 °C) insulation type available (only plastic sealed type) q Plastic sealed type q Printed circuit terminals compatible with LZ relay q Environmentally friendly cadmium free contact type is available. (a) Series Name LZG: LZG Series (b) Coil Heat Proof Class Nil : Standard type B : UL Class B insulation type (130 °C) (c) Nominal Voltage Refer to the COIL DATA CHART (d) Contact Rating Nil : 3 A H : 5 A V : 10 A (only LZG-M) W : 1 A (bifurcated) (e) Contact Arrangement Nil : 1 form C (SPDT) M : 1 form A (SPST-NO) ( f ) Coil Type Nil : Standard type S : High sensitivity type (without LZG-V) (g) Contact Material (Rating) Nil : Gold overlay silver-palladium (only LZG-W) Nil : Gold overlay silver-nickel (3 A, 5 A) Nil : Silver alloy (10 A) (only LZG-VM) E : Silver-nickel (3 A, 5 A) (h) Enclosure Nil : Flux free type K : Plastic sealed type (only LZG-B) C : Plastic sealed type (with tape) (only LZG-B) LZG SERIES POWER RELAY 1 POLE— 1, 3, 5, 10 A (CADMIUM FREE CONTACTS TYPE) 1 |
Similar Part No. - LZG-B12VE-C |
|
Similar Description - LZG-B12VE-C |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |