Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DC12.5122.001 Datasheet(PDF) 4 Page - Schurter Inc.

Part # DC12.5122.001
Description  IEC Appliance Inlet C14 with Filter, Line Switch 1- or 2-pole, Front or Rear Side Mounting
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

DC12.5122.001 Datasheet(HTML) 4 Page - Schurter Inc.

  DC12.5122.001 Datasheet HTML 1Page - Schurter Inc. DC12.5122.001 Datasheet HTML 2Page - Schurter Inc. DC12.5122.001 Datasheet HTML 3Page - Schurter Inc. DC12.5122.001 Datasheet HTML 4Page - Schurter Inc. DC12.5122.001 Datasheet HTML 5Page - Schurter Inc. DC12.5122.001 Datasheet HTML 6Page - Schurter Inc. DC12.5122.001 Datasheet HTML 7Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image

Power Entry Modules with Line Filter
DC2
www.schurter.com/pg06
EMC Products
Medicalversion(M5)
1 A
2 A
4 A
6 A
10 A
Variants
Rated Current
[A]
Filter-Type
Panel mounting
Mounting side
Line Switch
Illumination
Color
Order Number
1
Standard Version
Screw
Front-Side
1-pole
non-illuminated
-
DC12.1102.003
2
Standard Version
Screw
Front-Side
1-pole
non-illuminated
-
DC12.2102.003
4
Standard Version
Screw
Front-Side
1-pole
non-illuminated
-
DC12.3102.003
6
Standard Version
Screw
Front-Side
1-pole
non-illuminated
-
DC12.4102.003
10
Standard Version
Screw
Front-Side
1-pole
non-illuminated
-
DC12.5102.003
1
Standard Version
Screw
Front-Side
1-pole
illuminated
red
DC12.1122.003
1
Standard Version
Screw
Front-Side
1-pole
illuminated
green
DC12.1132.003
2
Standard Version
Screw
Front-Side
1-pole
illuminated
red
DC12.2122.003
2
Standard Version
Screw
Front-Side
1-pole
illuminated
green
DC12.2132.003
4
Standard Version
Screw
Front-Side
1-pole
illuminated
red
DC12.3122.003
4
Standard Version
Screw
Front-Side
1-pole
illuminated
green
DC12.3132.003
6
Standard Version
Screw
Front-Side
1-pole
illuminated
red
DC12.4122.003
6
Standard Version
Screw
Front-Side
1-pole
illuminated
green
DC12.4132.003
10
Standard Version
Screw
Front-Side
1-pole
illuminated
red
DC12.5122.003
10
Standard Version
Screw
Front-Side
1-pole
illuminated
green
DC12.5132.003
1
Standard Version
Screw
Front-Side
2-pole
non-illuminated
-
DC12.1102.001
2
Standard Version
Screw
Front-Side
2-pole
non-illuminated
-
DC12.2102.001
4
Standard Version
Screw
Front-Side
2-pole
non-illuminated
-
DC12.3102.001
6
Standard Version
Screw
Front-Side
2-pole
non-illuminated
-
DC12.4102.001
10
Standard Version
Screw
Front-Side
2-pole
non-illuminated
-
DC12.5102.001
1
Standard Version
Screw
Front-Side
2-pole
illuminated
red
DC12.1122.001
1
Standard Version
Screw
Front-Side
2-pole
illuminated
green
DC12.1132.001
2
Standard Version
Screw
Front-Side
2-pole
illuminated
red
DC12.2122.001
2
Standard Version
Screw
Front-Side
2-pole
illuminated
green
DC12.2132.001
4
Standard Version
Screw
Front-Side
2-pole
illuminated
red
DC12.3122.001
4
Standard Version
Screw
Front-Side
2-pole
illuminated
green
DC12.3132.001
6
Standard Version
Screw
Front-Side
2-pole
illuminated
red
DC12.4122.001
6
Standard Version
Screw
Front-Side
2-pole
illuminated
green
DC12.4132.001
10
Standard Version
Screw
Front-Side
2-pole
illuminated
red
DC12.5122.001
10
Standard Version
Screw
Front-Side
2-pole
illuminated
green
DC12.5132.001
1
Standard Version
Screw
Rear-Side
1-pole
non-illuminated
-
DC12.1102.203
2
Standard Version
Screw
Rear-Side
1-pole
non-illuminated
-
DC12.2102.203
4
Standard Version
Screw
Rear-Side
1-pole
non-illuminated
-
DC12.3102.203
6
Standard Version
Screw
Rear-Side
1-pole
non-illuminated
-
DC12.4102.203
10
Standard Version
Screw
Rear-Side
1-pole
non-illuminated
-
DC12.5102.203
1
Standard Version
Screw
Rear-Side
2-pole
non-illuminated
-
DC12.1102.201
2
Standard Version
Screw
Rear-Side
2-pole
non-illuminated
-
DC12.2102.201


Similar Part No. - DC12.5122.001

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DC12.5102.001 SCHURTER-DC12.5102.001 Datasheet
1,016Kb / 9P
   IEC Appliance Inlet C14 with Filter, Line Switch 1- or 2-pole, Front or Rear Side Mounting
DC12.5102.001.21 SCHURTER-DC12.5102.001.21 Datasheet
1,016Kb / 9P
   IEC Appliance Inlet C14 with Filter, Line Switch 1- or 2-pole, Front or Rear Side Mounting
DC12.5102.003 SCHURTER-DC12.5102.003 Datasheet
1,016Kb / 9P
   IEC Appliance Inlet C14 with Filter, Line Switch 1- or 2-pole, Front or Rear Side Mounting
DC12.5102.003.21 SCHURTER-DC12.5102.003.21 Datasheet
1,016Kb / 9P
   IEC Appliance Inlet C14 with Filter, Line Switch 1- or 2-pole, Front or Rear Side Mounting
DC12.5102.101 SCHURTER-DC12.5102.101 Datasheet
1,016Kb / 9P
   IEC Appliance Inlet C14 with Filter, Line Switch 1- or 2-pole, Front or Rear Side Mounting
More results

Similar Description - DC12.5122.001

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DC12 SCHURTER-DC12_15 Datasheet
1,016Kb / 9P
   IEC Appliance Inlet C14 with Filter, Line Switch 1- or 2-pole, Front or Rear Side Mounting
DC12 SCHURTER-DC12_18 Datasheet
997Kb / 10P
   IEC Appliance Inlet C14 with Filter, Line Switch 1- or 2-pole, Front or Rear Side Mounting
DC12 SCHURTER-DC12_V01 Datasheet
1Mb / 10P
   IEC Appliance Inlet C14 with Filter, Line Switch 1- or 2-pole, Front or Rear Side Mounting
04.01.2022
FGS SCHURTER-FGS_V01 Datasheet
523Kb / 6P
   IEC Appliance Inlet C14 with Filter, Front or Rear side Mounting
17.08.2020
FGS SCHURTER-FGS Datasheet
513Kb / 4P
   IEC Appliance Inlet C14 with Filter, Front or Rear side Mounting
DC22 SCHURTER-DC22_V01 Datasheet
764Kb / 6P
   IEC Appliance Inlet C14 with Filter, Line Switch 1- or 2-pole, PCB Mounting
04.01.2022
DC22 SCHURTER-DC22 Datasheet
774Kb / 5P
   IEC Appliance Inlet C14 with Filter, Line Switch 1- or 2-pole, PCB Mounting
DC21 SCHURTER-DC21 Datasheet
411Kb / 3P
   IEC Appliance Inlet C14 with Line Switch 1- or 2-pole
KP01125211 SCHURTER-KP01125211_V01 Datasheet
577Kb / 6P
   IEC Appliance Inlet C14 with Line Switch 1- or 2-pole
15.09.2021
KP01125211 SCHURTER-KP01125211 Datasheet
668Kb / 4P
   IEC Appliance Inlet C14 with Line Switch 1- or 2-pole
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com