Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RM8-3E27 Datasheet(PDF) 5 Page - Ferroxcube International Holding B.V.

Part # RM8-3E27
Description  RM, RM/I, RM/ILP cores and accessories
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

RM8-3E27 Datasheet(HTML) 5 Page - Ferroxcube International Holding B.V.

  RM8-3E27 Datasheet HTML 1Page - Ferroxcube International Holding B.V. RM8-3E27 Datasheet HTML 2Page - Ferroxcube International Holding B.V. RM8-3E27 Datasheet HTML 3Page - Ferroxcube International Holding B.V. RM8-3E27 Datasheet HTML 4Page - Ferroxcube International Holding B.V. RM8-3E27 Datasheet HTML 5Page - Ferroxcube International Holding B.V. RM8-3E27 Datasheet HTML 6Page - Ferroxcube International Holding B.V. RM8-3E27 Datasheet HTML 7Page - Ferroxcube International Holding B.V. RM8-3E27 Datasheet HTML 8Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2008 Sep 01
5
Ferroxcube
RM, RM/I, RM/ILP cores and accessories
RM8/I
COIL FORMER
General data
Winding data and area product for RM8/I coil former (DIL)
PARAMETER
SPECIFICATION
Coil former material
polybutyleneterephthalate (PBT), glass-reinforced, flame retardant
in accordance with “UL 94V-0”; UL file number E45329(R)
Pin material
copper-tin alloy (CuSn), tin (Sn) plated
Maximum operating temperature
155
°C, “IEC 60085”, class F
Resistance to soldering heat
“IEC 60068-2-20”, Part 2, Test Tb, method 1B, 350
°C, 3.5 s
Solderability
“IEC 60068-2-20”, Part 2, Test Ta, method 1
NUMBER OF
SECTIONS
AVERAGE
LENGTH OF
TURN
(mm)
WINDING
AREA
(mm2)
WINDING
WIDTH
(mm)
AREA
PRODUCT
Ae x Aw
(mm4)
TYPE NUMBER
1
42
30.9
8.6
1950
CPV-RM8/I-1S-12PD
handbook, full pagewidth
CBW524
2.54
3.2
4.3
0.3
2.5
1.1
0.65
(8.6 min.)
16 23.4
3.81
3.81
3.81
3.81
20.32
23.3
5.08
∅0.6
8.7 +
0.2
0
1 +
0.15
0
10.6
0
−0.15
3.1
∅9.95 0
−0.1
∅16.9 0
−0.2
Fig.2 RM8/I coil former (DIL).
Dimensions in mm.


Similar Part No. - RM8-3E27

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
RM8-3D3 FERROXCUBE-RM8-3D3 Datasheet
91Kb / 6P
   RM, RM/I, RM/ILP cores and accessories
RM8-3D3-E100 FERROXCUBE-RM8-3D3-E100 Datasheet
91Kb / 6P
   RM, RM/I, RM/ILP cores and accessories
RM8-3D3-E160 FERROXCUBE-RM8-3D3-E160 Datasheet
91Kb / 6P
   RM, RM/I, RM/ILP cores and accessories
RM8-3H3 FERROXCUBE-RM8-3H3 Datasheet
91Kb / 6P
   RM, RM/I, RM/ILP cores and accessories
RM8-3H3-A250 FERROXCUBE-RM8-3H3-A250 Datasheet
91Kb / 6P
   RM, RM/I, RM/ILP cores and accessories
More results

Similar Description - RM8-3E27

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
RM5-3C90-A63 FERROXCUBE-RM5-3C90-A63 Datasheet
79Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
RM12-3C90-A160 FERROXCUBE-RM12-3C90-A160 Datasheet
89Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
RM12-3C90 FERROXCUBE-RM12-3C90 Datasheet
51Kb / 4P
   RM, RM/I, RM/ILP cores and accessories
RM14-3C90-A250 FERROXCUBE-RM14-3C90-A250 Datasheet
88Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
RM7-3C90-A100 FERROXCUBE-RM7-3C90-A100 Datasheet
83Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
RM10-3D3-A315 FERROXCUBE-RM10-3D3-A315 Datasheet
95Kb / 8P
   RM, RM/I, RM/ILP cores and accessories
ADJ-RM4 FERROXCUBE-ADJ-RM4 Datasheet
59Kb / 1P
   RM, RM/I, RM/ILP cores and accessories
RM5-3D3-E40 FERROXCUBE-RM5-3D3-E40 Datasheet
96Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
RM14-3C90 FERROXCUBE-RM14-3C90 Datasheet
51Kb / 4P
   RM, RM/I, RM/ILP cores and accessories
RM6S-3D3-E63 FERROXCUBE-RM6S-3D3-E63 Datasheet
118Kb / 8P
   RM, RM/I, RM/ILP cores and accessories
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com