Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA22.6121.11 Datasheet(PDF) 3 Page - Schurter Inc.

Part # DA22.6121.11
Description  IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole, for PCB Mounting
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

DA22.6121.11 Datasheet(HTML) 3 Page - Schurter Inc.

  DA22.6121.11 Datasheet HTML 1Page - Schurter Inc. DA22.6121.11 Datasheet HTML 2Page - Schurter Inc. DA22.6121.11 Datasheet HTML 3Page - Schurter Inc. DA22.6121.11 Datasheet HTML 4Page - Schurter Inc. DA22.6121.11 Datasheet HTML 5Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image

Power Entry Modules with Line Filter
DA22
www.schurter.com/pg06
EMC Products
Derating Curves
1-pole
0
20
40
60
80
100
I = << In
I = 0.7 In
I = 1.0 In
2.0
1.5
1.0
0.5
0.0
Ambient air temperature Ta °C
2-pole
0
20
40
60
80
100
0.2
0.0
I = << In
I = 0.7 In
I = 1.0 In
1.4
0.6
0.4
1.0
0.8
1.2
Ambient air temperature Ta °C
Attenuation Loss
----differentialmode_____commonmode
Standardversion
1 A
2 A
4 A
6 A
8 A
10 A
Medicalversion(M5)
1 A
2 A
4 A
6 A
8 A
10 A
Technical Data of Filter-Components
Rated Current
[A]
Filter-Type
Inductances
L [mH]
Capacitance
CX [nF]
Capacitance
CY [nF]
R [M
Ω]
1
Standard Version with Bleed Resistor
2 x 10
100
2.2
1
2
Standard Version with Bleed Resistor
2 x 4
100
2.2
1
4
Standard Version with Bleed Resistor
2 x 1.5
100
2.2
1
6
Standard Version with Bleed Resistor
2 x 0.8
100
2.2
1
8
Standard Version with Bleed Resistor
2 x 0.6
100
2.2
1
10
Standard Version with Bleed Resistor
2 x 0.3
100
2.2
1
1
Medical Version (M5)
2 x 10
100
-
1
2
Medical Version (M5)
2 x 4
100
-
1
4
Medical Version (M5)
2 x 1.5
100
-
1
6
Medical Version (M5)
2 x 0.8
100
-
1
8
Medical Version (M5)
2 x 0.6
100
-
1
10
Medical Version (M5)
2 x 0.3
100
-
1


Similar Part No. - DA22.6121.11

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DA22.6121.11 SCHURTER-DA22.6121.11 Datasheet
561Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole, for PCB Mounting
DA22.6121.11 SCHURTER-DA22.6121.11 Datasheet
613Kb / 7P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole, for PCB Mounting
04.01.2022
More results

Similar Description - DA22.6121.11

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DA22 SCHURTER-DA22_15 Datasheet
561Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole, for PCB Mounting
DA22 SCHURTER-DA22_18 Datasheet
579Kb / 6P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole, for PCB Mounting
DA22 SCHURTER-DA22_V01 Datasheet
613Kb / 7P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole, for PCB Mounting
04.01.2022
43013211 SCHURTER-43013211 Datasheet
541Kb / 4P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole for PCB
KEA-PRINT SCHURTER-KEA-PRINT Datasheet
449Kb / 5P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole for PCB
KEA-PRINT SCHURTER-KEA-PRINT_V01 Datasheet
469Kb / 5P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole for PCB
08.12.2021
KFC SCHURTER-KFC_17 Datasheet
612Kb / 6P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole
KEA-PRINT SCHURTER-KEA-PRINT_18 Datasheet
463Kb / 5P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole for PCB
5220 SCHURTER-5220_V01 Datasheet
613Kb / 6P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole
5220 SCHURTER-5220_17 Datasheet
591Kb / 6P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com