Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RM8-3C96 Datasheet(PDF) 2 Page - Ferroxcube International Holding B.V.

Part # RM8-3C96
Description  RM, RM/I, RM/ILP cores and accessories
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

RM8-3C96 Datasheet(HTML) 2 Page - Ferroxcube International Holding B.V.

  RM8-3C96 Datasheet HTML 1Page - Ferroxcube International Holding B.V. RM8-3C96 Datasheet HTML 2Page - Ferroxcube International Holding B.V. RM8-3C96 Datasheet HTML 3Page - Ferroxcube International Holding B.V. RM8-3C96 Datasheet HTML 4Page - Ferroxcube International Holding B.V. RM8-3C96 Datasheet HTML 5Page - Ferroxcube International Holding B.V. RM8-3C96 Datasheet HTML 6Page - Ferroxcube International Holding B.V. RM8-3C96 Datasheet HTML 7Page - Ferroxcube International Holding B.V. RM8-3C96 Datasheet HTML 8Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2008 Sep 01
2
Ferroxcube
RM, RM/I, RM/ILP cores and accessories
RM8/I
CORE SETS
Effective core parameters
SYMBOL
PARAMETER
VALUE
UNIT
Σ(I/A)
core factor (C1)
0.604
mm−1
Ve
effective volume
2440
mm3
Ie
effective length
38.4
mm
Ae
effective area
63.0
mm2
Amin
minimum area
55.4
mm2
m
mass of set
≈ 13
g
handbook, halfpage
MGC068
19.7
0
0.8
11
0
0.5
9.5
23.2
0
0.9
8.55
0
0.3
O
10.8
0.4
0
16.4
0.1
17
0.6
0
O
14.3
0.25
5.1
± 0.1
Fig.1 RM8/I core set.
Dimensions in mm.
Core sets for filter applications
Clamping force for AL measurements, 30
±10 N.
GRADE
AL
(nH)
µe
AIR GAP
(
µm)
TYPE NUMBER
3B46
5200
± 25 %
≈ 2500
≈ 0
RM8/I-3B46
3D3
250
±3%
≈ 121
≈ 360
RM8/I-3D3-A250
315
±5%
≈ 153
≈ 270
RM8/I-3D3-A315
400
±5%
≈ 194
≈ 200
RM8/I-3D3-A400
1400
±25%
≈ 675
≈ 0
RM8/I-3D3
3H3
400
±3%
≈ 194
≈ 200
RM8/I-3H3-A400
630
±5%
≈ 306
≈ 115
RM8/I-3H3-A630
1000
±10%
≈ 485
≈ 65
RM8/I-3H3-A1000
3250
±25%
≈ 1560
≈ 0
RM8/I-3H3


Similar Part No. - RM8-3C96

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
RM8-3D3 FERROXCUBE-RM8-3D3 Datasheet
91Kb / 6P
   RM, RM/I, RM/ILP cores and accessories
RM8-3D3-E100 FERROXCUBE-RM8-3D3-E100 Datasheet
91Kb / 6P
   RM, RM/I, RM/ILP cores and accessories
RM8-3D3-E160 FERROXCUBE-RM8-3D3-E160 Datasheet
91Kb / 6P
   RM, RM/I, RM/ILP cores and accessories
RM8-3H3 FERROXCUBE-RM8-3H3 Datasheet
91Kb / 6P
   RM, RM/I, RM/ILP cores and accessories
RM8-3H3-A250 FERROXCUBE-RM8-3H3-A250 Datasheet
91Kb / 6P
   RM, RM/I, RM/ILP cores and accessories
More results

Similar Description - RM8-3C96

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
RM5-3C90-A63 FERROXCUBE-RM5-3C90-A63 Datasheet
79Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
RM12-3C90-A160 FERROXCUBE-RM12-3C90-A160 Datasheet
89Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
RM12-3C90 FERROXCUBE-RM12-3C90 Datasheet
51Kb / 4P
   RM, RM/I, RM/ILP cores and accessories
RM14-3C90-A250 FERROXCUBE-RM14-3C90-A250 Datasheet
88Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
RM7-3C90-A100 FERROXCUBE-RM7-3C90-A100 Datasheet
83Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
RM10-3D3-A315 FERROXCUBE-RM10-3D3-A315 Datasheet
95Kb / 8P
   RM, RM/I, RM/ILP cores and accessories
ADJ-RM4 FERROXCUBE-ADJ-RM4 Datasheet
59Kb / 1P
   RM, RM/I, RM/ILP cores and accessories
RM5-3D3-E40 FERROXCUBE-RM5-3D3-E40 Datasheet
96Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
RM14-3C90 FERROXCUBE-RM14-3C90 Datasheet
51Kb / 4P
   RM, RM/I, RM/ILP cores and accessories
RM6S-3D3-E63 FERROXCUBE-RM6S-3D3-E63 Datasheet
118Kb / 8P
   RM, RM/I, RM/ILP cores and accessories
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com