Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMF3.1032.12 Datasheet(PDF) 2 Page - Schurter Inc.

Part # CMF3.1032.12
Description  IEC Appliance Inlet C6 with Line Switch 1-pole
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

CMF3.1032.12 Datasheet(HTML) 2 Page - Schurter Inc.

  CMF3.1032.12 Datasheet HTML 1Page - Schurter Inc. CMF3.1032.12 Datasheet HTML 2Page - Schurter Inc. CMF3.1032.12 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image

Power entry modules without line filter
CMF3, CMF6
www.schurter.com/pg05
Connectors
Dimensions
53.3mm
24.3
22.3
19
2
53.3
26.65
26.65
2.3
2.3
0.9
R 3
1.3
2.4
6.16
10
0.8
8
R 1
1.05
2.8
8.6
18.45
7 8.15
4.15
10.2
N
L
3
8.25
45
25.75
27.55
0.8
0
-0.1
±0.1
with insulation cover
The size of the mounting cut-out can be selected as required.
Fixation on PCB or housing from
below
11
14.3
±0.13
1)
M3x12
1) self tapping screw
Fixation on PCB or housing from
above
11
5.9
1)
M3x12
+0.30
+0.15
0
- 0.1
1) self tapping screw
Drilling diagrams
CMF3 (C6)
45±0.1
9.7
10
8.25 7
1.6
3
5
1.6
D1
3.2
3
21.6
23.4
28.05
29.85
+0.1
0
+0.1
0
Variants
StandardCMFwithswitchonrightside
Connectors
Mounting side
Cover
Ground terminal
Ground terminal direction
Order Number
C6
from below
-
-
CMF3.1032.12
C6
from below
Solder terminal 2.8 x 0.8 mm
angled to pin axis
CMF3.1033.12
C6
from below
Solder terminal 2.8 x 0.8 mm
straight
CMF3.1034.12
C6
from below
l
-
-
CMF3.1132.12
C6
from below
l
Solder terminal 2.8 x 0.8 mm
angled to pin axis
CMF3.1133.12
C6
from below
l
Solder terminal 2.8 x 0.8 mm
straight
CMF3.1134.12
C6
from top
-
-
CMF3.1012.12
C6
from top
Solder terminal 2.8 x 0.8 mm
angled to pin axis
CMF3.1013.12
C6
from top
Solder terminal 2.8 x 0.8 mm
straight
CMF3.1014.12
C6
from top
l
-
-
CMF3.1112.12
C6
from top
l
Solder terminal 2.8 x 0.8 mm
angled to pin axis
CMF3.1113.12
C6
from top
l
Solder terminal 2.8 x 0.8 mm
straight
CMF3.1114.12


Similar Part No. - CMF3.1032.12

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
CMF3.1032.12 SCHURTER-CMF3.1032.12 Datasheet
303Kb / 4P
   IEC Appliance Inlet C6 with Line Switch 1-pole
13.05.2020
More results

Similar Description - CMF3.1032.12

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
CMF3 SCHURTER-CMF3_18 Datasheet
275Kb / 3P
   IEC Appliance Inlet C6 with Line Switch 1-pole
CMF3 SCHURTER-CMF3_V01 Datasheet
303Kb / 4P
   IEC Appliance Inlet C6 with Line Switch 1-pole
13.05.2020
2565-K SCHURTER-2565-K_17 Datasheet
206Kb / 3P
   IEC Appliance Inlet C6 with Line Switch 1- or 2-pole
2565-K SCHURTER-2565-K Datasheet
381Kb / 3P
   IEC Appliance Inlet C6 with Line Switch
KEB1 SCHURTER-KEB1_18 Datasheet
392Kb / 3P
   IEC Appliance Inlet C14 with Line Switch 1-pole
1074 SCHURTER-1074 Datasheet
403Kb / 3P
   IEC Appliance Inlet C14 with Line Switch 1-pole
CMF1 SCHURTER-CMF1_17 Datasheet
258Kb / 3P
   IEC Appliance Inlet C8 with Line Switch 1-pole
CMF1 SCHURTER-CMF1_18 Datasheet
269Kb / 3P
   IEC Appliance Inlet C8 with Line Switch 1-pole
KEB1 SCHURTER-KEB1_V02 Datasheet
376Kb / 4P
   IEC Appliance Inlet C14 with Line Switch 1-pole
08.12.2021
KEB1 SCHURTER-KEB1 Datasheet
402Kb / 3P
   IEC Appliance Inlet C14 with Line Switch 1-pole
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com