Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LZ-B12WSE-KHV-UC Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # LZ-B12WSE-KHV-UC
Description  POWER RELAY 1 POLE-1, 3, 5, 10 A(MEDIUM LOAD CONTROL)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

LZ-B12WSE-KHV-UC Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  LZ-B12WSE-KHV-UC Datasheet HTML 1Page - Fujitsu Component Limited. LZ-B12WSE-KHV-UC Datasheet HTML 2Page - Fujitsu Component Limited. LZ-B12WSE-KHV-UC Datasheet HTML 3Page - Fujitsu Component Limited. LZ-B12WSE-KHV-UC Datasheet HTML 4Page - Fujitsu Component Limited. LZ-B12WSE-KHV-UC Datasheet HTML 5Page - Fujitsu Component Limited. LZ-B12WSE-KHV-UC Datasheet HTML 6Page - Fujitsu Component Limited. LZ-B12WSE-KHV-UC Datasheet HTML 7Page - Fujitsu Component Limited. LZ-B12WSE-KHV-UC Datasheet HTML 8Page - Fujitsu Component Limited. LZ-B12WSE-KHV-UC Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
LZ SERIES
n
COIL DATA CHART
Note : All values in the table are measured at 20°C.
*: Specified values are subject to pulse wave voltage.
L
E
D
O
M
l
a
n
i
m
o
N
e
g
a
tl
o
V
li
o
C
e
c
n
a
t
s
i
s
e
R
)
%
0
1
±
(
t
s
u
M
e
t
a
r
e
p
O
e
g
a
tl
o
V
t
s
u
M
e
s
a
e
l
e
R
e*
g
a
tl
o
V
l
a
n
i
m
o
N
r
e
w
o
P
e
l
g
n
i
S
d
e
t
a
c
r
u
fi
B
e
p
y
T
A
0
1
e
p
y
T
A
5
e
p
y
T
A
3
e
p
y
T
A
1
M
V
5
.
1
)
B
(
-
Z
L
)
E
(
)
M
(
H
5
.
1
)
B
(
-
Z
L
)
E
(
)
M
(
5
.
1
)
B
(
-
Z
L
)
M
(
W
5
.
1
)
B
(
-
Z
L
C
D
V
5
.
1
5
C
D
V
7
9
.
0
C
D
V
8
0
.
0
W
m
0
5
4
M
V
3
)
B
(
-
Z
L
)
E
(
)
M
(
H
3
)
B
(
-
Z
L
)
E
(
)
M
(
3
)
B
(
-
Z
L
)
M
(
W
3
)
B
(
-
Z
L
C
D
V
3
0
2
C
D
V
5
9
.
1
C
D
V
5
1
.
0
W
m
0
5
4
M
V
5
)
B
(
-
Z
L
)
E
(
)
M
(
H
5
)
B
(
-
Z
L
)
E
(
)
M
(
5
)
B
(
-
Z
L
)
M
(
W
5
)
B
(
-
Z
L
C
D
V
5
6
5
C
D
V
5
2
.
3
C
D
V
5
2
.
0
W
m
0
5
4
M
V
6
)
B
(
-
Z
L
)
E
(
)
M
(
H
6
)
B
(
-
Z
L
)
E
(
)
M
(
6
)
B
(
-
Z
L
)
M
(
W
6
)
B
(
-
Z
L
C
D
V
6
0
8
C
D
V
9
.
3
C
D
V
3
.
0
W
m
0
5
4
M
V
9
)
B
(
-
Z
L
)
E
(
)
M
(
H
9
)
B
(
-
Z
L
)
E
(
)
M
(
9
)
B
(
-
Z
L
)
M
(
W
9
)
B
(
-
Z
L
C
D
V
9
0
8
1
C
D
V
5
8
.
5
C
D
V
5
4
.
0
W
m
0
5
4
M
V
2
1
)
B
(
-
Z
L
)
E
(
)
M
(
H
2
1
)
B
(
-
Z
L
)
E
(
)
M
(
2
1
B
(
-
Z
L
)
M
(
W
2
1
)
B
(
-
Z
L
C
D
V
2
1
0
2
3
C
D
V
8
.
7
C
D
V
6
.
0
W
m
0
5
4
M
V
8
1
)
B
(
-
Z
L
)
E
(
)
M
(
H
8
1
)
B
(
-
Z
L
)
E
(
)
M
(
8
1
)
B
(
-
Z
L
)
M
(
W
8
1
)
B
(
-
Z
L
C
D
V
8
1
0
2
7
C
D
V
7
.
1
1
C
D
V
9
.
0
W
m
0
5
4
M
V
4
2
)
B
(
-
Z
L
)
E
(
)
M
(
H
4
2
)
B
(
-
Z
L
)
E
(
)
M
(
4
2
)
B
(
-
Z
L
)
M
(
W
4
2
)
B
(
-
Z
L
C
D
V
4
2
0
8
2
,
1
C
D
V
6
.
5
1
C
D
V
2
.
1
W
m
0
5
4
M
V
8
4
)
B
(
-
Z
L
)
E
(
)
M
(
H
8
4
)
B
(
-
Z
L
)
E
(
)
M
(
8
4
)
B
(
-
Z
L
)
M
(
W
8
4
)
B
(
-
Z
L
C
D
V
8
4
0
0
8
,
3
C
D
V
8
.
8
2
C
D
V
4
.
2
W
m
0
0
6
M
V
0
0
1
)
B
(
-
Z
L
)
E
(
)
M
(
H
0
0
1
)
B
(
-
Z
L
)
E
(
)
M
(
0
0
1
)
B
(
-
Z
L
)
M
(
W
0
0
1
)
B
(
-
Z
L
C
D
V
0
0
1
0
0
2
,
2
2
C
D
V
0
.
5
6
C
D
V
0
.
5
W
m
0
5
4
V
5
.
1
)
B
(
-
Z
L
C
D
V
5
.
1
5
C
D
V
2
.
1
C
D
V
8
0
.
0
W
m
0
5
4
V
3
)
B
(
-
Z
L
C
D
V
3
0
2
C
D
V
4
.
2
C
D
V
5
1
.
0
W
m
0
5
4
V
5
)
B
(
-
Z
L
C
D
V
5
6
5
C
D
V
0
.
4
C
D
V
5
2
.
0
W
m
0
5
4
V
6
)
B
(
-
Z
L
C
D
V
6
0
8
C
D
V
8
.
4
C
D
V
3
.
0
W
m
0
5
4
V
9
)
B
(
-
Z
L
C
D
V
9
0
8
1
C
D
V
2
.
7
C
D
V
5
4
.
0
W
m
0
5
4
V
2
1
)
B
(
-
Z
L
C
D
V
2
1
0
2
3
C
D
V
6
.
9
C
D
V
6
.
0
W
m
0
5
4
V
8
1
)
B
(
-
Z
L
C
D
V
8
1
0
2
7
C
D
V
4
.
4
1
C
D
V
9
.
0
W
m
0
5
4
V
4
2
)
B
(
-
Z
L
C
D
V
4
2
0
8
2
,
1
C
D
V
2
.
9
1
C
D
V
2
.
1
W
m
0
5
4
V
8
4
)
B
(
-
Z
L
C
D
V
8
4
0
0
8
,
3
C
D
V
4
.
8
3
C
D
V
4
.
2
W
m
0
0
6
V
0
0
1
)
B
(
-
Z
L
C
D
V
0
0
1
0
0
2
,
2
2
C
D
V
0
.
0
8
C
D
V
0
.
5
W
m
0
5
4
*
L
E
D
O
M
l
a
n
i
m
o
N
e
g
a
tl
o
V
li
o
C
e
c
n
a
t
s
i
s
e
R
)
%
0
1
±
(
t
s
u
M
e
t
a
r
e
p
O
e
g
a
tl
o
V
t
s
u
M
e
s
a
e
l
e
R
e*
g
a
tl
o
V
l
a
n
i
m
o
N
r
e
w
o
P
e
l
g
n
i
S
d
e
t
a
c
r
u
fi
B
A
0
1
e
p
y
T
e
p
y
T
A
5
e
p
y
T
A
3
e
p
y
T
A
1
)
E
(
,
S
)
M
(
H
5
.
1
)
B
(-
Z
L
)
E
(
,
S
)
M
(
5
.
1
)
B
(-
Z
L
S
)
M
(
W
5
.
1
)
B
(-
Z
L
C
D
V
5
.
1
8
.
6
C
D
V
7
9
.
0
C
D
V
8
0
.
0
W
m
0
3
3
)
E
(
,
S
)
M
(
H
3
)
B
(-
Z
L
)
E
(
,
S
)
M
(
3
)
B
(-
Z
L
S
)
M
(
W
3
)
B
(-
Z
L
C
D
V
3
7
2
C
D
V
5
9
.
1
C
D
V
5
1
.
0
W
m
0
3
3
)
E
(
,
S
)
M
(
H
5
)
B
(-
Z
L
)
E
(
,
S
)
M
(
5
)
B
(-
Z
L
S
)
M
(
W
5
)
B
(-
Z
L
C
D
V
5
0
8
C
D
V
5
2
.
3
C
D
V
5
2
.
0
W
m
0
3
3
)
E
(
,
S
)
M
(
H
6
)
B
(-
Z
L
)
E
(
,
S
)
M
(
6
)
B
(-
Z
L
S
)
M
(
W
6
)
B
(-
Z
L
C
D
V
6
0
1
1
C
D
V
9
.
3
C
D
V
3
.
0
W
m
0
3
3
)
E
(
,
S
)
M
(
H
9
\
)
B
(-
Z
L
)
E
(
,
S
)
M
(
9
)
B
(-
Z
L
S
)
M
(
W
9
)
B
(-
Z
L
C
D
V
9
0
5
2
C
D
V
5
8
.
5
C
D
V
5
4
.
0
W
m
0
3
3
)
E
(
,
S
)
M
(
H
2
1
)
B
(-
Z
L
)
E
(
,
S
)
M
(
2
1
B
(-
Z
L
S
)
M
(
W
2
1
)
B
(-
Z
L
C
D
V
2
1
0
4
4
C
D
V
8
.
7
C
D
V
6
.
0
W
m
0
3
3
)
E
(
,
S
)
M
(
H
8
1
)
B
(-
Z
L
)
E
(
,
S
)
M
(
8
1
)
B
(-
Z
L
S
)
M
(
W
8
1
)
B
(-
Z
L
C
D
V
8
1
0
9
9
C
D
V
7
.
1
1
C
D
V
9
.
0
W
m
0
3
3
)
E
(
,
S
)
M
(
H
4
2
)
B
(-
Z
L
)
E
(
,
S
)
M
(
4
2
)
B
(-
Z
L
S
)
M
(
W
4
2
)
B
(-
Z
L
C
D
V
4
2
0
8
7
,
1
C
D
V
6
.
5
1
C
D
V
2
.
1
W
m
0
3
3
*
LZStandard
LZ-()SHighSensitive


Similar Part No. - LZ-B12WSE-KHV-UC

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LZ-B12WMSE-CHV-UC LITEON-LZ-B12WMSE-CHV-UC Datasheet
514Kb / 10P
   POWER RELAY 1 POLE - 1/3/5/10A Medium Load Control LZ Series
LZ-B12WMSE-CHV-UC LITEON-LZ-B12WMSE-CHV-UC Datasheet
482Kb / 11P
   POWER RELAY 1 POLE - 1/3/5/10A Medium Load Control LZ Series
LZ-B12WMSE-KHV-UC LITEON-LZ-B12WMSE-KHV-UC Datasheet
514Kb / 10P
   POWER RELAY 1 POLE - 1/3/5/10A Medium Load Control LZ Series
LZ-B12WMSE-KHV-UC LITEON-LZ-B12WMSE-KHV-UC Datasheet
482Kb / 11P
   POWER RELAY 1 POLE - 1/3/5/10A Medium Load Control LZ Series
More results

Similar Description - LZ-B12WSE-KHV-UC

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FBR160 FUJITSU-FBR160 Datasheet
327Kb / 6P
   POWER RELAY 1 POLE-3, 5, 10 A (Medium Load Control)
JY-12HE-KP FUJITSU-JY-12HE-KP Datasheet
348Kb / 8P
   POWER RELAY 1 POLE-3, 5 A (MEDIUM LOAD CONTROL)
JV-12-KT FUJITSU-JV-12-KT Datasheet
404Kb / 7P
   POWER RELAY 1 POLE - 5 A (MEDIUM LOAD CONTROL)
VE-24H FUJITSU-VE-24H Datasheet
127Kb / 6P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
VE-12HMSE-K-HV-VD FUJITSU-VE-12HMSE-K-HV-VD Datasheet
358Kb / 8P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
logo
Lite-On Technology Corp...
LZ-12H-K LITEON-LZ-12H-K Datasheet
514Kb / 10P
   POWER RELAY 1 POLE - 1/3/5/10A Medium Load Control LZ Series
LZ-24H-C LITEON-LZ-24H-C Datasheet
482Kb / 11P
   POWER RELAY 1 POLE - 1/3/5/10A Medium Load Control LZ Series
logo
Fujitsu Component Limit...
JS-5M-K-V3 FUJITSU-JS-5M-K-V3 Datasheet
740Kb / 9P
   POWER RELAY 1 POLE-8 A (MEDIUM LOAD CONTROL)
logo
List of Unclassifed Man...
JV-KS ETC1-JV-KS Datasheet
1Mb / 7P
   POWER RELAY 1 POLE - 10A Medium Load Control
logo
Fujitsu Component Limit...
JS-24E-K FUJITSU-JS-24E-K Datasheet
527Kb / 7P
   POWER RELAY 1 POLE - 8A Medium Load Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com