Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RM5-3F3-A100 Datasheet(PDF) 3 Page - Ferroxcube International Holding B.V.

Part # RM5-3F3-A100
Description  RM, RM/I, RM/ILP cores and accessories
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

RM5-3F3-A100 Datasheet(HTML) 3 Page - Ferroxcube International Holding B.V.

  RM5-3F3-A100 Datasheet HTML 1Page - Ferroxcube International Holding B.V. RM5-3F3-A100 Datasheet HTML 2Page - Ferroxcube International Holding B.V. RM5-3F3-A100 Datasheet HTML 3Page - Ferroxcube International Holding B.V. RM5-3F3-A100 Datasheet HTML 4Page - Ferroxcube International Holding B.V. RM5-3F3-A100 Datasheet HTML 5Page - Ferroxcube International Holding B.V. RM5-3F3-A100 Datasheet HTML 6Page - Ferroxcube International Holding B.V. RM5-3F3-A100 Datasheet HTML 7Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2008 Sep 01
3
Ferroxcube
RM, RM/I, RM/ILP cores and accessories
RM5/I
Core sets of filter and high permeability grades
Clamping force for AL measurements, 12
±5N.
Properties of core sets under power conditions
Properties of core sets under power conditions (continued)
3F35
1300
±25%
≈ 970
≈ 0RM5/I-3F35
3F4
100
±3%
≈ 74
≈ 360
RM5/I-3F4-A100
160
±3%
≈ 119
≈ 200
RM5/I-3F4-A160
250
±3%
≈ 186
≈ 110
RM5/I-3F4-A250
900
±25%
≈ 670
≈ 0RM5/I-3F4
3F45
900
±25%
≈ 670
≈ 0RM5/I-3F45
GRADE
AL
(nH)
µe
AIR GAP
(
µm)
TYPE NUMBER
3B46
2800
± 25%
≈ 2080
≈ 0RM5/I-3B46
3E27
4975
± 25%
≈ 3700
≈ 0RM5/I-3E27
3E5
6 700 +40/
−30%
≈ 4990
≈ 0RM5/I-3E5
3E6
8 500 +40/
−30%
≈ 6330
≈ 0RM5/I-3E6
GRADE
B(mT)at
CORELOSS(W) at
H= 250 A/m;
f = 25 kHz;
T = 100
°C
f = 25 kHz;
=200 mT;
T = 100
°C
f = 100 kHz;
= 100 mT;
T = 100
°C
f= 100 kHz;
= 200 mT;
T= 25
°C
f = 100 kHz;
= 200 mT;
T=100
°C
f = 400 kHz;
=50 mT;
T = 100
°C
3C90
≥320
≤ 0.07
≤ 0.08
−−
3C94
≥320
−≤ 0.06
−≤ 0.32
3C95
≥320
−−
≤ 0.32
≤ 0.3
3C96
≥340
−≤ 0.04
−≤ 0.24
≤ 0.11
3F3
≥315
−≤ 0.08
−−
≤0.11
3F35
≥300
−−−−
≤ 0.06
3F4
≥250
−−−−
GRADE
B (mT) at
CORE LOSS (W) at
H= 250 A/m;
f = 25 kHz;
T = 100
°C
f= 500 kHz;
=50 mT;
T = 100
°C
f = 500 kHz;
= 100 mT;
T = 100
°C
f= 1 MHz;
=30mT;
T=100
°C
f= 1 MHz;
=50 mT;
T = 100
°C
f= 3 MHz;
=10 mT;
T=100
°C
3C90
≥320
−−
−−
3C94
≥320
−−
−−
3C95
≥320
−−
−−
3C96
≥340
≤ 0.22
−−
−−
3F3
≥315
−−
−−
3F35
≥300
≤ 0.08
≤ 0.7
−−
3F4
≥250
−−
≤ 0.17
−≤ 0.27
3F45
≥250
−−
≤ 0.13
≤ 0.48
≤ 0.23
GRADE
AL
(nH)
µe
AIR GAP
(
µm)
TYPE NUMBER
B
ˆ
B
ˆ
B
ˆ
B
ˆ
B
ˆ
B
ˆ
B
ˆ
B
ˆ
B
ˆ
B
ˆ


Similar Part No. - RM5-3F3-A100

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
RM5-3D3 FERROXCUBE-RM5-3D3 Datasheet
96Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
RM5-3D3-E100 FERROXCUBE-RM5-3D3-E100 Datasheet
96Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
RM5-3D3-E40 FERROXCUBE-RM5-3D3-E40 Datasheet
96Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
RM5-3D3-E63 FERROXCUBE-RM5-3D3-E63 Datasheet
96Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
RM5-3H3 FERROXCUBE-RM5-3H3 Datasheet
96Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
More results

Similar Description - RM5-3F3-A100

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
RM12-3C90-A160 FERROXCUBE-RM12-3C90-A160 Datasheet
89Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
RM12-3C90 FERROXCUBE-RM12-3C90 Datasheet
51Kb / 4P
   RM, RM/I, RM/ILP cores and accessories
RM14-3C90-A250 FERROXCUBE-RM14-3C90-A250 Datasheet
88Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
RM7-3C90-A100 FERROXCUBE-RM7-3C90-A100 Datasheet
83Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
RM10-3D3-A315 FERROXCUBE-RM10-3D3-A315 Datasheet
95Kb / 8P
   RM, RM/I, RM/ILP cores and accessories
ADJ-RM4 FERROXCUBE-ADJ-RM4 Datasheet
59Kb / 1P
   RM, RM/I, RM/ILP cores and accessories
RM5-3D3-E40 FERROXCUBE-RM5-3D3-E40 Datasheet
96Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
RM8-3B46 FERROXCUBE-RM8-3B46 Datasheet
82Kb / 8P
   RM, RM/I, RM/ILP cores and accessories
RM14-3C90 FERROXCUBE-RM14-3C90 Datasheet
51Kb / 4P
   RM, RM/I, RM/ILP cores and accessories
RM6S-3D3-E63 FERROXCUBE-RM6S-3D3-E63 Datasheet
118Kb / 8P
   RM, RM/I, RM/ILP cores and accessories
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com