Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RM6R-3H3-A400 Datasheet(PDF) 5 Page - Ferroxcube International Holding B.V.

Part # RM6R-3H3-A400
Description  RM, RM/I, RM/ILP cores and accessories
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

RM6R-3H3-A400 Datasheet(HTML) 5 Page - Ferroxcube International Holding B.V.

  RM6R-3H3-A400 Datasheet HTML 1Page - Ferroxcube International Holding B.V. RM6R-3H3-A400 Datasheet HTML 2Page - Ferroxcube International Holding B.V. RM6R-3H3-A400 Datasheet HTML 3Page - Ferroxcube International Holding B.V. RM6R-3H3-A400 Datasheet HTML 4Page - Ferroxcube International Holding B.V. RM6R-3H3-A400 Datasheet HTML 5Page - Ferroxcube International Holding B.V. RM6R-3H3-A400 Datasheet HTML 6Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2008 Sep 01
1205
Ferroxcube
RM, RM/I, RM/ILP cores and accessories
RM6R
handbook, full pagewidth
MGC081
2.54
1
0.15
0
0.75
0.8
0
0.1
7.8
0
0.15
(6.4 min)
0.7 min
0.4
0.6
5.2
0.4
7.45
O
0
0.2
12.3
0
0.2
7.62
1.6
12.7
8.6
6.5
0.15
0
5.7
max
O
3
4
5
2
1
6
Fig.4 RM6R coil former; 6-pins.
Dimensions in mm.
Winding data and area product for 6-pins RM6R coil former
NUMBER
OF
SECTIONS
NUMBER
OF
PINS
PIN
POSITIONS
USED
AVERAGE
LENGTH
OF TURN
(mm)
WINDING
AREA
(mm2)
WINDING
WIDTH
(mm)
AREA
PRODUCT
Ae x Aw
(mm4)
TYPE NUMBER
1
6
all
30
15
6.4
480
CSV-RM6R-1S-6P
26
all
30
2
× 7.0
2
× 3.0
2 x 224
CSV-RM6R-2S-6P
MOUNTING PARTS
General data
ITEM
SPECIFICATION
Clamping force
≈ 20 N
Clip material
steel
Clip plating
silver (Ag)
Solderability
“IEC 60 068-2-20”,
Part 2, Test Ta, method 1
Type number
CLI/P-RM6
handbook, halfpage
MGC082
12
9.8
4.5
0.7
1.6
2.3
Fig.5 Mounting clip for RM6R.
Dimensions in mm.


Similar Part No. - RM6R-3H3-A400

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RM6 SUMIDA-RM6 Datasheet
203Kb / 1P
   xDSL POTs Splitter< Pin Type: RM Series>
logo
EPCOS
RM6 EPCOS-RM6 Datasheet
78Kb / 5P
   ISDN transformers UK0 interface, 2B1Q EP 13, 14.47 mH, 1:1:1
logo
FERYSTER Inductive Comp...
RM6-K-12P FERYSTER-RM6-K-12P Datasheet
295Kb / 1P
   Polyamide PA66 of type p6g
RM6-K-6P-DS FERYSTER-RM6-K-6P-DS Datasheet
99Kb / 1P
   PHENOLIC PM9630
RM6-K-6P-SS FERYSTER-RM6-K-6P-SS Datasheet
739Kb / 1P
   RM Bobbins
More results

Similar Description - RM6R-3H3-A400

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
RM5-3C90-A63 FERROXCUBE-RM5-3C90-A63 Datasheet
79Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
RM12-3C90-A160 FERROXCUBE-RM12-3C90-A160 Datasheet
89Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
RM12-3C90 FERROXCUBE-RM12-3C90 Datasheet
51Kb / 4P
   RM, RM/I, RM/ILP cores and accessories
RM14-3C90-A250 FERROXCUBE-RM14-3C90-A250 Datasheet
88Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
RM7-3C90-A100 FERROXCUBE-RM7-3C90-A100 Datasheet
83Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
RM10-3D3-A315 FERROXCUBE-RM10-3D3-A315 Datasheet
95Kb / 8P
   RM, RM/I, RM/ILP cores and accessories
ADJ-RM4 FERROXCUBE-ADJ-RM4 Datasheet
59Kb / 1P
   RM, RM/I, RM/ILP cores and accessories
RM5-3D3-E40 FERROXCUBE-RM5-3D3-E40 Datasheet
96Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
RM8-3B46 FERROXCUBE-RM8-3B46 Datasheet
82Kb / 8P
   RM, RM/I, RM/ILP cores and accessories
RM14-3C90 FERROXCUBE-RM14-3C90 Datasheet
51Kb / 4P
   RM, RM/I, RM/ILP cores and accessories
RM6S-3D3-E63 FERROXCUBE-RM6S-3D3-E63 Datasheet
118Kb / 8P
   RM, RM/I, RM/ILP cores and accessories
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com