Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RM8-3B46 Datasheet(PDF) 4 Page - Ferroxcube International Holding B.V.

Part # RM8-3B46
Description  RM, RM/I, RM/ILP cores and accessories
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

RM8-3B46 Datasheet(HTML) 4 Page - Ferroxcube International Holding B.V.

  RM8-3B46 Datasheet HTML 1Page - Ferroxcube International Holding B.V. RM8-3B46 Datasheet HTML 2Page - Ferroxcube International Holding B.V. RM8-3B46 Datasheet HTML 3Page - Ferroxcube International Holding B.V. RM8-3B46 Datasheet HTML 4Page - Ferroxcube International Holding B.V. RM8-3B46 Datasheet HTML 5Page - Ferroxcube International Holding B.V. RM8-3B46 Datasheet HTML 6Page - Ferroxcube International Holding B.V. RM8-3B46 Datasheet HTML 7Page - Ferroxcube International Holding B.V. RM8-3B46 Datasheet HTML 8Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2008 Sep 01
4
Ferroxcube
RM, RM/I, RM/ILP cores and accessories
RM8/I
Core sets of high permeability grades
Clamping force for AL measurements, 30
±10 N.
Properties of core sets under power conditions
Properties of core sets under power conditions (continued)
Note
1.
Measured at 60
°C.
GRADE
AL
(nH)
µe
TYPE NUMBER
3E27
8000
± 25%
≈ 3880
RM8/I-3E27
3E5
12500 +40/
−30%
≈ 6060
RM8/I-3E5
3E6
15500 +40/
−30%
≈ 7520
RM8/I-3E6
GRADE
B (mT) at
CORE LOSS (W) at
H= 250 A/m;
f = 25 kHz;
T = 100
°C
f= 25 kHz;
= 200 mT;
T = 100
°C
f= 100 kHz;
= 100 mT;
T=100
°C
f = 100 kHz;
= 200 mT;
T=25
°C
f = 100 kHz;
=200 mT;
T = 100
°C
f= 400 kHz;
=50 mT;
T = 100
°C
3C81
≥315
≤ 0.56
−−−
3C90
≥320
≤ 0.30
≤ 0.31
−−−
3C91
≥315
−≤ 0.17(1)
−≤ 1.01)
3C94
≥320
−≤ 0.23
−≤ 1.2
3C95
≥320
−−
≤ 1.44
≤ 1.37
3C96
≥340
−≤ 0.17
−≤ 1.0
≤ 0.43
3F3
≥315
−≤ 0.27
−−
≤ 0.47
3F35
≥315
−−
−−
≤ 0.25
3F4
≥250
−−
−−−
GRADE
B (mT) at
CORE LOSS (W) at
H= 250 A/m;
f = 25 kHz;
T = 100
°C
f = 500 kHz;
=50mT;
T = 100
°C
f= 500 kHz;
= 100 mT;
T=100
°C
f= 1 MHz;
=30mT;
T = 100
°C
f= 1 MHz;
=50 mT;
T = 100
°C
f= 3 MHz;
=10 mT;
T = 100
°C
3C96
≥340
≤ 0.9
−−−
3F3
≥315
−−
−−−
3F35
≥315
≤ 0.37
≤ 2.6
−−−
3F4
≥250
−−
≤ 0.74
−≤ 1.2
3F45
≥250
−−
≤ 0.56
≤ 2.1
≤ 1.0
B
ˆ
B
ˆ
B
ˆ
B
ˆ
B
ˆ
B
ˆ
B
ˆ
B
ˆ
B
ˆ
B
ˆ


Similar Part No. - RM8-3B46

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
RM8-3D3 FERROXCUBE-RM8-3D3 Datasheet
91Kb / 6P
   RM, RM/I, RM/ILP cores and accessories
RM8-3D3-E100 FERROXCUBE-RM8-3D3-E100 Datasheet
91Kb / 6P
   RM, RM/I, RM/ILP cores and accessories
RM8-3D3-E160 FERROXCUBE-RM8-3D3-E160 Datasheet
91Kb / 6P
   RM, RM/I, RM/ILP cores and accessories
RM8-3H3 FERROXCUBE-RM8-3H3 Datasheet
91Kb / 6P
   RM, RM/I, RM/ILP cores and accessories
RM8-3H3-A250 FERROXCUBE-RM8-3H3-A250 Datasheet
91Kb / 6P
   RM, RM/I, RM/ILP cores and accessories
More results

Similar Description - RM8-3B46

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
RM5-3C90-A63 FERROXCUBE-RM5-3C90-A63 Datasheet
79Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
RM12-3C90-A160 FERROXCUBE-RM12-3C90-A160 Datasheet
89Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
RM12-3C90 FERROXCUBE-RM12-3C90 Datasheet
51Kb / 4P
   RM, RM/I, RM/ILP cores and accessories
RM14-3C90-A250 FERROXCUBE-RM14-3C90-A250 Datasheet
88Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
RM7-3C90-A100 FERROXCUBE-RM7-3C90-A100 Datasheet
83Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
RM10-3D3-A315 FERROXCUBE-RM10-3D3-A315 Datasheet
95Kb / 8P
   RM, RM/I, RM/ILP cores and accessories
ADJ-RM4 FERROXCUBE-ADJ-RM4 Datasheet
59Kb / 1P
   RM, RM/I, RM/ILP cores and accessories
RM5-3D3-E40 FERROXCUBE-RM5-3D3-E40 Datasheet
96Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
RM14-3C90 FERROXCUBE-RM14-3C90 Datasheet
51Kb / 4P
   RM, RM/I, RM/ILP cores and accessories
RM6S-3D3-E63 FERROXCUBE-RM6S-3D3-E63 Datasheet
118Kb / 8P
   RM, RM/I, RM/ILP cores and accessories
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com