Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RM7-3F3 Datasheet(PDF) 2 Page - Ferroxcube International Holding B.V.

Part # RM7-3F3
Description  RM, RM/I, RM/ILP cores and accessories
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

RM7-3F3 Datasheet(HTML) 2 Page - Ferroxcube International Holding B.V.

  RM7-3F3 Datasheet HTML 1Page - Ferroxcube International Holding B.V. RM7-3F3 Datasheet HTML 2Page - Ferroxcube International Holding B.V. RM7-3F3 Datasheet HTML 3Page - Ferroxcube International Holding B.V. RM7-3F3 Datasheet HTML 4Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2008 Sep 01
1240
Ferroxcube
RM, RM/I, RM/ILP cores and accessories
RM7/ILP
CORE SETS
Effective core parameters
SYMBOL
PARAMETER
VALUE
UNIT
Σ(I/A)
core factor (C1)
0.520
mm−1
Ve
effective volume
1 060
mm3
Ie
effective length
23.5
mm
Ae
effective area
45.3
mm2
Amin
minimum area
39.6
mm2
m
mass of set
≈ 6.0
g
handbook, halfpage
CBW129
3.3
>9.3
7.6
±0.25
4.7 +
0.5
0
9.8
0
−0.2
∅7.25 0
−0.3
20.3
0
−0.8
17.2
0
−0.7
∅15.4 max.
Fig.1 RM7/ILP core set.
Dimensions in mm.
Core sets for general purpose transformers and power applications
Clamping force for AL measurements 40
±20 N.
Properties of core sets under power conditions
GRADE
AL
(nH)
µe
AIR GAP
(
µm)
TYPE NUMBER
3C90
3650
±25%
≈ 1510
≈ 0RM7/ILP-3C90
3F3
3100
±25%
≈ 1280
≈ 0RM7/ILP-3F3
3F4
1800
±25%
≈ 740
≈ 0RM7/ILP-3F4
GRADE
B (mT) at
CORE LOSS (W) at
H = 250 A/m;
f = 25 kHz;
T = 100
°C
f = 25 kHz;
=200 mT;
T=100
°C
f = 100 kHz;
= 100 mT;
T = 100
°C
f = 400 kHz;
=50mT;
T = 100
°C
f= 1 MHz;
=30 mT;
T=100
°C
f= 3 MHz;
=10mT;
T = 100
°C
3C90
≥320
≤ 0.13
≤ 0.14
−−
3F3
≥300
−≤ 0.12
≤ 0.20
−−
3F4
≥250
−−
≤ 0.32
≤ 0.5
B
ˆ
B
ˆ
B
ˆ
B
ˆ
B
ˆ


Similar Part No. - RM7-3F3

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
RM7-3F3 FERROXCUBE-RM7-3F3 Datasheet
83Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
RM7-3F3-A100 FERROXCUBE-RM7-3F3-A100 Datasheet
83Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
RM7-3F3-A160 FERROXCUBE-RM7-3F3-A160 Datasheet
83Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
RM7-3F3-A250 FERROXCUBE-RM7-3F3-A250 Datasheet
83Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
More results

Similar Description - RM7-3F3

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
RM5-3C90-A63 FERROXCUBE-RM5-3C90-A63 Datasheet
79Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
RM12-3C90-A160 FERROXCUBE-RM12-3C90-A160 Datasheet
89Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
RM12-3C90 FERROXCUBE-RM12-3C90 Datasheet
51Kb / 4P
   RM, RM/I, RM/ILP cores and accessories
RM14-3C90-A250 FERROXCUBE-RM14-3C90-A250 Datasheet
88Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
RM7-3C90-A100 FERROXCUBE-RM7-3C90-A100 Datasheet
83Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
RM10-3D3-A315 FERROXCUBE-RM10-3D3-A315 Datasheet
95Kb / 8P
   RM, RM/I, RM/ILP cores and accessories
ADJ-RM4 FERROXCUBE-ADJ-RM4 Datasheet
59Kb / 1P
   RM, RM/I, RM/ILP cores and accessories
RM5-3D3-E40 FERROXCUBE-RM5-3D3-E40 Datasheet
96Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
RM8-3B46 FERROXCUBE-RM8-3B46 Datasheet
82Kb / 8P
   RM, RM/I, RM/ILP cores and accessories
RM14-3C90 FERROXCUBE-RM14-3C90 Datasheet
51Kb / 4P
   RM, RM/I, RM/ILP cores and accessories
RM6S-3D3-E63 FERROXCUBE-RM6S-3D3-E63 Datasheet
118Kb / 8P
   RM, RM/I, RM/ILP cores and accessories
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com