Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RM5-3D3-E63 Datasheet(PDF) 2 Page - Ferroxcube International Holding B.V.

Part # RM5-3D3-E63
Description  RM, RM/I, RM/ILP cores and accessories
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

RM5-3D3-E63 Datasheet(HTML) 2 Page - Ferroxcube International Holding B.V.

  RM5-3D3-E63 Datasheet HTML 1Page - Ferroxcube International Holding B.V. RM5-3D3-E63 Datasheet HTML 2Page - Ferroxcube International Holding B.V. RM5-3D3-E63 Datasheet HTML 3Page - Ferroxcube International Holding B.V. RM5-3D3-E63 Datasheet HTML 4Page - Ferroxcube International Holding B.V. RM5-3D3-E63 Datasheet HTML 5Page - Ferroxcube International Holding B.V. RM5-3D3-E63 Datasheet HTML 6Page - Ferroxcube International Holding B.V. RM5-3D3-E63 Datasheet HTML 7Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2008 Sep 01
1182
Ferroxcube
RM, RM/I, RM/ILP cores and accessories
RM5
CORE SETS
Effective core parameters
SYMBOL
PARAMETER
VALUE
UNIT
Σ(I/A)
core factor (C1)
1.01
mm−1
Ve
effective volume
450
mm3
Ie
effective length
21.4
mm
Ae
effective area
21.2
mm2
Amin
minimum area
14.8
mm2
m
mass of set
≈ 3.1
g
handbook, halfpage
MGC049
12.3
0
0.5
2.6
6.8
6.3
0
0.4
6
14.9 max
M1.4
2.04
0.06
0
O
4.9
0
0.2
O
10.4
0.1
10.2
0.4
0
0.4
0
O
9.1
0.2
2
Fig.1 RM5 core set.
Dimensions in mm.
Core sets for filter applications
Clamping force for AL measurements, 25
±10 N.
GRADE
AL
(nH)
µe
TOTAL AIR GAP
(
µm)
TYPE NUMBER
(WITH NUT)
TYPE NUMBER
(WITHOUT NUT)
3D3
40
±3%
≈32
≈990
RM5-3D3-E40/N
RM5-3D3-E40
63
±3%
≈51
≈540
RM5-3D3-E63/N
RM5-3D3-E63
100
±3%
≈80
≈300
RM5-3D3-E100/N
RM5-3D3-E100
800
±25%
≈640
≈0
RM5-3D3
3H3
160
±3%
≈129
≈180
RM5-3H3-A160/N
RM5-3H3-A160
250
±3%
≈201
≈110
RM5-3H3-A250/N
RM5-3H3-A250
315
±3%
≈253
≈80
RM5-3H3-A315/N
RM5-3H3-A315
400
±5%
≈321
≈60
RM5-3H3-A400/N
RM5-3H3-A400
1650
±25%
≈1310
≈0
RM5-3H3


Similar Part No. - RM5-3D3-E63

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
RM5-3C90 FERROXCUBE-RM5-3C90 Datasheet
79Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
RM5-3C90-A100 FERROXCUBE-RM5-3C90-A100 Datasheet
79Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
RM5-3C90-A160 FERROXCUBE-RM5-3C90-A160 Datasheet
79Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
RM5-3C90-A250 FERROXCUBE-RM5-3C90-A250 Datasheet
79Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
RM5-3C90-A315 FERROXCUBE-RM5-3C90-A315 Datasheet
79Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
More results

Similar Description - RM5-3D3-E63

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
RM5-3C90-A63 FERROXCUBE-RM5-3C90-A63 Datasheet
79Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
RM12-3C90-A160 FERROXCUBE-RM12-3C90-A160 Datasheet
89Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
RM12-3C90 FERROXCUBE-RM12-3C90 Datasheet
51Kb / 4P
   RM, RM/I, RM/ILP cores and accessories
RM14-3C90-A250 FERROXCUBE-RM14-3C90-A250 Datasheet
88Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
RM7-3C90-A100 FERROXCUBE-RM7-3C90-A100 Datasheet
83Kb / 7P
   RM, RM/I, RM/ILP cores and accessories
RM10-3D3-A315 FERROXCUBE-RM10-3D3-A315 Datasheet
95Kb / 8P
   RM, RM/I, RM/ILP cores and accessories
ADJ-RM4 FERROXCUBE-ADJ-RM4 Datasheet
59Kb / 1P
   RM, RM/I, RM/ILP cores and accessories
RM8-3B46 FERROXCUBE-RM8-3B46 Datasheet
82Kb / 8P
   RM, RM/I, RM/ILP cores and accessories
RM14-3C90 FERROXCUBE-RM14-3C90 Datasheet
51Kb / 4P
   RM, RM/I, RM/ILP cores and accessories
RM6S-3D3-E63 FERROXCUBE-RM6S-3D3-E63 Datasheet
118Kb / 8P
   RM, RM/I, RM/ILP cores and accessories
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com