Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTR-LYAA005YSK Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # FTR-LYAA005YSK
Description  POWER RELAY 1 POLE - 6A (MEDIUM LOAD CONTROL) SLIM TYPE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-LYAA005YSK Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  FTR-LYAA005YSK Datasheet HTML 1Page - Fujitsu Component Limited. FTR-LYAA005YSK Datasheet HTML 2Page - Fujitsu Component Limited. FTR-LYAA005YSK Datasheet HTML 3Page - Fujitsu Component Limited. FTR-LYAA005YSK Datasheet HTML 4Page - Fujitsu Component Limited. FTR-LYAA005YSK Datasheet HTML 5Page - Fujitsu Component Limited. FTR-LYAA005YSK Datasheet HTML 6Page - Fujitsu Component Limited. FTR-LYAA005YSK Datasheet HTML 7Page - Fujitsu Component Limited. FTR-LYAA005YSK Datasheet HTML 8Page - Fujitsu Component Limited. FTR-LYAA005YSK Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
FTR-LY SERIES
3
n
SPECIFICATIONS
Item
FTR-LY(C,R)A(),(Y,E,V)
FTR-LY(A,P)A(),(Y,E,V)
Contact
Arrangement
formC
formA
Material
Y:AgSnO2,E:AgNi,V:AgSnO2+Au0.3µm
Resistance(initial)
Y, E: Maximum 100 mΩ at 6 VDC, 1 A
V: Maximum 30 mΩ at 6 VDC, 1A
Rating
6A,250VAC/24VDC
MaximumCarryingCurrent
6A
MaximumSwitchingPower
,500VA/44W
MaximumSwitchingVoltage 250VAC
MinimumSwitchingLoad*
Y,E:00mA5VDC
V:0mA5VDC
Coil
OperatingTemperature
-40ºCto+85ºC(nofrost)
NominalPower
70to27mW
MustOperatePower
74to76mW
TimeValue OperateTime(withoutdiode) Maximum8ms(atnominalvoltage,nobounce)
ReleaseTime(withoutdiode) Maximum4ms(atnominalvoltage,nobounce)
Life
Mechanical
0x06operationsminimum
Electrical
50x03operationsmin.(N.O.)
30x03operationsmin.(N.C.)at6A,250VAC/30VDCresistive
Other
Vibration
Resistance
Misoperation
0to55Hz,atdoubleamplitudeof,0mm
Endurance
0-55Hz,atdoubleamplitudeof.5mm
ShockRe-
sistance
Misoperation
Min.50m/s2(±ms)
Min.00m/s2(±ms)
Endurance
Min.,000m/s2(6±ms)
Weight
Approximately5g
n
COIL DATA CHART
Coil
Voltage
Nominal
Voltage
Max.Coil
Voltage*
Coil
Resistance(
±0%)
MustOperate
Voltage*2
Must
Release
Voltage
Nominal
Power
5
5VDC
.5VDC
147 Ω
3.3VDC
0.25VDC
70mW
6
6VDC
3.8VDC
211 Ω
4.0VDC
0.3VDC
70mW
9
9VDC
20.7VDC
476 Ω
5.9VDC
0.45VDC
70mW
2
2VDC
27.6VDC
847 Ω
7.9VDC
0.6VDC
70mW
8
8VDC
4.4VDC
1,910 Ω
.9VDC
0.9VDC
70mW
24
24VDC
55.2VDC
3,390 Ω
5.9VDC
.2VDC
70mW
48
48VDC
0.4VDC
10,600 Ω
3.7VDC
2.4VDC
27mW
60
60VDC
38.0VDC
20,570 Ω
39.6VDC
3.0VDC
75mW
Note:Allvaluesinthetablearemeasuredat20°C.
*:Nocontactcurrentat20°C
*2: Specified values are subject to pulse wave voltage
* Minimum switching loads mentioned above are reference values. Please perform the confirmation test with the actual
loadbeforeproductionsincereferencevaluesmayvaryaccordingtoswitchingfrequencies,environmentalconditions
andexpectedreliabilitylevels.


Similar Part No. - FTR-LYAA005YSK

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-LYAA005YSK FUJITSU-FTR-LYAA005YSK Datasheet
416Kb / 7P
   POWER RELAY 1 POLE - 6A (Medium Load Control) SLIM TYPE
FTR-LYAA005YSK FUJITSU-FTR-LYAA005YSK Datasheet
486Kb / 8P
   POWER RELAY 1 POLE - 6A Slim Type (Medium Load Control)
More results

Similar Description - FTR-LYAA005YSK

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-LY FUJITSU-FTR-LY Datasheet
416Kb / 7P
   POWER RELAY 1 POLE - 6A (Medium Load Control) SLIM TYPE
FTR-LY FUJITSU-FTR-LY_11 Datasheet
486Kb / 8P
   POWER RELAY 1 POLE - 6A Slim Type (Medium Load Control)
logo
List of Unclassifed Man...
JV-KS ETC1-JV-KS Datasheet
1Mb / 7P
   POWER RELAY 1 POLE - 10A Medium Load Control
logo
Fujitsu Component Limit...
JS-24E-K FUJITSU-JS-24E-K Datasheet
527Kb / 7P
   POWER RELAY 1 POLE - 8A Medium Load Control
JS-12-KT FUJITSU-JS-12-KT Datasheet
618Kb / 8P
   POWER RELAY 1 POLE - 8A Medium Load Control
JV-3S-KT FUJITSU-JV-3S-KT Datasheet
606Kb / 8P
   POWER RELAY 1 POLE - 5A/10A Medium Load Control
JV-12-KT FUJITSU-JV-12-KT Datasheet
404Kb / 7P
   POWER RELAY 1 POLE - 5 A (MEDIUM LOAD CONTROL)
VE-24H FUJITSU-VE-24H Datasheet
127Kb / 6P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
VE-12HMSE-K-HV-VD FUJITSU-VE-12HMSE-K-HV-VD Datasheet
358Kb / 8P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
JS-5M-K-V3 FUJITSU-JS-5M-K-V3 Datasheet
740Kb / 9P
   POWER RELAY 1 POLE-8 A (MEDIUM LOAD CONTROL)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com