Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTR-SL Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # FTR-SL
Description  SOLID STATE RELAY 1 Maximum Load current 1A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-SL Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  FTR-SL Datasheet HTML 1Page - Fujitsu Component Limited. FTR-SL Datasheet HTML 2Page - Fujitsu Component Limited. FTR-SL Datasheet HTML 3Page - Fujitsu Component Limited. FTR-SL Datasheet HTML 4Page - Fujitsu Component Limited. FTR-SL Datasheet HTML 5Page - Fujitsu Component Limited. FTR-SL Datasheet HTML 6Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
FTR-SL SERIES
m
e
tI
W
5
0
0
K
P
L
S
-
R
T
F
W
2
1
0
K
P
L
S
-
R
T
F
W
4
2
0
K
P
L
S
-
R
T
F
W
0
6
0
K
P
L
S
-
R
T
F
e
d
i
s
t
u
p
I
e
g
a
tl
o
V
l
a
n
i
m
o
N
C
D
V
5
C
D
V
2
1
C
D
V
4
2
C
D
V
0
6
e
g
n
a
R
e
t
a
r
e
p
O
C
D
V
6
o
t
5
7
.
3
C
D
V
4
.
4
1
o
t
9
C
D
V
8
.
8
2
o
t
8
1
C
D
V
6
6
o
t
8
4
e
t
a
r
e
p
o
t
s
u
M
e
g
a
tl
o
v
C
D
V
5
7
.
3
C
D
V
0
.
9
C
D
V
8
1
C
D
V
8
4
e
s
a
e
l
e
r
t
s
u
M
e
g
a
tl
o
v
C
D
V
5
2
.
1
C
D
V
6
.
3
C
D
V
4
.
8
C
D
V
8
1
e
c
n
a
d
e
p
m
I
t
u
p
n
I
%
0
1
±
0
6
5
%
0
1
±
K
3
.
1
%
0
1
±
K
4
.
2
%
0
1
±
K
0
1
e
d
i
s
t
p
t
u
O
e
g
a
tl
o
v
d
a
o
L
e
g
n
a
r
s
m
r
V
C
A
0
5
2
o
t
4
2
t
n
e
r
r
u
c
d
a
o
l
.
x
a
M
s
m
r
A
1
e
g
r
u
s
e
l
c
y
c
1
t
n
e
r
r
u
c
)
e
l
c
y
c
1
,
z
H
0
6
(
A
0
5
e
t
a
t
s
-f
f
o
.
x
a
m
t
n
e
r
r
u
c
e
g
a
k
a
e
l
)
s
m
r
V
C
A
0
2
2
,
z
H
0
6
(
s
m
r
A
m
1
.
x
a
m
e
t
a
t
s
-
n
o
.
x
a
m
p
o
r
d
e
g
a
tl
o
v
)
z
H
0
5
,
s
m
r
A
1
(
V
3
.
1
.
x
a
m
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
e
r
u
t
a
r
e
p
m
e
t
e
g
n
a
r
)t
s
o
rf
o
n
(
C
˚
0
0
1
+
o
t
0
4
-
g
n
it
a
r
e
p
O
e
r
u
t
a
r
e
p
m
e
t
e
g
n
a
r
)t
s
o
rf
o
n
(
C
˚
5
8
+
o
t
0
3
-
e
m
i
T
g
n
it
a
r
e
p
o
.
x
a
M
e
m
it
s
m
1
+
e
l
c
y
c
2
/
1
.
x
a
m
e
m
it
e
s
a
e
l
e
r
.
x
a
M
s
m
1
+
e
l
c
y
c
2
/
1
.
x
a
m
n
o
it
c
e
t
o
r
p
t
u
p
t
u
O
r
o
t
s
ir
a
v
d
n
a
ti
u
c
ri
c
r
e
b
b
u
n
S
r
e
h
t
O
r
o
l
o
c
e
s
a
C
k
c
a
l
B
t
h
g
i
e
w
g
0
.
4
y
l
e
t
a
m
i
x
o
r
p
p
A
n
SPECIFICATION
Item
AC .0A type
Note
Resistance (initial)
Minimum 1,000 MΩ (500VDC)
Input-output
Surge Voltage
2,500V rms  min.
n
INSULATION


Similar Part No. - FTR-SL

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTR-1319-3D FINISAR-FTR-1319-3D Datasheet
142Kb / 8P
   Long-Wavelength GBIC Transceiver
logo
Adam Technologies, Inc.
FTR-14-T ADAM-TECH-FTR-14-T Datasheet
121Kb / 1P
   IDC DIP & TRANSITION PLUGS .100 [2.54] CENTERLINE
logo
Finisar Corporation.
FTR-1419 FINISAR-FTR-1419 Datasheet
172Kb / 9P
   40km Extended GBIC Transceiver
FTR-1519-V2 FINISAR-FTR-1519-V2 Datasheet
159Kb / 8P
   80km Extended GBIC Transceiver
FTR-1619-47 FINISAR-FTR-1619-47 Datasheet
94Kb / 9P
   WDM Gigabit GBIC Transceiver with APD Receiver
More results

Similar Description - FTR-SL

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
SJ-12D01HZRN FUJITSU-SJ-12D01HZRN Datasheet
378Kb / 7P
   SOLID STATE RELAY MAXIMUM LOAD CURRENT 1 A
SG-12A03CVL FUJITSU-SG-12A03CVL Datasheet
390Kb / 6P
   SOLID STATE RELAY MAXIMUM LOAD CURRENT 3 A
SN-A100BF FUJITSU-SN-A100BF Datasheet
397Kb / 10P
   SOLID STATE RELAY (I/O Module) MAXIMUM LOAD CURRENT 1 A
SE-12A02VF FUJITSU-SE-12A02VF Datasheet
419Kb / 6P
   SOLID STATE RELAY MAXIMUM LOAD CURRENT 1.5 A / 2A
logo
TE Connectivity Ltd
SSRDC TEC-SSRDC Datasheet
244Kb / 2P
   DC Load Solid State Relay Hockey Puck
logo
Broadcom Corporation.
ASSR-5211 BOARDCOM-ASSR-5211 Datasheet
164Kb / 11P
   High Current, 1 Form A, Solid State Relay (MOSFET)
ASSR-1611 BOARDCOM-ASSR-1611 Datasheet
163Kb / 11P
   High Current, 1 Form A, Solid State Relay (MOSFET)
logo
Solid State Optronic
AD2C111-L SSOUSA-AD2C111-L Datasheet
249Kb / 5P
   Solid State Relay with Current Limiting
logo
Vishay Siliconix
VOR1142B6 VISHAY-VOR1142B6 Datasheet
155Kb / 9P
   1 Form A Solid-State Relay
Rev. 1.1, 17-Nov-15
LH1540AAB VISHAY-LH1540AAB Datasheet
210Kb / 9P
   1 Form A Solid State Relay
Rev. 1.4, 26-Oct-04
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com