Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTR-K1CK018EMBBG Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # FTR-K1CK018EMBBG
Description  POWER RELAY 1 POLE - 12A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-K1CK018EMBBG Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  FTR-K1CK018EMBBG Datasheet HTML 1Page - Fujitsu Component Limited. FTR-K1CK018EMBBG Datasheet HTML 2Page - Fujitsu Component Limited. FTR-K1CK018EMBBG Datasheet HTML 3Page - Fujitsu Component Limited. FTR-K1CK018EMBBG Datasheet HTML 4Page - Fujitsu Component Limited. FTR-K1CK018EMBBG Datasheet HTML 5Page - Fujitsu Component Limited. FTR-K1CK018EMBBG Datasheet HTML 6Page - Fujitsu Component Limited. FTR-K1CK018EMBBG Datasheet HTML 7Page - Fujitsu Component Limited. FTR-K1CK018EMBBG Datasheet HTML 8Page - Fujitsu Component Limited. FTR-K1CK018EMBBG Datasheet HTML 9Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
FTR-K1 SERIES
n
COIL DATA CHART
Coil
Voltage
Nominal
Voltage
(VDC)
Max.Coil
Voltage*
Coil
Resistance
(±0%)
MustOperate
Voltage*2
Must
ReleaseVoltage*2
NominalPower
(mW)
005
5
2.2VDC
62Ω
3.5VDC
0.5VDC
400
006
6
14.7VDC
90Ω
4.2VDC
0.6VDC
009
9
22.0VDC
202Ω
6.3VDC
0.9VDC
02
2
29.4VDC
360Ω
8.4VDC
.2VDC
08
8
44.VDC
810Ω
2.6VDC
.8VDC
022
22
53.9VDC
1,210Ω
5.4VDC
2.2VDC
024
24
58.8VDC
1,440Ω
6.8VDC
2.4VDC
028
28
68.6VDC
1,960Ω
9.6VDC
2.8VDC
048
48
117.6VDC
5,360Ω
33.6VDC
4.8VDC
430
Note:Allvaluesinthetablearemeasuredat20°C.
*:Nocontactcurrentat20°C
*2:Specifiedvaluesaresubjecttopulsewavevoltage
n
SPECIFICATIONS
Item
FTR-K(A,C)K()(W,E)-MA FTR-K(A,C)K()(W,E)-MB
Contact Arrangement
formA,formC
Material
W:AgSnO2,E:AgNi
Resistance(initial)
Maximum100mΩat1A,6VDC
Rating
2A,250VAC/24VDC
MaximumCarryingCurrent*1
4A
MaximumSwitchingRating
3,000VA/288W
MaximumSwitchingVoltage
440VAC/300VDC
MinimumSwitchingLoad*2
0mA5VDC
Coil
NominalPower(at20ºC)
400mW(at430mW48Vcoil)
OperatePower(at20ºC)
200mW(20mWat48Vcoil)
OperatingTemperature
-40ºCto+85ºC(nofrost)
Time
Value
Operate
Maximum15ms(atnominalvoltage,nobounce)
Release(withoutdiode)
Maximum5ms(atnominalvoltage,nobounce)
Life
Mechanical
20x106operationsminimum
Electrical
ACContactrating
100x103operationsmin.
DCcontactrating
100x103operationsmin.
Other
Vibration
Resistance
Misoperation
10to55Hz,atdoubleamplitudeof0.7mm
Endurance
0-55Hz,atdoubleamplitudeof.5mm
Shock
Resistance
Misoperation
Min.00m/s2(±ms)
Endurance
Min.,000m/s2(6±ms)
Weight
Approximately13g
*NeedtoconsidertheheatfromPCBwhenmax.currentismorethan10A.
*2 Minimumswitchingloadsmentionedabovearereferencevalues.Pleaseperformtheconfirmationtestwiththeactual
loadbeforeproductionsincereferencevaluesmayvaryaccordingtoswitchingfrequencies,environmentalconditions
andexpectedreliabilitylevels.


Similar Part No. - FTR-K1CK018EMBBG

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-K1CK018E FUJITSU-FTR-K1CK018E Datasheet
621Kb / 8P
   POWER RELAY 1 POLE - 16A Silver Nickel Contact
More results

Similar Description - FTR-K1CK018EMBBG

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-K1-TC FUJITSU-FTR-K1-TC Datasheet
824Kb / 14P
   POWER RELAY 1 POLE - 16A/12A/10A Transparent cover
VS-12SMBU-N-UC FUJITSU-VS-12SMBU-N-UC Datasheet
930Kb / 12P
   POWER RELAY 1 POLE-10A
VS-12STCU-E FUJITSU-VS-12STCU-E Datasheet
609Kb / 9P
   POWER RELAY 1 POLE - 10A
VS-12SMBU-NR-UC FUJITSU-VS-12SMBU-NR-UC Datasheet
1Mb / 12P
   POWER RELAY 1 POLE-15A
VS-SERIES FUJITSU-VS-SERIES Datasheet
1Mb / 9P
   POWER RELAY 1 POLE - 10A
JV-12S-KS FUJITSU-JV-12S-KS Datasheet
357Kb / 6P
   POWER RELAY 1 POLE - 10A High Power Relay
FTR-K3L-WG FUJITSU-FTR-K3L-WG Datasheet
386Kb / 8P
   POWER RELAY 1 POLE - 25A - Latching relay
FTR-MY FUJITSU-FTR-MY Datasheet
468Kb / 7P
   POWER RELAY 1 POLE - 5A SLIM POWER RELAY
FTR-K3L FUJITSU-FTR-K3L Datasheet
234Kb / 7P
   POWER RELAY 1 POLE - 25A Latching Relay
FBR572 FUJITSU-FBR572_08 Datasheet
525Kb / 10P
   COMPACT POWER RELAY 1 POLE X 2-12A (28VDC) (FOR 24V BATTERY AUTOMOTIVE APPLICATIONS)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com