Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTR-P3CP012W1-01 Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # FTR-P3CP012W1-01
Description  COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-P3CP012W1-01 Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  FTR-P3CP012W1-01 Datasheet HTML 1Page - Fujitsu Component Limited. FTR-P3CP012W1-01 Datasheet HTML 2Page - Fujitsu Component Limited. FTR-P3CP012W1-01 Datasheet HTML 3Page - Fujitsu Component Limited. FTR-P3CP012W1-01 Datasheet HTML 4Page - Fujitsu Component Limited. FTR-P3CP012W1-01 Datasheet HTML 5Page - Fujitsu Component Limited. FTR-P3CP012W1-01 Datasheet HTML 6Page - Fujitsu Component Limited. FTR-P3CP012W1-01 Datasheet HTML 7Page - Fujitsu Component Limited. FTR-P3CP012W1-01 Datasheet HTML 8Page - Fujitsu Component Limited. FTR-P3CP012W1-01 Datasheet HTML 9Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
FTR-P3 SERIES
n
SPECIFICATIONS
*1NeedtoconsidertheheadfromPCBwhenmax.currentismorethan10A.
*2Valueswhenswitchingaresistiveloadatnormalroomtemperatureandhumidityandinacleanenvironment.
Theminimumswitchingloadvarieswiththeswitchingfrequencyandoperatingenvironment.
m
e
tI
n
o
it
a
c
if
i
c
e
p
S
d
r
a
d
n
a
t
S
n
o
i
s
r
e
v
e
r
u
t
a
r
e
p
m
e
t
h
g
i
H
5, -06)
0
-
,
1
0
-
(
t
c
a
t
n
o
C
t
n
e
m
e
g
n
a
r
r
A
)
T
D
P
S
(
C
m
r
o
f
1
l
a
ir
e
t
a
M
m
u
i
d
n
i-
e
d
i
x
o
n
it
-
r
e
v
li
S
)l
a
it
i
n
I(
p
o
r
D
e
g
a
tl
o
V
h
t
a
p
t
c
a
t
n
o
C
)
C
D
V
2
1
A
1
t
a
(
mV
0
0
1
m
u
m
i
x
a
M
g
n
it
a
R
)
d
a
o
l
r
o
t
o
m
d
e
k
c
o
l(
C
D
V
4
1
t
a
A
5
2
t*1
n
e
r
r
u
C
y
r
r
a
C
m
u
m
i
x
a
M
)
e
g
a
tl
o
v
li
o
c
d
e
t
a
r
%
0
0
1
,
C
°
5
2
(
r
u
o
h
1
/
A
5
2
)
e
c
n
e
r
e
f
e
R
(
t
n
e
r
r
u
C
g
n
i
h
c
ti
w
S
m
u
m
i
x
a
M
C
D
V
6
1
t
a
A
5
3
d
a
o
L
g
n
i
h
c
ti
w
S
m
u
m
i
n
i
M
2
*
)
e
c
n
e
r
e
f
e
R
(
C
D
V
6
,
A
1
li
o
C
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
t
n
e
i
b
m
A
g
n
it
a
r
e
p
O
)
t
s
o
rf
o
n
(
C
°
5
8
+
o
t
C
°
0
4
-
)t
s
o
rf
o
n
(
C
°
5
2
1
+
o
t
C
°
0
4
-
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
)
t
s
o
rf
o
n
(
C
°
0
0
1
+
o
t
C
°
0
4
-
)t
s
o
rf
o
n
(
C
°
5
2
1
+
o
t
C
°
0
4
-
g
n
i
m
i
T
s
e
u
l
a
V
)
e
g
a
tl
o
v
l
a
n
i
m
o
n
t
a
(
e
t
a
r
e
p
O
)
e
c
n
u
o
b
g
n
i
d
u
l
c
n
i
t
o
n
(
s
m
0
1
m
u
m
i
x
a
M
)
e
g
a
tl
o
v
l
a
n
i
m
o
n
t
a
(
e
s
a
e
l
e
R
)
e
d
o
i
d
o
n
,
e
c
n
u
o
b
g
n
i
d
u
l
c
n
i
t
o
n
(
s
m
5
m
u
m
i
x
a
M
)
e
d
o
i
d
h
ti
w
,
e
c
n
u
o
b
g
n
i
d
u
l
c
n
i
t
o
n
(
s
m
5
1
m
u
m
i
x
a
M
e
fi
L
l
a
c
i
n
a
h
c
e
M
0
1
x
0
1
6
m
u
m
i
n
i
m
s
n
o
it
a
r
e
p
o
l
a
c
ir
t
c
e
l
E
0
1
x
0
0
1
3
d
e
k
c
o
l(
A
5
2
,
C
D
V
4
1
,
m
u
m
i
n
i
m
s
n
o
it
a
r
e
p
o
)
d
a
o
l
r
o
t
o
m
)
e
s
r
e
v
e
r
1
d
n
a
d
r
a
w
r
o
f
1
=
n
o
it
a
r
e
p
o
1
(
r
e
h
t
O
n
o
it
a
r
b
i
V
e
c
n
a
t
s
i
s
e
R
l
a
n
o
it
a
r
e
p
O
)
z
H
5
5
@
G
3
1
.
9
=
(
e
d
u
ti
l
p
m
a
e
l
b
u
o
d
m
m
5
.
1
,
z
H
5
5
-
0
1
k
c
o
h
S
e
c
n
a
t
s
i
s
e
R
l
a
n
o
it
a
r
e
p
O
s
/
m
0
0
1
2
)
G
0
1
(
m
u
m
i
n
i
m
e
g
a
m
a
d
o
n
,
d
n
a
t
s
h
ti
W
s
/
m
0
0
0
,
1
2
)
G
0
0
1
(
m
u
m
i
n
i
m
)l
a
it
i
n
i(
e
c
n
a
t
s
i
s
e
R
n
o
it
a
l
u
s
n
I
C
A
V
0
0
5
@
s
m
h
o
M
0
0
1
)l
a
it
i
n
i(
e
g
a
tl
o
V
g
n
i
d
n
a
t
s
h
ti
W
c
ir
t
c
e
l
e
i
D
C
A
V
0
0
5
t
h
g
i
e
W
g
5
y
l
e
t
a
m
i
x
o
r
p
p
A


Similar Part No. - FTR-P3CP012W1-01

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-P3CP012W1-01 FUJITSU-FTR-P3CP012W1-01 Datasheet
453Kb / 9P
   COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS
More results

Similar Description - FTR-P3CP012W1-01

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-P3 FUJITSU-FTR-P3 Datasheet
453Kb / 9P
   COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS
FBR51ND12 FUJITSU-FBR51ND12 Datasheet
77Kb / 8P
   COMPACT POWER RELAY 1 POLE-25 A (FOR AUTOMOTIVE APPLICATIONS) FBR51, 52 SERIES
FBR-53 FUJITSU-FBR-53 Datasheet
61Kb / 5P
   COMPACT POWER RELAY 1 POLE-20 A (For Automotive Applications)
FBR53 FUJITSU-FBR53 Datasheet
315Kb / 5P
   COMPACT POWER RELAY 1 POLE-20 A (For Automotive Applications)
FBR53 FUJITSU-FBR53_08 Datasheet
532Kb / 5P
   COMPACT POWER RELAY 1 POLE-30 A(For Automotive Applications)
FBR51 FUJITSU-FBR51 Datasheet
622Kb / 8P
   COMPACT POWER RELAY 1 POLE-30 A(FOR AUTOMOTIVE APPLICATIONS)
FTR-P5 FUJITSU-FTR-P5_08 Datasheet
605Kb / 8P
   SILENT RELAY FOR AUTOMOTIVE APPLICATIONS 1 POLE-25 A
FTR-P5 FUJITSU-FTR-P5 Datasheet
672Kb / 8P
   SILENT RELAY FOR AUTOMOTIVE APPLICATIONS 1 POLE-25 A
FBR161 FUJITSU-FBR161 Datasheet
469Kb / 6P
   POWER RELAY 1 POLE-15 to 25 A (FOR AUTOMOTIVE APPLICATIONS)
FBR53-HW FUJITSU-FBR53-HW Datasheet
588Kb / 5P
   COMPACT HIGH POWER RELAY 1 POLE-40 A(For Automotive Applications)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com