Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTR-K1AR005T-LB-RG Datasheet(PDF) 7 Page - Fujitsu Component Limited.

Part # FTR-K1AR005T-LB-RG
Description  POWER RELAY 1 POLE - 16A/12A/10A Transparent cover
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-K1AR005T-LB-RG Datasheet(HTML) 7 Page - Fujitsu Component Limited.

Back Button FTR-K1AR005T-LB-RG Datasheet HTML 3Page - Fujitsu Component Limited. FTR-K1AR005T-LB-RG Datasheet HTML 4Page - Fujitsu Component Limited. FTR-K1AR005T-LB-RG Datasheet HTML 5Page - Fujitsu Component Limited. FTR-K1AR005T-LB-RG Datasheet HTML 6Page - Fujitsu Component Limited. FTR-K1AR005T-LB-RG Datasheet HTML 7Page - Fujitsu Component Limited. FTR-K1AR005T-LB-RG Datasheet HTML 8Page - Fujitsu Component Limited. FTR-K1AR005T-LB-RG Datasheet HTML 9Page - Fujitsu Component Limited. FTR-K1AR005T-LB-RG Datasheet HTML 10Page - Fujitsu Component Limited. FTR-K1AR005T-LB-RG Datasheet HTML 11Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
FTR-K1 SERIES
FTR-K1 SERIES
n
COIL RATING
Coil
Code
RatedCoil
Voltage
(VDC)
CoilResistance
+/-10%(Ohm)
MustOperate
Voltage
(VDC)*
MustRelease-
Voltage
(VDC)*
Max.CoilVoltage
(VDC)
RatedPower
(mW)
005
5
100
3.75
0.5
15
250
006
6
145
4.5
0.6
18
009
9
325
6.75
0.9
27
012
12
575
9
1.2
36
018
18
1300
13.5
1.8
54
024
24
2310
18
2.4
72
048
48
9216
36
4.8
144
Note:Allvaluesinthetablearevalidfor20°Candzerocontactcurrent.
*Specifiedoperatevaluesarevalidforpulsewavevoltage.
250mWcoils
Coil
Code
RatedCoil
Voltage
(VDC)
CoilResistance
+/-10%(Ohm)
MustOperate
Voltage
(VDC)*
MustRelease-
Voltage
(VDC)*
Max.CoilVoltage
(VDC)
RatedPower
(mW)
005
5
62
3.5
0.5
12.2
400
006
6
90
4.2
0.6
14.7
009
9
202
6.3
0.9
22
012
12
360
8.4
1.2
29.4
018
18
810
12.6
1.8
44.1
022
22
1210
15.4
2.2
53.9
024
24
1440
16.8
2.4
58.8
028
28
1960
19.6
2.8
68.6
048
48
5360
33.6
4.8
117.6
430
Note:Allvaluesinthetablearevalidfor20°Candzerocontactcurrent.
*Specifiedoperatevaluesarevalidforpulsewavevoltage.
400mWcoils


Similar Part No. - FTR-K1AR005T-LB-RG

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-K1AK005E FUJITSU-FTR-K1AK005E Datasheet
621Kb / 8P
   POWER RELAY 1 POLE - 16A Silver Nickel Contact
FTR-K1AK005EMABG FUJITSU-FTR-K1AK005EMABG Datasheet
592Kb / 9P
   POWER RELAY 1 POLE - 12A
FTR-K1AK005EMBBG FUJITSU-FTR-K1AK005EMBBG Datasheet
592Kb / 9P
   POWER RELAY 1 POLE - 12A
FTR-K1AK005T- FUJITSU-FTR-K1AK005T- Datasheet
533Kb / 8P
   1 POLE - 16A LOW PROFILE TYPE
FTR-K1AK005T-HT FUJITSU-FTR-K1AK005T-HT Datasheet
623Kb / 8P
   POWER RELAY 1 POLE - 16A 105C
More results

Similar Description - FTR-K1AR005T-LB-RG

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-K1-12A FUJITSU-FTR-K1-12A Datasheet
592Kb / 9P
   POWER RELAY 1 POLE - 12A
FTR-K1-105C FUJITSU-FTR-K1-105C Datasheet
623Kb / 8P
   POWER RELAY 1 POLE - 16A 105C
VS-12SMBU-N-UC FUJITSU-VS-12SMBU-N-UC Datasheet
930Kb / 12P
   POWER RELAY 1 POLE-10A
VS-12STCU-E FUJITSU-VS-12STCU-E Datasheet
609Kb / 9P
   POWER RELAY 1 POLE - 10A
VS-SERIES FUJITSU-VS-SERIES Datasheet
1Mb / 9P
   POWER RELAY 1 POLE - 10A
FTR-K1-KS FUJITSU-FTR-K1-KS Datasheet
396Kb / 6P
   POWER RELAY 1 POLE - 16A / Inrush 120A relay
JV-12S-KS FUJITSU-JV-12S-KS Datasheet
357Kb / 6P
   POWER RELAY 1 POLE - 10A High Power Relay
FTR-K1KW FUJITSU-FTR-K1KW Datasheet
939Kb / 8P
   POWER RELAY 1 POLE - 16A Sealed Type
FTR-K1-16A FUJITSU-FTR-K1-16A Datasheet
621Kb / 8P
   POWER RELAY 1 POLE - 16A Silver Nickel Contact
FTR-K1-L FUJITSU-FTR-K1-L Datasheet
418Kb / 6P
   POWER RELAY 1 POLE - 16A / Inrush 80A type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com