Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTR-K1CK005W-LB-RG Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # FTR-K1CK005W-LB-RG
Description  POWER RELAY 1 POLE - 16A/12A/10A Transparent cover
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-K1CK005W-LB-RG Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  FTR-K1CK005W-LB-RG Datasheet HTML 1Page - Fujitsu Component Limited. FTR-K1CK005W-LB-RG Datasheet HTML 2Page - Fujitsu Component Limited. FTR-K1CK005W-LB-RG Datasheet HTML 3Page - Fujitsu Component Limited. FTR-K1CK005W-LB-RG Datasheet HTML 4Page - Fujitsu Component Limited. FTR-K1CK005W-LB-RG Datasheet HTML 5Page - Fujitsu Component Limited. FTR-K1CK005W-LB-RG Datasheet HTML 6Page - Fujitsu Component Limited. FTR-K1CK005W-LB-RG Datasheet HTML 7Page - Fujitsu Component Limited. FTR-K1CK005W-LB-RG Datasheet HTML 8Page - Fujitsu Component Limited. FTR-K1CK005W-LB-RG Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
FTR-K1 SERIES
FTR-K1 SERIES
n
SPECIFICATION
Item
FTR-K1AK()(T,W)-RG FTR-K1CK()(W,E)-RG
Contact
Data
Configuration
1formA
1formC
Construction
Single
Material
T,W:AgSnO2,E:AgNi
Resistance(initial)
Maximum100mΩat1A,6VDC
Contactrating(resistive)
16A,250VAC/24VDC
Max.carryingcurrent*
16A
Max.switchingvoltage
440VAC/300VDC
Max.switchingpower
4,000VA/384W
Min.switchingload*2
10mA,5VDC
Life
Mechanical
20x106operationsminimum
Electrical
ACcontactrating
100x103operations
minimum
50x103operations
minimum
DCcontactrating
100x103operations
minimum
30x103operations
minimum
CoilData
Ratedpower(20°C)
400mW(430mWat48Vcoil)
Operatepower(20°C)
200mW(210mWat48Vcoil)
Operatingtemperaturerange
-40°Cto+70°C(nofrost)
TimingData Operate(atnominalvoltage)
≤15ms(nobounce,nodiode)
Release(atnominalvoltage)
≤5ms(nobounce,nodiode)
Insulation
Resistance(initial)
≥1,000MOhmat500VDC
Dielectricstrength
Opencontacts
1,000VAC(50/60Hz)1min
Contactstocoil
5,000VAC(50/60Hz)1min
Surgestrength
Coiltocontacts
10,000V/1.2x50µsstandardwave
Clearance
10mm
Creepage
10mm
EN61810-1,VDE0435
Voltage
250V
Pollutiondegree
3
Materialgroup
IIIa
Category
C/250V(Referencevoltage)(VDE0110b)
Other
Vibrationresistance
Misoperation≥1us 10to55Hzdoubleamplitude0.7mm
Endurance
10to55Hzdoubleamplitude1.5mm
Shock
Misoperation≥1us 100m/s²(11±1ms)
Endurance
1,000m/s²(6±1ms)
Weight
Approximately13g
*1:NeedtoconsidertheheatfromPCBwhenmax.currentismorethan10A.
*2:Minimumswitchingloadsmentionedabovearereferencevalues.Pleaseperformtheconfirmationtestwithactual
loadbeforeproductionsincereferencevaluesmayvaryaccordingtoswitchingfrequencies,environmentalcontions
16Atype


Similar Part No. - FTR-K1CK005W-LB-RG

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-K1CK005W-LB FUJITSU-FTR-K1CK005W-LB Datasheet
533Kb / 8P
   1 POLE - 16A LOW PROFILE TYPE
More results

Similar Description - FTR-K1CK005W-LB-RG

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-K1-12A FUJITSU-FTR-K1-12A Datasheet
592Kb / 9P
   POWER RELAY 1 POLE - 12A
FTR-K1-105C FUJITSU-FTR-K1-105C Datasheet
623Kb / 8P
   POWER RELAY 1 POLE - 16A 105C
VS-12SMBU-N-UC FUJITSU-VS-12SMBU-N-UC Datasheet
930Kb / 12P
   POWER RELAY 1 POLE-10A
VS-12STCU-E FUJITSU-VS-12STCU-E Datasheet
609Kb / 9P
   POWER RELAY 1 POLE - 10A
VS-SERIES FUJITSU-VS-SERIES Datasheet
1Mb / 9P
   POWER RELAY 1 POLE - 10A
FTR-K1-KS FUJITSU-FTR-K1-KS Datasheet
396Kb / 6P
   POWER RELAY 1 POLE - 16A / Inrush 120A relay
JV-12S-KS FUJITSU-JV-12S-KS Datasheet
357Kb / 6P
   POWER RELAY 1 POLE - 10A High Power Relay
FTR-K1KW FUJITSU-FTR-K1KW Datasheet
939Kb / 8P
   POWER RELAY 1 POLE - 16A Sealed Type
FTR-K1-16A FUJITSU-FTR-K1-16A Datasheet
621Kb / 8P
   POWER RELAY 1 POLE - 16A Silver Nickel Contact
FTR-K1-L FUJITSU-FTR-K1-L Datasheet
418Kb / 6P
   POWER RELAY 1 POLE - 16A / Inrush 80A type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com