Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTR-K2GAK060T Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # FTR-K2GAK060T
Description  POWER RELAY 1 POLE-20A (Contact Gap 3.0mm type)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-K2GAK060T Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  FTR-K2GAK060T Datasheet HTML 1Page - Fujitsu Component Limited. FTR-K2GAK060T Datasheet HTML 2Page - Fujitsu Component Limited. FTR-K2GAK060T Datasheet HTML 3Page - Fujitsu Component Limited. FTR-K2GAK060T Datasheet HTML 4Page - Fujitsu Component Limited. FTR-K2GAK060T Datasheet HTML 5Page - Fujitsu Component Limited. FTR-K2GAK060T Datasheet HTML 6Page - Fujitsu Component Limited. FTR-K2GAK060T Datasheet HTML 7Page - Fujitsu Component Limited. FTR-K2GAK060T Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
FTR-K2G Series
n
COIL DATA CHART
n
PART NuMBERS
Standardtype:1000mW
OrderingPartNumber
Series
Contact
CoilVoltage
ContactMaterial
FTR-K2GAK005T
FTR-K2G
formA
5
T:AgSnO
2
(TV-8rated)
FTR-K2GAK006T
6
FTR-K2GAK009T
9
FTR-K2GAK02T
2
FTR-K2GAK08T
8
FTR-K2GAK022T
22
FTR-K2GAK024T
24
FTR-K2GAK048T
48
FTR-K2GAK060T
60
FTR-K2GAK0T
0
StandardType1000mW
Coil
Voltage
Nominal
Voltage(VDC)
Max.Coil
Voltage*
CoilResistance
(±0%)
MustOperate
Voltage*2
MustRelease
Voltage*2
NominalPower
(mW)
005
5
8.5VDC
25Ω
3.25VDC
0.25VDC
,000
006
6
0.2VDC
36Ω
3.9VDC
0.3VDC
009
9
5.3VDC
81Ω
5.85VDC
0.45VDC
02
2
20.4VDC
145Ω
7.8VDC
0.6VDC
08
8
30.6VDC
325Ω
.7VDC
0.9VDC
022
22
37.4VDC
485Ω
14.3VDC
.VDC
024
24
40.8VDC
580Ω
5.6VDC
.2VDC
048
48
8.6VDC
2,200Ω
3.2VDC
2.4VDC
,050
060
60
02.0VDC
3,600Ω
39.0VDC
3.0VDC
,000
0
0
87.0VDC
13,000Ω
7.5VDC
5.5VDC
930
Note:Allvaluesat20°C.
*:Nocontactcurrentat20°C.Pleasesee'operatingrange'dataforotherconditions.
*2:Specifiedvaluesaresubjecttopulseshapevoltage


Similar Part No. - FTR-K2GAK060T

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-K2 FUJITSU-FTR-K2 Datasheet
556Kb / 8P
   POWER RELAY 1 POLE-16A (CADMIUM FREE CONTACTS TYPE)
FTR-K2AK005T FUJITSU-FTR-K2AK005T Datasheet
556Kb / 8P
   POWER RELAY 1 POLE-16A (CADMIUM FREE CONTACTS TYPE)
FTR-K2AK006T FUJITSU-FTR-K2AK006T Datasheet
556Kb / 8P
   POWER RELAY 1 POLE-16A (CADMIUM FREE CONTACTS TYPE)
FTR-K2AK009T FUJITSU-FTR-K2AK009T Datasheet
556Kb / 8P
   POWER RELAY 1 POLE-16A (CADMIUM FREE CONTACTS TYPE)
FTR-K2AK012T FUJITSU-FTR-K2AK012T Datasheet
556Kb / 8P
   POWER RELAY 1 POLE-16A (CADMIUM FREE CONTACTS TYPE)
More results

Similar Description - FTR-K2GAK060T

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-K3-WG FUJITSU-FTR-K3-WG_10 Datasheet
232Kb / 6P
   POWER RELAY 1 POLE - 25A - 1.5mm contact gap
FTR-K3WG FUJITSU-FTR-K3WG Datasheet
319Kb / 6P
   POWER RELAY 1 POLE - 25A - 1.5mm contact gap
FTR-K3-WG FUJITSU-FTR-K3-WG_11 Datasheet
371Kb / 8P
   POWER RELAY 1 POLE - 25A - 1.5mm contact gap
FTR-K3L-PV FUJITSU-FTR-K3L-PV Datasheet
340Kb / 7P
   POWER RELAY 1 POLE - 32A, 1.5mm contact gap latching relay
FTR-K2W FUJITSU-FTR-K2W Datasheet
727Kb / 6P
   POWER RELAY 1 POLE - 30A DC Relay 2 x 3.2mm contact gap
FTR-K2W FUJITSU-FTR-K2W_12 Datasheet
170Kb / 8P
   POWER RELAY 1 POLE - 30A DC Relay 2 x 3.2mm contact gap
logo
Omron Electronics LLC
G5LE-E OMRON-G5LE-E Datasheet
375Kb / 5P
   Single-pole 10A35VDC 0.8mm Contact Gap Power Relay
logo
Fujitsu Component Limit...
FTR-F4G FUJITSU-FTR-F4G_11 Datasheet
333Kb / 7P
   POWER RELAY 2 POLE - 5A - 1.5mm contact gap
FTR-F4G FUJITSU-FTR-F4G Datasheet
321Kb / 6P
   POWER RELAY 2 POLE - 5A - 1.5mm contact gap
FTR-K3 FUJITSU-FTR-K3_11 Datasheet
572Kb / 7P
   POWER RELAY 1 POLE - 20A Heavy Load
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com