Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTR-K2AK006T Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # FTR-K2AK006T
Description  POWER RELAY 1 POLE-16A (CADMIUM FREE CONTACTS TYPE)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-K2AK006T Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  FTR-K2AK006T Datasheet HTML 1Page - Fujitsu Component Limited. FTR-K2AK006T Datasheet HTML 2Page - Fujitsu Component Limited. FTR-K2AK006T Datasheet HTML 3Page - Fujitsu Component Limited. FTR-K2AK006T Datasheet HTML 4Page - Fujitsu Component Limited. FTR-K2AK006T Datasheet HTML 5Page - Fujitsu Component Limited. FTR-K2AK006T Datasheet HTML 6Page - Fujitsu Component Limited. FTR-K2AK006T Datasheet HTML 7Page - Fujitsu Component Limited. FTR-K2AK006T Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
FTR-K2 Series
Type
Compliance
Contactrating
UL
UL508
E6364
Flammability: UL 94-V0 (plastics)
6A,30VDC(resistive)
6A,25VAC(resistive)
0A,277VAC(resistive)
/2HP,25VAC
HP.277VAC
TV-5,20VAC
Pilot duty: A300
CSA
C22.2No.4
LR40304
VDE
0435,0860
6A,250VAC(cosØ=)
8A,250VACcosØ=0.4)
8A,30VDC(0ms)
250VAC5/80Ainrush
SEMKO
EN 61058-1: 1992 AND A1
EN 61095:1993 and A1+A11
250VAC,0(3)or5/80
40T70
n
SAFETY STANDARDS
ComplieswithCQC,NEMKO,DEMKO,FIMKO,
Item
FTR-K2
Note
Resistance(initial)
Minimum 1,000 MΩ 1 min.
at500VDC
Dielectric
Strength
opencontacts
,000VAC(50/60Hz)min.
coilandcontacts
4,000VAC(50/60Hz)min.
SurgeVoltage(coilandcontact)
0,000V
.2x50µsstandardwave
Clearance/Creepage
6mm/6mm
Insulation(DINEN680-VDE0435)
Voltage
Pollution
Isolationmaterialgroup
250V
2
IIIa
Isolation category / Reference voltage
(VDE00b)
B/250V
n
INSuLATION


Similar Part No. - FTR-K2AK006T

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-K2G FUJITSU-FTR-K2G Datasheet
452Kb / 8P
   POWER RELAY 1 POLE-20A (Contact Gap 3.0mm type)
FTR-K2GAK005T FUJITSU-FTR-K2GAK005T Datasheet
452Kb / 8P
   POWER RELAY 1 POLE-20A (Contact Gap 3.0mm type)
FTR-K2GAK006T FUJITSU-FTR-K2GAK006T Datasheet
452Kb / 8P
   POWER RELAY 1 POLE-20A (Contact Gap 3.0mm type)
FTR-K2GAK009T FUJITSU-FTR-K2GAK009T Datasheet
452Kb / 8P
   POWER RELAY 1 POLE-20A (Contact Gap 3.0mm type)
FTR-K2GAK012T FUJITSU-FTR-K2GAK012T Datasheet
452Kb / 8P
   POWER RELAY 1 POLE-20A (Contact Gap 3.0mm type)
More results

Similar Description - FTR-K2AK006T

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-F2 FUJITSU-FTR-F2 Datasheet
607Kb / 8P
   POWER RELAY 1 POLE-5A (CADMIUM FREE CONTACTS TYPE)
VH-12 FUJITSU-VH-12 Datasheet
92Kb / 4P
   POWER RELAY 1 POLE-16 A (CADMIUM FREE CONTACTS TYPE)
FTR-H2 FUJITSU-FTR-H2 Datasheet
564Kb / 8P
   POWER RELAY 1 POLE-10 A (CADMIUM FREE CONTACTS TYPE)
NYP-12W-K-IE FUJITSU-NYP-12W-K-IE Datasheet
307Kb / 7P
   POWER RELAY 1 POLE-5 A (CADMIUM FREE CONTACTS TYPE)
NY24W-K FUJITSU-NY24W-K Datasheet
117Kb / 5P
   POWER RELAY 1 POLE—5 A (CADMIUM FREE CONTACTS TYPE)
LZG-B12HMSE-K FUJITSU-LZG-B12HMSE-K Datasheet
58Kb / 6P
   POWER RELAY 1 POLE-1, 3, 5, 10 A (CADMIUM FREE CONTACTS TYPE)
VG-12HMSE-K-UL FUJITSU-VG-12HMSE-K-UL Datasheet
186Kb / 7P
   POWER RELAY 1 POLE-3A to 5 A (CADMIUM FREE CONTACTS TYPE)
FTR-F2P FUJITSU-FTR-F2P Datasheet
597Kb / 8P
   1 POLE-120A Inrush Current (CADMIUM FREE CONTACTS TYPE)
FTR-K1KW FUJITSU-FTR-K1KW Datasheet
939Kb / 8P
   POWER RELAY 1 POLE - 16A Sealed Type
FTR-K1-L FUJITSU-FTR-K1-L Datasheet
418Kb / 6P
   POWER RELAY 1 POLE - 16A / Inrush 80A type
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com