Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTR-K1CK005W-MA-RG Datasheet(PDF) 8 Page - Fujitsu Component Limited.

Part # FTR-K1CK005W-MA-RG
Description  POWER RELAY 1 POLE - 16A/12A/10A Transparent cover
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-K1CK005W-MA-RG Datasheet(HTML) 8 Page - Fujitsu Component Limited.

Back Button FTR-K1CK005W-MA-RG Datasheet HTML 4Page - Fujitsu Component Limited. FTR-K1CK005W-MA-RG Datasheet HTML 5Page - Fujitsu Component Limited. FTR-K1CK005W-MA-RG Datasheet HTML 6Page - Fujitsu Component Limited. FTR-K1CK005W-MA-RG Datasheet HTML 7Page - Fujitsu Component Limited. FTR-K1CK005W-MA-RG Datasheet HTML 8Page - Fujitsu Component Limited. FTR-K1CK005W-MA-RG Datasheet HTML 9Page - Fujitsu Component Limited. FTR-K1CK005W-MA-RG Datasheet HTML 10Page - Fujitsu Component Limited. FTR-K1CK005W-MA-RG Datasheet HTML 11Page - Fujitsu Component Limited. FTR-K1CK005W-MA-RG Datasheet HTML 12Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
FTR-K1 SERIES
FTR-K1 SERIES
Type
Compliance
Contactrating
FTR-K1AK()(T,E)-RG
FTR-K1CK()W
UL
UL508
E63614
Flammability:UL94-VII(plastics)
16A,24VAC(resisitive)
16A,277VAC(resisitive)
20A,277VAC(resisitive)
1HP,277VAC
1/2HP,125VAC
TV-5,120VAC,120VAC25,000
cycles
Pilotduty:A300
16A,277VAC/24VDC(resisi-
tive)
20A,277VAC(resistive)
1HP,277VAC
1/2HP,125VAC
1/8HP,125VAC
TV-5,250VAC25,000cycles
Pilotduty:B300
CSA
C22.2No.14
LR40304
16A,277VAC/24VDC(resisi-
tive)
20A,277VAC(resistive)
1HP,277VAC
1/2HP,125VAC
1/8HP,125VAC
TV-5,120VAC25,000cycles
Pilotduty:B300
VDE
0435,0631,0700,0860
40013848
16A,250VAC(cosØ=1)
3.5A,250VAC(cosØ=0.4)
16A24VDC(0ms)
5A/80A,250VAC(onlyT-type)
16A,250VAC(cosØ=1)
3.5A,250VAC(cosØ=0.4)
16A24VDC(0ms)
SEMKO
EN61058-1:1992andA1
EN61095:1993andA1+A11
250VAC,16(3)A40T70
5A/80A250VAC(onlyT-type)
250VAC,16(3)A40T70
n
SAFETY STANDARDS
ComplieswithNEMKO,DEMKO,FIMKO
16Atype


Similar Part No. - FTR-K1CK005W-MA-RG

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-K1CK005W-MA FUJITSU-FTR-K1CK005W-MA Datasheet
533Kb / 8P
   1 POLE - 16A LOW PROFILE TYPE
More results

Similar Description - FTR-K1CK005W-MA-RG

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-K1-12A FUJITSU-FTR-K1-12A Datasheet
592Kb / 9P
   POWER RELAY 1 POLE - 12A
FTR-K1-105C FUJITSU-FTR-K1-105C Datasheet
623Kb / 8P
   POWER RELAY 1 POLE - 16A 105C
VS-12SMBU-N-UC FUJITSU-VS-12SMBU-N-UC Datasheet
930Kb / 12P
   POWER RELAY 1 POLE-10A
VS-12STCU-E FUJITSU-VS-12STCU-E Datasheet
609Kb / 9P
   POWER RELAY 1 POLE - 10A
VS-SERIES FUJITSU-VS-SERIES Datasheet
1Mb / 9P
   POWER RELAY 1 POLE - 10A
FTR-K1-KS FUJITSU-FTR-K1-KS Datasheet
396Kb / 6P
   POWER RELAY 1 POLE - 16A / Inrush 120A relay
JV-12S-KS FUJITSU-JV-12S-KS Datasheet
357Kb / 6P
   POWER RELAY 1 POLE - 10A High Power Relay
FTR-K1KW FUJITSU-FTR-K1KW Datasheet
939Kb / 8P
   POWER RELAY 1 POLE - 16A Sealed Type
FTR-K1-16A FUJITSU-FTR-K1-16A Datasheet
621Kb / 8P
   POWER RELAY 1 POLE - 16A Silver Nickel Contact
FTR-K1-L FUJITSU-FTR-K1-L Datasheet
418Kb / 6P
   POWER RELAY 1 POLE - 16A / Inrush 80A type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com