Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTR-K1L018WLABG Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # FTR-K1L018WLABG
Description  POWER RELAY 1 POLE - 10A High Sensitivity
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-K1L018WLABG Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  FTR-K1L018WLABG Datasheet HTML 1Page - Fujitsu Component Limited. FTR-K1L018WLABG Datasheet HTML 2Page - Fujitsu Component Limited. FTR-K1L018WLABG Datasheet HTML 3Page - Fujitsu Component Limited. FTR-K1L018WLABG Datasheet HTML 4Page - Fujitsu Component Limited. FTR-K1L018WLABG Datasheet HTML 5Page - Fujitsu Component Limited. FTR-K1L018WLABG Datasheet HTML 6Page - Fujitsu Component Limited. FTR-K1L018WLABG Datasheet HTML 7Page - Fujitsu Component Limited. FTR-K1L018WLABG Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
FTR-K1 SERIES
Type
Compliance
Contactrating
UL
UL508
E6364
Flammability:UL94-V0(plastics)
FTR-KAL()W-(LA,LB)
10A,277VAC(resistive)
/3HP,25VAC
1/2HP,277VAC
Pilotduty:B300
FTR-KCL()W-LA
10A,277VAC(resistive)
CSA
C22.2No.4
LR40304
VDE
0435,0631,0700,0860
FTR-KAL()W-(LA,LB)
0A,250VAC,50,000cycles,LA:85ºC,LB:05ºC
3A,250VAC(cosØ=0.4),00,000cycles,LA:85ºC,LB:05ºC
FTR-KCL()W-LA
0A,250VAC,00,000cycles,85ºC
SEMKO
EN6058-:992andA
EN6095:993andA+A
250VAC,0(3)A40T85(-LA)
250VAC,0(3)A40T05(-LB)
n
SAFETY STANDARDS
n
INSULATION
Item
FTR-K
Note
Resistance(initial)
Minimum1,000MΩ1min.
at500VDC
Dielectric
Strength
opencontacts
,000VAC(50/60Hz)min.
coilandcontacts
5,000VAC(50/60Hz)min.
SurgeVoltage(coilandcontact)
0,000V
1.2x50µsstandardwave
Clearance/Creepage
0mm/0mm
Insulation(DINEN680-VDE0435)
Voltage
Pollution
Isolationmaterialgroup
250V
3
IIIa
Isolationcategory/Referencevoltage(VDE00b) C/250V
ComplieswithNEMKO,DEMKO,FIMKO


Similar Part No. - FTR-K1L018WLABG

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-K1LAK012T FUJITSU-FTR-K1LAK012T Datasheet
418Kb / 6P
   POWER RELAY 1 POLE - 16A / Inrush 80A type
FTR-K1LAK012W FUJITSU-FTR-K1LAK012W Datasheet
418Kb / 6P
   POWER RELAY 1 POLE - 16A / Inrush 80A type
FTR-K1LCK012T FUJITSU-FTR-K1LCK012T Datasheet
418Kb / 6P
   POWER RELAY 1 POLE - 16A / Inrush 80A type
FTR-K1LCK012W FUJITSU-FTR-K1LCK012W Datasheet
418Kb / 6P
   POWER RELAY 1 POLE - 16A / Inrush 80A type
FTR-K1LDAK012T FUJITSU-FTR-K1LDAK012T Datasheet
418Kb / 6P
   POWER RELAY 1 POLE - 16A / Inrush 80A type
More results

Similar Description - FTR-K1L018WLABG

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
JV-12S-KS FUJITSU-JV-12S-KS Datasheet
357Kb / 6P
   POWER RELAY 1 POLE - 10A High Power Relay
VS-12SMBU-N-UC FUJITSU-VS-12SMBU-N-UC Datasheet
930Kb / 12P
   POWER RELAY 1 POLE-10A
VS-12STCU-E FUJITSU-VS-12STCU-E Datasheet
609Kb / 9P
   POWER RELAY 1 POLE - 10A
VS-SERIES FUJITSU-VS-SERIES Datasheet
1Mb / 9P
   POWER RELAY 1 POLE - 10A
logo
List of Unclassifed Man...
JV-KS ETC1-JV-KS Datasheet
1Mb / 7P
   POWER RELAY 1 POLE - 10A Medium Load Control
logo
Fujitsu Component Limit...
FTR-K1-TC FUJITSU-FTR-K1-TC Datasheet
824Kb / 14P
   POWER RELAY 1 POLE - 16A/12A/10A Transparent cover
JV-3S-KT FUJITSU-JV-3S-KT Datasheet
606Kb / 8P
   POWER RELAY 1 POLE - 5A/10A Medium Load Control
logo
Omron Electronics LLC
G5LE OMRON-G5LE_V01 Datasheet
137Kb / 4P
   Cubic, Single-pole 10A Power Relay
G5Q-1A4-DC24 OMRON-G5Q-1A4-DC24 Datasheet
497Kb / 5P
   A Miniature Power Relay with 1-pole 10A Switching Capacity
logo
List of Unclassifed Man...
G5LA1ECF12DC ETC2-G5LA1ECF12DC Datasheet
176Kb / 5P
   A Cubic, Single-pole 10A Power Relay
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com