Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTR-H1AA012VRG Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # FTR-H1AA012VRG
Description  POWER RELAY 1 POLE-10 A LOW PROFILE TYPE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-H1AA012VRG Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  FTR-H1AA012VRG Datasheet HTML 1Page - Fujitsu Component Limited. FTR-H1AA012VRG Datasheet HTML 2Page - Fujitsu Component Limited. FTR-H1AA012VRG Datasheet HTML 3Page - Fujitsu Component Limited. FTR-H1AA012VRG Datasheet HTML 4Page - Fujitsu Component Limited. FTR-H1AA012VRG Datasheet HTML 5Page - Fujitsu Component Limited. FTR-H1AA012VRG Datasheet HTML 6Page - Fujitsu Component Limited. FTR-H1AA012VRG Datasheet HTML 7Page - Fujitsu Component Limited. FTR-H1AA012VRG Datasheet HTML 8Page - Fujitsu Component Limited. FTR-H1AA012VRG Datasheet HTML 9Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
FTR-H1 SERIES
Ordering Part Number
Series
Contact
Coil Power
Coil
Voltage
Contact Material
FTR-H1AA005V
FTR-H1
A: 1 form A
A: 530 mW
5
V: Gold plate silver
tin oxide
FTR-H1AA006V
6
FTR-H1AA009V
9
FTR-H1AA012V
12
FTR-H1AA024V
24
FTR-H1AA048V
48
FTR-H1CA005V
C: 1 form C
5
FTR-H1CA006V
6
FTR-H1CA009V
9
FTR-H1CA012V
12
FTR-H1CA024V
24
FTR-H1CA048V
48
Ordering Part Number
Series
Contact
Coil Power
Coil
Voltage
Contact Material
FTR-H1AA005T
FTR-H1 A: 1 form A
A: 530 mW
5
T: Gold plate silver
tin oxide (TV-5)
FTR-H1AA006T
6
FTR-H1AA009T
9
FTR-H1AA012T
12
FTR-H1AA024T
24
FTR-H1AA048T
48
Ordering Part Number
Series
Contact
Coil Power
Coil
Voltage
Contact Material
FTR-H1AD005V
FTR-H1
A: 1 form A
D: 400 mW
5
V: Gold plate silver
tin oxide
FTR-H1AD006V
6
FTR-H1AD009V
9
FTR-H1AD012V
12
FTR-H1AD024V
24
FTR-H1AD048V
48
FTR-H1CD005V
C: 1 form C
5
FTR-H1CD006V
6
FTR-H1CD009V
9
FTR-H1CD012V
12
FTR-H1CD024V
24
FTR-H1CD048V
48
Standard type (530 mW)
TV-5 rating
High sensitive type (400 mW)
n
PART NUMBERS


Similar Part No. - FTR-H1AA012VRG

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-H1AA012V FUJITSU-FTR-H1AA012V Datasheet
688Kb / 8P
   POWER RELAY 1 POLE-10 A LOW PROFILE TYPE
More results

Similar Description - FTR-H1AA012VRG

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-H1 FUJITSU-FTR-H1 Datasheet
688Kb / 8P
   POWER RELAY 1 POLE-10 A LOW PROFILE TYPE
FTR-H3 FUJITSU-FTR-H3 Datasheet
514Kb / 6P
   SILENT POWER RELAY 1 POLE-10 A LOW PROFILE TYPE FTR-H3 SERIES
FTR-H2 FUJITSU-FTR-H2 Datasheet
564Kb / 8P
   POWER RELAY 1 POLE-10 A (CADMIUM FREE CONTACTS TYPE)
logo
Fuji Electric
FBR160 FUJI-FBR160 Datasheet
56Kb / 6P
   POWER RELAY 1 POLE-3, 5, 10 A
logo
Fujitsu Component Limit...
LZG-B12HMSE-K FUJITSU-LZG-B12HMSE-K Datasheet
58Kb / 6P
   POWER RELAY 1 POLE-1, 3, 5, 10 A (CADMIUM FREE CONTACTS TYPE)
FTR-F3 FUJITSU-FTR-F3_1 Datasheet
637Kb / 7P
   POWER RELAY 1 POLE 3A SLIM TYPE RELAY
FTR-F3HA FUJITSU-FTR-F3HA Datasheet
603Kb / 7P
   POWER RELAY 1 POLE 5A SLIM TYPE RELAY
FTR-JR FUJITSU-FTR-JR Datasheet
524Kb / 7P
   POWER RELAY 1 POLE 16 A-SLIM POWER RELAY
FTR-F3AA005E-HA FUJITSU-FTR-F3AA005E-HA Datasheet
605Kb / 8P
   POWER RELAY 1 POLE 5A SLIM TYPE RELAY
LZ-B12HMSE-KHV-UC FUJITSU-LZ-B12HMSE-KHV-UC Datasheet
424Kb / 10P
   POWER RELAY 1 POLE-1, 3, 5, 10 A(MEDIUM LOAD CONTROL)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com