Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTR-K1CK006WMABG Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # FTR-K1CK006WMABG
Description  POWER RELAY 1 POLE - 12A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-K1CK006WMABG Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  FTR-K1CK006WMABG Datasheet HTML 1Page - Fujitsu Component Limited. FTR-K1CK006WMABG Datasheet HTML 2Page - Fujitsu Component Limited. FTR-K1CK006WMABG Datasheet HTML 3Page - Fujitsu Component Limited. FTR-K1CK006WMABG Datasheet HTML 4Page - Fujitsu Component Limited. FTR-K1CK006WMABG Datasheet HTML 5Page - Fujitsu Component Limited. FTR-K1CK006WMABG Datasheet HTML 6Page - Fujitsu Component Limited. FTR-K1CK006WMABG Datasheet HTML 7Page - Fujitsu Component Limited. FTR-K1CK006WMABG Datasheet HTML 8Page - Fujitsu Component Limited. FTR-K1CK006WMABG Datasheet HTML 9Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
FTR-K1 SERIES
Type
Compliance
Contactrating
UL
UL508
E6364
Flammability:UL94-V0(plastics)
FTR-KCK()W-(MA,MB)
2A,24VAC(resistive)
16A,277VAC(resistive)
1/2HP,277VAC
/3HP,3HP,25VAC
/8HP,25VAC
Pilotduty:B300
FTR-KAK()W-(MA,MB)
6A,24VAC(resistive)
16A,277VAC(resistive)
1/2HP,277VAC
/3HP,3HP,25VAC
Pilotduty:B300
CSA
C22.2No.4
LR40304
FTR-K(A,C)K()W-(MA,MB)
12A,277VAC/24VAC(resistive)
16A,277VAC/24VAC(resistive)
1/2HP,277VAC
/3HP,3HP,25VAC
Pilotduty:B300
VDE
0435,0631,0700,0860,
4003848
FTR-K(A,C)K()W-(MA,MB)
12A,250VAC(cosØ=1),85˚C
16A,250VAC(cosØ=1),85˚C
12A,24VDC(0ms),85˚C
16A,24VDC(0ms),85˚C
3.5A,250VAC(cosØ=0.4),85˚C
SEMKO
EN6058-:992andA
EN6095:993andA+A
250VAC,2(3)A40T85
n
SAFETY STANDARDS
n
INSULATION
Item
FTR-K
Note
Resistance(initial)
Minimum1,000MΩ1min.
at500VDC
Dielectric
Strength
opencontacts
,000VAC(50/60Hz)min.
coilandcontacts
5,000VAC(50/60Hz)min.
SurgeVoltage(coilandcontact)
0,000V
1.2x50µsstandardwave
Clearance/Creepage
0mm/0mm
Insulation(DINEN680-VDE0435)
Voltage
Pollution
Isolationmaterialgroup
250V
3
IIIa
Isolationcategory/Referencevoltage(VDE00b) C/250V
ComplieswithNEMKO,DEMKO,FIMKO


Similar Part No. - FTR-K1CK006WMABG

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-K1CK006W- FUJITSU-FTR-K1CK006W- Datasheet
533Kb / 8P
   1 POLE - 16A LOW PROFILE TYPE
FTR-K1CK006W-HT FUJITSU-FTR-K1CK006W-HT Datasheet
623Kb / 8P
   POWER RELAY 1 POLE - 16A 105C
FTR-K1CK006W-LA FUJITSU-FTR-K1CK006W-LA Datasheet
533Kb / 8P
   1 POLE - 16A LOW PROFILE TYPE
FTR-K1CK006W-LB FUJITSU-FTR-K1CK006W-LB Datasheet
533Kb / 8P
   1 POLE - 16A LOW PROFILE TYPE
FTR-K1CK006W-MA FUJITSU-FTR-K1CK006W-MA Datasheet
533Kb / 8P
   1 POLE - 16A LOW PROFILE TYPE
More results

Similar Description - FTR-K1CK006WMABG

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-K1-TC FUJITSU-FTR-K1-TC Datasheet
824Kb / 14P
   POWER RELAY 1 POLE - 16A/12A/10A Transparent cover
VS-12SMBU-N-UC FUJITSU-VS-12SMBU-N-UC Datasheet
930Kb / 12P
   POWER RELAY 1 POLE-10A
VS-12STCU-E FUJITSU-VS-12STCU-E Datasheet
609Kb / 9P
   POWER RELAY 1 POLE - 10A
VS-12SMBU-NR-UC FUJITSU-VS-12SMBU-NR-UC Datasheet
1Mb / 12P
   POWER RELAY 1 POLE-15A
VS-SERIES FUJITSU-VS-SERIES Datasheet
1Mb / 9P
   POWER RELAY 1 POLE - 10A
JV-12S-KS FUJITSU-JV-12S-KS Datasheet
357Kb / 6P
   POWER RELAY 1 POLE - 10A High Power Relay
FTR-K3L-WG FUJITSU-FTR-K3L-WG Datasheet
386Kb / 8P
   POWER RELAY 1 POLE - 25A - Latching relay
FTR-MY FUJITSU-FTR-MY Datasheet
468Kb / 7P
   POWER RELAY 1 POLE - 5A SLIM POWER RELAY
FTR-K3L FUJITSU-FTR-K3L Datasheet
234Kb / 7P
   POWER RELAY 1 POLE - 25A Latching Relay
FBR572 FUJITSU-FBR572_08 Datasheet
525Kb / 10P
   COMPACT POWER RELAY 1 POLE X 2-12A (28VDC) (FOR 24V BATTERY AUTOMOTIVE APPLICATIONS)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com